Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

27C801 Datasheet(PDF) 8 Page - STMicroelectronics

Part # 27C801
Description  8 Mbit 1Mb x 8 UV EPROM and OTP EPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

27C801 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button 27C801 Datasheet HTML 4Page - STMicroelectronics 27C801 Datasheet HTML 5Page - STMicroelectronics 27C801 Datasheet HTML 6Page - STMicroelectronics 27C801 Datasheet HTML 7Page - STMicroelectronics 27C801 Datasheet HTML 8Page - STMicroelectronics 27C801 Datasheet HTML 9Page - STMicroelectronics 27C801 Datasheet HTML 10Page - STMicroelectronics 27C801 Datasheet HTML 11Page - STMicroelectronics 27C801 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
M27C801
8/16
Figure 6. MARGIN MODE AC Waveforms
Note: A8 High level = 5V; A9 High level = 12V.
AI00736B
tA9HVPH
tVPXA9X
A8
E
GVPP
A10 Set
VCC
tVPHEL
tA10LEH
tEXVPX
tA10HEH
A9
A10 Reset
tEXA10X
Table 11. Programming Mode DC Characteristics (1)
(TA = 25 °C; VCC = 6.25V ± 0.25V; VPP = 12.75V ± 0.25V)
Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
2. Sampled only, not 100% tested.
Symbol
Alt
Parameter
Test Condition
Min
Max
Unit
tAVEL
tAS
Address Valid to Chip Enable Low
2
µs
tQVEL
tDS
Input Valid to Chip Enable Low
2
µs
tVCHEL
tVCS
VCC High to Chip Enable Low
2µs
tVPHEL
tOES
VPP High to Chip Enable Low
2µs
tVPLVPH
tPRT
VPP Rise Time
50
ns
tELEH
tPW
Chip Enable Program Pulse Width (Initial)
45
55
µs
tEHQX
tDH
Chip Enable High to Input Transition
2
µs
tEHVPX
tOEH
Chip Enable High to VPP Transition
2µs
tVPLEL
tVR
VPP Low to Chip Enable Low
2µs
tELQV
tDV
Chip Enable Low to Output Valid
1
µs
tEHQZ
(2)
tDFP
Chip Enable High to Output Hi-Z
0
130
ns
tEHAX
tAH
Chip Enable High to Address Transition
0
ns


Similar Part No. - 27C801

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
27C800 STMICROELECTRONICS-27C800 Datasheet
171Kb / 18P
   8 Mbit 1Mb x8 or 512Kb x16 UV EPROM and OTP EPROM
logo
ATMEL Corporation
27C800 ATMEL-27C800 Datasheet
177Kb / 10P
   8-Megabit 512K x 16 or 1024K x 8 UV Erasable EPROM
logo
Macronix International
27C800 MCNIX-27C800 Datasheet
936Kb / 15P
   8M-BIT [1M x8] CMOS EPROM
27C8000-10 MCNIX-27C8000-10 Datasheet
985Kb / 15P
   8M-BIT [1M x8] CMOS EPROM
27C8000-12 MCNIX-27C8000-12 Datasheet
985Kb / 15P
   8M-BIT [1M x8] CMOS EPROM
More results

Similar Description - 27C801

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C801 STMICROELECTRONICS-M27C801_07 Datasheet
207Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
M27C801-100N1 STMICROELECTRONICS-M27C801-100N1 Datasheet
212Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
September 2007 Rev 6
M27W801 STMICROELECTRONICS-M27W801_06 Datasheet
202Kb / 24P
   8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
M27V801 STMICROELECTRONICS-M27V801 Datasheet
108Kb / 16P
   8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
M27W801 STMICROELECTRONICS-M27W801 Datasheet
108Kb / 16P
   8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
M27W800 STMICROELECTRONICS-M27W800 Datasheet
140Kb / 15P
   8 Mbit 1Mb x 8 or 512Kb x 16 Low Voltage UV EPROM and OTP EPROM
M27C2001-12C1 STMICROELECTRONICS-M27C2001-12C1 Datasheet
261Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
M27C2001 STMICROELECTRONICS-M27C2001_06 Datasheet
227Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
M27C4001 STMICROELECTRONICS-M27C4001_06 Datasheet
215Kb / 24P
   4 Mbit (512Kb x 8) UV EPROM and OTP EPROM
M27C4001 STMICROELECTRONICS-M27C4001 Datasheet
158Kb / 17P
   4 Mbit 512Kb x 8 UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com