Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29DW323DB70ZA6E Datasheet(PDF) 10 Page - STMicroelectronics

Part # M29DW323DB70ZA6E
Description  32 Mbit 4Mb x8 or 2Mb x16, Dual Bank 8:24, Boot Block 3V Supply Flash Memory
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29DW323DB70ZA6E Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M29DW323DB70ZA6E Datasheet HTML 6Page - STMicroelectronics M29DW323DB70ZA6E Datasheet HTML 7Page - STMicroelectronics M29DW323DB70ZA6E Datasheet HTML 8Page - STMicroelectronics M29DW323DB70ZA6E Datasheet HTML 9Page - STMicroelectronics M29DW323DB70ZA6E Datasheet HTML 10Page - STMicroelectronics M29DW323DB70ZA6E Datasheet HTML 11Page - STMicroelectronics M29DW323DB70ZA6E Datasheet HTML 12Page - STMicroelectronics M29DW323DB70ZA6E Datasheet HTML 13Page - STMicroelectronics M29DW323DB70ZA6E Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
M29DW323DT, M29DW323DB
10/49
Figure 7. Block Addresses (x16)
Note: Also see Appendix A, Tables 21 and 22 for a full listing of the Block Addresses.
AI05555
64 KByte or
32 KWord
000000h
007FFFh
64 KByte or
32 KWord
1F0000h
1F7FFFh
Top Boot Block (x16)
Address lines A20-A0
64 KByte or
32 KWord
178000h
17FFFFh
Total of 48
Main Blocks
64 KByte or
32 KWord
180000h
187FFFh
8 KByte or
4 KWord
1FF000h
1FFFFFh
8 KByte or
4 KWord
1F8000h
1F8FFFh
Total of 15
Main Blocks
Total of 8
Parameter
Blocks (1)
Bank B
Bank A
8 KByte or
4 KWord
000000h
000FFFh
64 KByte or
32 KWord
078000h
07FFFFh
Bottom Boot Block (x16)
Address lines A20-A0
8 KByte or
4 KWord
007000h
007FFFh
Total of 8
Parameter
Blocks (1)
64 KByte or
32 KWord
008000h
00FFFFh
64 KByte or
32 KWord
1F8000h
1FFFFFh
64 KByte or
32 KWord
080000h
087FFFh
Total of 15
Main Blocks
Total of 48
Main Blocks
Bank B
Bank A
Note 1. Used as Extended Block Addresses in Extended Block mode.


Similar Part No. - M29DW323DB70ZA6E

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M29DW323DB70ZE1 NUMONYX-M29DW323DB70ZE1 Datasheet
1Mb / 51P
   32 Mbit (4Mb x8 or 2Mb x16, Dual Bank 8:24, Boot Block) 3V Supply Flash Memory
M29DW323DB70ZE1E NUMONYX-M29DW323DB70ZE1E Datasheet
1Mb / 51P
   32 Mbit (4Mb x8 or 2Mb x16, Dual Bank 8:24, Boot Block) 3V Supply Flash Memory
M29DW323DB70ZE1F NUMONYX-M29DW323DB70ZE1F Datasheet
1Mb / 51P
   32 Mbit (4Mb x8 or 2Mb x16, Dual Bank 8:24, Boot Block) 3V Supply Flash Memory
M29DW323DB70ZE1T NUMONYX-M29DW323DB70ZE1T Datasheet
1Mb / 51P
   32 Mbit (4Mb x8 or 2Mb x16, Dual Bank 8:24, Boot Block) 3V Supply Flash Memory
M29DW323DB70ZE6 NUMONYX-M29DW323DB70ZE6 Datasheet
1Mb / 51P
   32 Mbit (4Mb x8 or 2Mb x16, Dual Bank 8:24, Boot Block) 3V Supply Flash Memory
More results

Similar Description - M29DW323DB70ZA6E

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M29DW323DT NUMONYX-M29DW323DT Datasheet
1Mb / 51P
   32 Mbit (4Mb x8 or 2Mb x16, Dual Bank 8:24, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M29W320DT STMICROELECTRONICS-M29W320DT Datasheet
524Kb / 56P
   32 Mbit 4Mb x8 or 2Mb x16, Boot Block 3V Supply Flash Memory
M29W320ET STMICROELECTRONICS-M29W320ET Datasheet
887Kb / 46P
   32 Mbit (4Mb x8 or 2Mb x16, Boot Block) 3V Supply Flash Memory
M29DW324DT STMICROELECTRONICS-M29DW324DT Datasheet
815Kb / 49P
   32 Mbit 4Mb x8 or 2Mb x16, Dual Bank 16:16, Boot Block 3V Supply Flash Memory
logo
Numonyx B.V
M29DW324DT NUMONYX-M29DW324DT Datasheet
1Mb / 50P
   32 Mbit (4Mb x8 or 2Mb x16, Dual Bank 16:16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M58LW032D STMICROELECTRONICS-M58LW032D_04 Datasheet
799Kb / 50P
   32 Mbit (4Mb x8, 2Mb x16, Uniform Block) 3V Supply Flash Memory
M58LW032D STMICROELECTRONICS-M58LW032D Datasheet
748Kb / 51P
   32 Mbit 4Mb x8, 2Mb x16, Uniform Block 3V Supply Flash Memory
logo
Numonyx B.V
M28W320FCT NUMONYX-M28W320FCT Datasheet
1Mb / 69P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
logo
STMicroelectronics
M28W320CT STMICROELECTRONICS-M28W320CT Datasheet
414Kb / 42P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
M28W320BT STMICROELECTRONICS-M28W320BT Datasheet
211Kb / 43P
   32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
May 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com