Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNY17-3 Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # CNY17-3
Description  6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

CNY17-3 Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  CNY17-3 Datasheet HTML 1Page - Everlight Electronics Co., Ltd CNY17-3 Datasheet HTML 2Page - Everlight Electronics Co., Ltd CNY17-3 Datasheet HTML 3Page - Everlight Electronics Co., Ltd CNY17-3 Datasheet HTML 4Page - Everlight Electronics Co., Ltd CNY17-3 Datasheet HTML 5Page - Everlight Electronics Co., Ltd CNY17-3 Datasheet HTML 6Page - Everlight Electronics Co., Ltd CNY17-3 Datasheet HTML 7Page - Everlight Electronics Co., Ltd CNY17-3 Datasheet HTML 8Page - Everlight Electronics Co., Ltd CNY17-3 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
6 PIN DIP PHOTOTRANSISTOR
PHOTOCOUPLER
Everlight Electronics Co., Ltd.
1
http:\\www.everlight.com
Document No:DPC-717-045 Rev. 3
April 1, 2007
CNY17-X Series
CNY17F-X Series
Features
• Current transfer ratios in selected narrow range groups
CNY17-1, CNY17F-1: 40-80%
CNY17-2, CNY17F-2: 63-125%
CNY17-3, CNY17F-3: 100-200%
CNY17-4, CNY17F-4:160-320%
• High isolation voltage between input and output
(Viso = 5000 Vrms)
• Creepage distance > 7.6 mm
• Operating temperature up to +110°C
• The CNY17F-X series offers no external base connection
for minimum noise susceptibility
• Compact dual-in-line package
• Pb free and RoHS compliant.
• UL approved (No. E214129)
Schematic
• VDE approved (No. 132249)
• SEMKO approved (No. 716108 /No. 716109)
• NEMKO (No. P06206747)
• DEMKO (No. 313924)
• FIMKO (No. FI 22807)
• CSA approved (No.1969132)
Description
CNY17-X
The CNY17-X and CNY17F-X series of devices each
consist of an infrared emitting diode optically coupled to a
phototransistor.
1. Anode
2. Cathode
3. No Connection
4. Emitter
5. Collector
6. Base
They are packaged in a 6-pin DIP package and
available in wide-lead spacing and SMD option.
Applications
• Power supply regulators
• Digital logic inputs
• Microprocessor inputs
CNY17F-X
1. Anode
2. Cathode
3. No Connection
4. Emitter
5. Collector
6. No Connection


Similar Part No. - CNY17-3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY17-3 VISHAY-CNY17-3 Datasheet
192Kb / 10P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.5, 26-Oct-04
logo
Lite-On Technology Corp...
CNY17-3 LITEON-CNY17-3 Datasheet
170Kb / 9P
   LITE-ON TECHNOLOGY CORPORATION
logo
Toshiba Semiconductor
CNY17-3 TOSHIBA-CNY17-3 Datasheet
323Kb / 6P
   IRED & PHOTO-TRANSISTOR (AC LINE/DIGITAL LOGIC ISOLATOR)
logo
Lite-On Technology Corp...
CNY17-3 LITEON-CNY17-3 Datasheet
169Kb / 9P
   High collector-emitter voltage
logo
QT Optoelectronics
CNY17-3 QT-CNY17-3 Datasheet
546Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
More results

Similar Description - CNY17-3

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
4N2X EVERLIGHT-4N2X_08 Datasheet
394Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
4N2X EVERLIGHT-4N2X_13 Datasheet
1Mb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
TIL11X EVERLIGHT-TIL11X Datasheet
419Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
H11AAX EVERLIGHT-H11AAX_15 Datasheet
828Kb / 12P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
TIL11X EVERLIGHT-TIL11X_13 Datasheet
1Mb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
4N2X EVERLIGHT-4N2X Datasheet
364Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
CNY17-X EVERLIGHT-CNY17-X_13 Datasheet
1Mb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
H11AA1S1 EVERLIGHT-H11AA1S1 Datasheet
1Mb / 12P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER AC INPUT PHOTOCOUPLER
logo
Sharp Corporation
PC715V0NSZXF SHARP-PC715V0NSZXF Datasheet
217Kb / 13P
   DIP 6 pin Darlington Phototransistor Output Photocoupler
logo
Everlight Electronics C...
H11AAX EVERLIGHT-H11AAX Datasheet
408Kb / 12P
   6 PIN DIP PHOTOTRANSISTOR AC INPUT PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com