Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNY17-4 Datasheet(PDF) 7 Page - Everlight Electronics Co., Ltd

Part # CNY17-4
Description  6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

CNY17-4 Datasheet(HTML) 7 Page - Everlight Electronics Co., Ltd

Back Button CNY17-4 Datasheet HTML 3Page - Everlight Electronics Co., Ltd CNY17-4 Datasheet HTML 4Page - Everlight Electronics Co., Ltd CNY17-4 Datasheet HTML 5Page - Everlight Electronics Co., Ltd CNY17-4 Datasheet HTML 6Page - Everlight Electronics Co., Ltd CNY17-4 Datasheet HTML 7Page - Everlight Electronics Co., Ltd CNY17-4 Datasheet HTML 8Page - Everlight Electronics Co., Ltd CNY17-4 Datasheet HTML 9Page - Everlight Electronics Co., Ltd CNY17-4 Datasheet HTML 10Page - Everlight Electronics Co., Ltd CNY17-4 Datasheet HTML 11Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
6 PIN DIP PHOTOTRANSISTOR
PHOTOCOUPLER
Everlight Electronics Co., Ltd.
7
http:\\www.everlight.com
Document No:DPC-717-045 Rev. 3
April 1, 2007
CNY17-X Series
CNY17F-X Series
Order Information
Part Number
CNY17-XY(Z)-V
or
CNY17F-XY(Z)-V
Note
X
= Part no. (1, 2, 3 or 4)
Y
= Lead form option (S, S1, M or none)
Z
= Tape and reel option (TA, TB or none).
V
= VDE (optional)
Option
Description
Packing quantity
None
Standard DIP-6
65 units per tube
M
Wide lead bend (0.4 inch spacing)
65 units per tube
S (TA)
Surface mount lead form + TA tape & reel option
1000 units per reel
S (TB)
Surface mount lead form + TB tape & reel option
1000 units per reel
S1 (TA)
Surface mount lead form (low profile) + TA tape & reel option
1000 units per reel
S1 (TB)
Surface mount lead form (low profile) + TB tape & reel option
1000 units per reel


Similar Part No. - CNY17-4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY17-4 VISHAY-CNY17-4 Datasheet
192Kb / 10P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.5, 26-Oct-04
logo
Lite-On Technology Corp...
CNY17-4 LITEON-CNY17-4 Datasheet
169Kb / 9P
   High collector-emitter voltage
logo
QT Optoelectronics
CNY17-4 QT-CNY17-4 Datasheet
546Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
List of Unclassifed Man...
CNY17-4 ETC1-CNY17-4 Datasheet
522Kb / 16P
   6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
logo
Fairchild Semiconductor
CNY17-4 FAIRCHILD-CNY17-4 Datasheet
228Kb / 11P
   PHOTOTRANSISTOR OPTOCOUPLERS
More results

Similar Description - CNY17-4

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
4N2X EVERLIGHT-4N2X_08 Datasheet
394Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
4N2X EVERLIGHT-4N2X_13 Datasheet
1Mb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
TIL11X EVERLIGHT-TIL11X Datasheet
419Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
H11AAX EVERLIGHT-H11AAX_15 Datasheet
828Kb / 12P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
TIL11X EVERLIGHT-TIL11X_13 Datasheet
1Mb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
4N2X EVERLIGHT-4N2X Datasheet
364Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
CNY17-X EVERLIGHT-CNY17-X_13 Datasheet
1Mb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
H11AA1S1 EVERLIGHT-H11AA1S1 Datasheet
1Mb / 12P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER AC INPUT PHOTOCOUPLER
logo
Sharp Corporation
PC715V0NSZXF SHARP-PC715V0NSZXF Datasheet
217Kb / 13P
   DIP 6 pin Darlington Phototransistor Output Photocoupler
logo
Everlight Electronics C...
H11AAX EVERLIGHT-H11AAX Datasheet
408Kb / 12P
   6 PIN DIP PHOTOTRANSISTOR AC INPUT PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com