Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALS-PT204-6C-L177 Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # ALS-PT204-6C-L177
Description  3mm DIP Ambient Light Sensor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ALS-PT204-6C-L177 Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

Back Button ALS-PT204-6C-L177 Datasheet HTML 2Page - Everlight Electronics Co., Ltd ALS-PT204-6C-L177 Datasheet HTML 3Page - Everlight Electronics Co., Ltd ALS-PT204-6C-L177 Datasheet HTML 4Page - Everlight Electronics Co., Ltd ALS-PT204-6C-L177 Datasheet HTML 5Page - Everlight Electronics Co., Ltd ALS-PT204-6C-L177 Datasheet HTML 6Page - Everlight Electronics Co., Ltd ALS-PT204-6C-L177 Datasheet HTML 7Page - Everlight Electronics Co., Ltd ALS-PT204-6C-L177 Datasheet HTML 8Page - Everlight Electronics Co., Ltd ALS-PT204-6C-L177 Datasheet HTML 9Page - Everlight Electronics Co., Ltd ALS-PT204-6C-L177 Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Document No: DAS-020-005 Rev1.1
Dec. 31, 2007
6
3mm DIP
Ambient Light Sensor
ALS-PT204-6C/L177
RL
GND
Vout
Vcc
CL
Iph
Light
Source
Converting Photocurrent to Voltage
Note:
1. The output voltage (Vout) is the product of photocurrent (IPH) and loading resistor (RL)
2. A right loading resistor shall be chosen to meet the requirement of maximum ambient light,
and output saturation voltage:
Vout(max.) = Iout(max.) × RL Vout(saturation)=Vcc-0.4V


Similar Part No. - ALS-PT204-6C-L177

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ALS-PT243-3C EVERLIGHT-ALS-PT243-3C Datasheet
365Kb / 11P
   5mm DIP Ambient Light Sensor
ALS-PT243-3C-L177 EVERLIGHT-ALS-PT243-3C-L177 Datasheet
365Kb / 11P
   5mm DIP Ambient Light Sensor
ALS-PT243-3C/L177 EVERLIGHT-ALS-PT243-3C/L177 Datasheet
365Kb / 11P
   5mm DIP Ambient Light Sensor
More results

Similar Description - ALS-PT204-6C-L177

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EAALSDIC03RDLA0 EVERLIGHT-EAALSDIC03RDLA0 Datasheet
1Mb / 7P
   Ambient Light Sensor ??DIP 3mm T-1
EAALST03RDAA0 EVERLIGHT-EAALST03RDAA0 Datasheet
479Kb / 7P
   Ambient Light Sensor ??DIP 3mm T-1
ALS-PT243-3C EVERLIGHT-ALS-PT243-3C Datasheet
365Kb / 11P
   5mm DIP Ambient Light Sensor
ALS-PDT144-6C-L451 EVERLIGHT-ALS-PDT144-6C-L451 Datasheet
382Kb / 8P
   3mm T-1 Ambient Light Sensor
ALS-PDIC144-6C-L378 EVERLIGHT-ALS-PDIC144-6C-L378 Datasheet
377Kb / 8P
   3mm T-1 Ambient Light Sensor
logo
AMI SEMICONDUCTOR
AMIS-74980X AMI-AMIS-74980X Datasheet
109Kb / 2P
   Ambient Light Sensor
logo
Vishay Siliconix
TEPT5600 VISHAY-TEPT5600 Datasheet
120Kb / 5P
   Ambient Light Sensor
Rev. 1.3, 28-Nov-06
logo
KODENSHI_AUK CORP.
KOE1615 KODENSHI-KOE1615 Datasheet
205Kb / 3P
   Ambient Light Sensor
logo
Vishay Siliconix
TEMD6010FX01 VISHAY-TEMD6010FX01_12 Datasheet
121Kb / 5P
   Ambient Light Sensor
Rev. 1.8, 20-Aug-12
logo
ON Semiconductor
NOA1212 ONSEMI-NOA1212_17 Datasheet
107Kb / 8P
   Ambient Light Sensor
November, 2017 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com