Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M34S32WBN5T Datasheet(PDF) 9 Page - STMicroelectronics

Part # M34S32WBN5T
Description  32K Serial I2C Bus EEPROM With User-Defined Read-Only Block and 32-Byte OTP Page
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34S32WBN5T Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M34S32WBN5T Datasheet HTML 5Page - STMicroelectronics M34S32WBN5T Datasheet HTML 6Page - STMicroelectronics M34S32WBN5T Datasheet HTML 7Page - STMicroelectronics M34S32WBN5T Datasheet HTML 8Page - STMicroelectronics M34S32WBN5T Datasheet HTML 9Page - STMicroelectronics M34S32WBN5T Datasheet HTML 10Page - STMicroelectronics M34S32WBN5T Datasheet HTML 11Page - STMicroelectronics M34S32WBN5T Datasheet HTML 12Page - STMicroelectronics M34S32WBN5T Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
M34S32
9/18
Write to the Control Register
The control register is accessed using a specific
Device Select Byte (as described in Table 3, and
as shown in Table 11 and Table 12).
The meanings of the bits in Table 11 can be sum-
marised as follows:
WCpol. This bit controls the polarity of the WC in-
put (to switch pin 7 between being a WC or WC in-
put). The default (initial) state of this bit is 0.
CRWD. This is the Control Register Write Disable
bit. When it is 0, pin 3 is a Don’t Care input, and the
control register is always writable. This is the de-
fault (initial) condition of this bit.
Table 11. Content of the Control Register
b7
b6
b5
b4
b3
b2
b1
b0
CRWD WCpol
X
B2
B1
B0
X
X
Table 12. Default values
b7
b6
b5
b4
b3
b2
b1
b0
00
X
0
0
0
X
X
Table 13. Operation of the WCpol Bit
pin 7 = high
pin 7 = low
WCpol = 0
Whole EEPROM
and OTP page are
write protected
Write instructions
are allowed in the
EEPROM area,
and the OTP
page can be
written once
WCpol = 1
Write instructions
are allowed in the
EEPROM area,
and the OTP
page can be
written once
Whole EEPROM
and OTP page are
write protected
Table 14. Operation of the CRWD Bit
pin 3 = high
pin 3 = low
CRWD = 0
Control register is writable
CRWD = 1
Control register is
writable
Control register is
write protected
(read only)
B2,B1,B0. These bits control the size of the ROM
block. Their initial, default state is 0, 0, 0.
In all cases, except when (B2,B1,B0)=(0,0,0), the
selected area of EEPROM becomes read only
(Write Protected) regardless of the status of the
other bits and pins. However, the Control Register
itself remains alterable in accordance with the sta-
tus of WC, WCpol, WCR and CRWD.
Write to the OTP Page
The OTP page is accessed by addressing the de-
vice using the specific, Device Select Byte (as de-
scribed in Table 3).
The correct sequence for this instruction can be
sketched out as follows:
Start
OTP Page Select(= 1010 0010)
Ack
Address (MSB) (= xxxx 0000)
Ack
Address (LSB) (= 0000 0000)
Ack
Data
(= byte to be written)
Ack
........
Data
(= byte to be written)
Ack
Stop
If one bit of the OTP Page Select differs from the
above values, the OTP Page Select will NOT be
acknowledged and the WRITE instruction will be
ignored.
Table 15. Operation of the B2, B1 and B0 Bits
B2,B1,B0
ROM block size and location
0,0,0
0
All bits are EEPROM
0,0,1
1/64
ROM block=00h to 01FFh (512)
0,1,0
1/32
ROM block=00h to 03FFh (1K)
0,1,1
1/16
ROM block=00h to 07FFh (2K)
1,0,0
1/8
ROM block=00h to 0FFFh (4K)
1,0,1
1/4
ROM block=00h to 1FFFh (8K)
1,1,0
1/2
ROM block=00h to 3FFFh (16K)
1,1,1
1
All bits are ROM


Similar Part No. - M34S32WBN5T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M34S75C4F1 ETC2-M34S75C4F1 Datasheet
194Kb / 7P
   Compact Automotive Connectors for PCB-to-Cable Applications
logo
Japan Aviation Electron...
M34S75C4F1 JAE-M34S75C4F1 Datasheet
127Kb / 1P
   025 FEMALE TERMINAL MSP1R
M34S75C4F1 JAE-M34S75C4F1 Datasheet
147Kb / 2P
   Transportation
logo
List of Unclassifed Man...
M34S75C4F2 ETC2-M34S75C4F2 Datasheet
194Kb / 7P
   Compact Automotive Connectors for PCB-to-Cable Applications
logo
Japan Aviation Electron...
M34S75C4F2 JAE-M34S75C4F2 Datasheet
126Kb / 1P
   025 FEMALE TERMINAL MSP1R
More results

Similar Description - M34S32WBN5T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST24C16 STMICROELECTRONICS-ST24C16 Datasheet
126Kb / 17P
   16 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection
February 1999
ST24C08 STMICROELECTRONICS-ST24C08 Datasheet
125Kb / 16P
   8 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection
February 1999
ST24C04 STMICROELECTRONICS-ST24C04 Datasheet
125Kb / 16P
   4 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection
February 1999
logo
Asahi Kasei Microsystem...
AK6010A AKM-AK6010A Datasheet
165Kb / 15P
   I2C bus 32K / 64Kbit Serial CMOS EEPROM
logo
Microchip Technology
24AA174 MICROCHIP-24AA174 Datasheet
168Kb / 12P
   16K 1.8V Cascadable I2C??Serial EEPROM with OTP Security Page
2004
24LC174 MICROCHIP-24LC174 Datasheet
169Kb / 14P
   16K 2.5V Cascadable I2C??Serial EEPROM with OTP Security Page
2004
24AA32A MICROCHIP-24AA32A_09 Datasheet
652Kb / 34P
   32K I2C??Serial EEPROM
2009
24LC32A MICROCHIP-24LC32A Datasheet
1,019Kb / 42P
   32K I2C Serial EEPROM
01/05/10
24AA32A MICROCHIP-24AA32A Datasheet
1,019Kb / 42P
   32K I2C Serial EEPROM
01/05/10
24AA32A MICROCHIP-24AA32A_1 Datasheet
639Kb / 36P
   32K I2C??Serial EEPROM
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com