Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M34S32WBN5T Datasheet(PDF) 2 Page - STMicroelectronics

Part # M34S32WBN5T
Description  32K Serial I2C Bus EEPROM With User-Defined Read-Only Block and 32-Byte OTP Page
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34S32WBN5T Datasheet(HTML) 2 Page - STMicroelectronics

  M34S32WBN5T Datasheet HTML 1Page - STMicroelectronics M34S32WBN5T Datasheet HTML 2Page - STMicroelectronics M34S32WBN5T Datasheet HTML 3Page - STMicroelectronics M34S32WBN5T Datasheet HTML 4Page - STMicroelectronics M34S32WBN5T Datasheet HTML 5Page - STMicroelectronics M34S32WBN5T Datasheet HTML 6Page - STMicroelectronics M34S32WBN5T Datasheet HTML 7Page - STMicroelectronics M34S32WBN5T Datasheet HTML 8Page - STMicroelectronics M34S32WBN5T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2/18
M34S32
Figure 3. DIP Pin Connections
Table 2. Absolute Maximum Ratings(1)
Symbol
Parameter
Value
Unit
TA
Ambient Operating Temperature
–40 to 125
°C
TSTG
Storage Temperature
–65 to 150
°C
TLEAD
Lead Temperature, Soldering
(SO8 package)
40 sec
215
°C
(PSDIP8
package)
10 sec
260
°C
VIO
Input or Output Voltages
–0.6 to 6.5
V
VCC
Supply Voltage
–0.3 to 6.5
V
VESD
Electrostatic Discharge Voltage
(Human Body model)
1. MIL-STD-883C, 3015.7 (100 pF,
1500
Ω)
4000
V
Electrostatic Discharge Voltage
(Machine model)
2. EIAJ
IC-121
(Condition
C)
(200 pF, 0
Ω)
500
V
Note: 1. Except for the rating “Operating Temperature Range”, stresses above those listed in the Table “Absolute Maximum Ratings”
may cause permanent damage to the device. These are stress ratings only and operation of the device at these or any other
conditions above those indicated in the Operating sections of this specification is not implied. Exposure to Absolute Maximum
Rating conditions for extended periods may affect device reliability. Refer also to the STMicroelectronics SURE Program and
other relevant quality documents.
SDA
VSS
SCL
WC
NC
NC
VCC
WCR
AI02448
M34S32
1
2
3
4
8
7
6
5
Figure 4. SO Pin Connections
1
AI02449
2
3
4
8
7
6
5
SDA
VSS
SCL
WC
NC
NC
VCC
WCR
M34S32


Similar Part No. - M34S32WBN5T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M34S75C4F1 ETC2-M34S75C4F1 Datasheet
194Kb / 7P
   Compact Automotive Connectors for PCB-to-Cable Applications
logo
Japan Aviation Electron...
M34S75C4F1 JAE-M34S75C4F1 Datasheet
127Kb / 1P
   025 FEMALE TERMINAL MSP1R
M34S75C4F1 JAE-M34S75C4F1 Datasheet
147Kb / 2P
   Transportation
logo
List of Unclassifed Man...
M34S75C4F2 ETC2-M34S75C4F2 Datasheet
194Kb / 7P
   Compact Automotive Connectors for PCB-to-Cable Applications
logo
Japan Aviation Electron...
M34S75C4F2 JAE-M34S75C4F2 Datasheet
126Kb / 1P
   025 FEMALE TERMINAL MSP1R
More results

Similar Description - M34S32WBN5T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST24C16 STMICROELECTRONICS-ST24C16 Datasheet
126Kb / 17P
   16 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection
February 1999
ST24C08 STMICROELECTRONICS-ST24C08 Datasheet
125Kb / 16P
   8 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection
February 1999
ST24C04 STMICROELECTRONICS-ST24C04 Datasheet
125Kb / 16P
   4 Kbit Serial I2C Bus EEPROM with User-Defined Block Write Protection
February 1999
logo
Asahi Kasei Microsystem...
AK6010A AKM-AK6010A Datasheet
165Kb / 15P
   I2C bus 32K / 64Kbit Serial CMOS EEPROM
logo
Microchip Technology
24AA174 MICROCHIP-24AA174 Datasheet
168Kb / 12P
   16K 1.8V Cascadable I2C??Serial EEPROM with OTP Security Page
2004
24LC174 MICROCHIP-24LC174 Datasheet
169Kb / 14P
   16K 2.5V Cascadable I2C??Serial EEPROM with OTP Security Page
2004
24AA32A MICROCHIP-24AA32A_09 Datasheet
652Kb / 34P
   32K I2C??Serial EEPROM
2009
24LC32A MICROCHIP-24LC32A Datasheet
1,019Kb / 42P
   32K I2C Serial EEPROM
01/05/10
24AA32A MICROCHIP-24AA32A Datasheet
1,019Kb / 42P
   32K I2C Serial EEPROM
01/05/10
24AA32A MICROCHIP-24AA32A_1 Datasheet
639Kb / 36P
   32K I2C??Serial EEPROM
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com