Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELD-511USOWA Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # ELD-511USOWA
Description  0.56 inch Dual Digit Displays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELD-511USOWA Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

  ELD-511USOWA Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELD-511USOWA Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELD-511USOWA Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELD-511USOWA Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELD-511USOWA Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELD-511USOWA Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
0.56" Dual Digit Displays
ELD-511USOWA/S530-A3
█ Packing Quantity Specification
1. 20PCS/tube, 54 tubes/box
2. 4Boxes/Carton
Label Form Specification
CPN: Customer's Production Number
P/N : Production Number
QTY: Packing Quantity
CAT: Ranks
HUE: Dominant Wavelength
REF: Reference
LOT No: Lot Number
MADE IN CHINA: Production Place
Notes :
1. Above specification may be changed without notice. EVERLIGHT will reserve authority on
material change for above specification.
2. When using this product, please observe the absolute maximum ratings and the instructions
for using outlined in these specification sheets. EVERLIGHT assumes no responsibility for
any damage resulting from use of the product which does not comply with the absolute
maximum ratings and the instructions included in these specification sheets.
3. These specification sheets include materials protected under copyright of EVERLIGHT corporation.
Please don’t reproduce or cause anyone to reproduce them without EVERLIGHT’sconsent.
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev. : 1
Page: 6 of 6
Device Number :CDDD-511-037
Prepared date:2007/5/9
Prepared by: YanLi Zhong
LOT NO:
ELD-286GWB
QTY:
CPN:
PN:
/
HUE:
REF:
CAT:
MADE IN CHINA
EVERLIGHT
D511USOWA/S530-A3
EVERLIGHT ELECTRONICS CO., LTD.
Tel: (020) 84860913 , 84860914
Office: 7c Building ,Lian Hua Port lndustrial District, Lian Hua Shan
Fax: (020) 84860600
Bonded Pricessing, Zone Pan Yu, Guang Zhou, China
http:\\www.everlight.com


Similar Part No. - ELD-511USOWA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELD-511EWA EVERLIGHT-ELD-511EWA Datasheet
196Kb / 5P
   Technical Data Sheet 0.56inch Dual Digit Displays
ELD-511SURWA EVERLIGHT-ELD-511SURWA Datasheet
195Kb / 5P
   0.56 inch Dual Digit Displays
ELD-511SURWA-S530-A3 EVERLIGHT-ELD-511SURWA-S530-A3 Datasheet
195Kb / 5P
   0.56 inch Dual Digit Displays
ELD-511SURWA/S530-A3 EVERLIGHT-ELD-511SURWA/S530-A3 Datasheet
195Kb / 5P
   0.56 inch Dual Digit Displays
ELD-511SURWB-S530-A3 EVERLIGHT-ELD-511SURWB-S530-A3 Datasheet
210Kb / 5P
   0.56" Dual Digit Displays
More results

Similar Description - ELD-511USOWA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELD-511SURWA EVERLIGHT-ELD-511SURWA Datasheet
195Kb / 5P
   0.56 inch Dual Digit Displays
ELD-512USOWA EVERLIGHT-ELD-512USOWA Datasheet
168Kb / 6P
   0.56 inch Dual Digit Displays
ELD-512SURWA EVERLIGHT-ELD-512SURWA Datasheet
167Kb / 6P
   0.56 inch Dual Digit Displays
ELD-511SYGWA EVERLIGHT-ELD-511SYGWA Datasheet
162Kb / 6P
   0.56 inch Dual Digit Displays
ELD-512SYGWA EVERLIGHT-ELD-512SYGWA Datasheet
168Kb / 6P
   0.56 inch Dual Digit Displays
ELD-511SURWB-S530-A3 EVERLIGHT-ELD-511SURWB-S530-A3 Datasheet
210Kb / 5P
   0.56" Dual Digit Displays
ELD-512UBWA-C470 EVERLIGHT-ELD-512UBWA-C470 Datasheet
193Kb / 6P
   0.56" Dual Digit Displays
ELD-512SURWB-S530-A3 EVERLIGHT-ELD-512SURWB-S530-A3 Datasheet
216Kb / 5P
   0.56" Dual Digit Displays
logo
Lite-On Technology Corp...
LTD-6000 LITEON-LTD-6000 Datasheet
959Kb / 9P
   0.56 DUAL DIGIT NUMERIC DISPLAYS
logo
Everlight Electronics C...
ELSD-512SYGWA EVERLIGHT-ELSD-512SYGWA Datasheet
120Kb / 6P
   0.56 Dual Digit SMD Displays
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com