Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC7215 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC7215
Description  Micro-Power, Rail-to-Rail CMOS Comparators with Push-Pull/Open-Drain Outputs and TinyPak??Package
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC7215 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LMC7215_06 Datasheet HTML 3Page - National Semiconductor (TI) LMC7215_06 Datasheet HTML 4Page - National Semiconductor (TI) LMC7215_06 Datasheet HTML 5Page - National Semiconductor (TI) LMC7215_06 Datasheet HTML 6Page - National Semiconductor (TI) LMC7215_06 Datasheet HTML 7Page - National Semiconductor (TI) LMC7215_06 Datasheet HTML 8Page - National Semiconductor (TI) LMC7215_06 Datasheet HTML 9Page - National Semiconductor (TI) LMC7215_06 Datasheet HTML 10Page - National Semiconductor (TI) LMC7215_06 Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Notes
National does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and National reserves
the right at any time without notice to change said circuitry and specifications.
For the most current product information visit us at www.national.com.
LIFE SUPPORT POLICY
NATIONAL’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS
WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT AND GENERAL COUNSEL OF NATIONAL SEMICONDUCTOR
CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the body, or
(b) support or sustain life, and whose failure to perform when
properly used in accordance with instructions for use
provided in the labeling, can be reasonably expected to result
in a significant injury to the user.
2. A critical component is any component of a life support
device or system whose failure to perform can be reasonably
expected to cause the failure of the life support device or
system, or to affect its safety or effectiveness.
BANNED SUBSTANCE COMPLIANCE
National Semiconductor follows the provisions of the Product Stewardship Guide for Customers (CSP-9-111C2) and Banned Substances
and Materials of Interest Specification (CSP-9-111S2) for regulatory environmental compliance. Details may be found at:
www.national.com/quality/green.
Lead free products are RoHS compliant.
National Semiconductor
Americas Customer
Support Center
Email: new.feedback@nsc.com
Tel: 1-800-272-9959
National Semiconductor
Europe Customer Support Center
Fax: +49 (0) 180-530 85 86
Email: europe.support@nsc.com
Deutsch Tel: +49 (0) 69 9508 6208
English
Tel: +44 (0) 870 24 0 2171
Français Tel: +33 (0) 1 41 91 8790
National Semiconductor
Asia Pacific Customer
Support Center
Email: ap.support@nsc.com
National Semiconductor
Japan Customer Support Center
Fax: 81-3-5639-7507
Email: jpn.feedback@nsc.com
Tel: 81-3-5639-7560
www.national.com


Similar Part No. - LMC7215_06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC7215-Q1 TI-LMC7215-Q1 Datasheet
1Mb / 19P
[Old version datasheet]   Micro-Power, Rail-to-Rail CMOS Comparators with Push-Pull/Open-Drain Outputs
logo
National Semiconductor ...
LMC7215IM NSC-LMC7215IM Datasheet
360Kb / 11P
   Micro-Power, Rail-to-Rail CMOS Comparators with Open-Drain/Push-Pull Outputs and TinyPak??Package
logo
Texas Instruments
LMC7215IM/NOPB TI-LMC7215IM/NOPB Datasheet
1Mb / 19P
[Old version datasheet]   Micro-Power, Rail-to-Rail CMOS Comparators with Push-Pull/Open-Drain Outputs
logo
National Semiconductor ...
LMC7215IM5 NSC-LMC7215IM5 Datasheet
360Kb / 11P
   Micro-Power, Rail-to-Rail CMOS Comparators with Open-Drain/Push-Pull Outputs and TinyPak??Package
logo
Texas Instruments
LMC7215IM5 TI-LMC7215IM5 Datasheet
1Mb / 19P
[Old version datasheet]   Micro-Power, Rail-to-Rail CMOS Comparators with Push-Pull/Open-Drain Outputs
More results

Similar Description - LMC7215_06

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC7215 NSC-LMC7215 Datasheet
360Kb / 11P
   Micro-Power, Rail-to-Rail CMOS Comparators with Open-Drain/Push-Pull Outputs and TinyPak??Package
logo
Texas Instruments
LMC7215 TI-LMC7215_15 Datasheet
1Mb / 19P
[Old version datasheet]   Micro-Power, Rail-to-Rail CMOS Comparators with Push-Pull/Open-Drain Outputs
LMC7215IM5-NOPB TI1-LMC7215IM5-NOPB Datasheet
1Mb / 19P
[Old version datasheet]   LMC7215/LMC7215-Q1/LMC7225 Micro-Power, Rail-to-Rail CMOS Comparators with Push- Pull/Open-Drain Outputs
TLV7211 TI-TLV7211_07 Datasheet
474Kb / 19P
[Old version datasheet]   CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
TLV7211 TI-TLV7211_10 Datasheet
722Kb / 20P
[Old version datasheet]   CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
TLV7211 TI-TLV7211 Datasheet
469Kb / 16P
[Old version datasheet]   CMOS COMPARATORS WITH RAIL-TO-RAIL INPUT AND PUSH-PULL OUTPUT
logo
Global Mixed-mode Techn...
G1337 GMT-G1337 Datasheet
80Kb / 1P
   Dual Rail-to-Rail CMOS Comparators with Open- Drain Output
logo
New Japan Radio
NJU77230 NJRC-NJU77230 Datasheet
1Mb / 25P
   Rail-to-Rail Input,Push-Pull Output Low power CMOS Comparators
Ver.3
logo
Texas Instruments
TLV1811 TI1-TLV1811_V05 Datasheet
3Mb / 57P
[Old version datasheet]   TLV181x and TLV182x Family of 40 V Rail-to-Rail Input Comparators with Push-Pull or Open-Drain Output Options
REVISED SEPTEMBER 2023
TLV1811 TI1-TLV1811_V04 Datasheet
2Mb / 49P
[Old version datasheet]   TLV181x and TLV182x Family of 40 V Rail-to-Rail Input Comparators with Push-Pull or Open-Drain Output Options
REVISED SEPTEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com