Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29F010B45K1E Datasheet(PDF) 3 Page - STMicroelectronics

Part # M29F010B45K1E
Description  1 Mbit 128Kb x8, Uniform Block Single Supply Flash Memory
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F010B45K1E Datasheet(HTML) 3 Page - STMicroelectronics

  M29F010B45K1E Datasheet HTML 1Page - STMicroelectronics M29F010B45K1E Datasheet HTML 2Page - STMicroelectronics M29F010B45K1E Datasheet HTML 3Page - STMicroelectronics M29F010B45K1E Datasheet HTML 4Page - STMicroelectronics M29F010B45K1E Datasheet HTML 5Page - STMicroelectronics M29F010B45K1E Datasheet HTML 6Page - STMicroelectronics M29F010B45K1E Datasheet HTML 7Page - STMicroelectronics M29F010B45K1E Datasheet HTML 8Page - STMicroelectronics M29F010B45K1E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3/20
M29F010B
SUMMARY DESCRIPTION
The M29F010B is a 1 Mbit (128Kb x8) non-volatile
memory that can be read, erased and repro-
grammed. These operations can be performed us-
ing a single 5V supply. On power-up the memory
defaults to its Read mode where it can be read in
the same way as a ROM or EPROM.
The memory is divided into blocks that can be
erased independently so it is possible to preserve
valid data while old data is erased. Each block can
be protected independently to prevent accidental
Program or Erase commands from modifying the
memory. Program and Erase commands are writ-
ten to the Command Interface of the memory. An
on-chip Program/Erase Controller simplifies the
process of programming or erasing the memory by
taking care of all of the special operations that are
required to update the memory contents. The end
of a program or erase operation can be detected
and any error conditions identified. The command
set required to control the memory is consistent
with JEDEC standards.
Chip Enable, Output Enable and Write Enable sig-
nals control the bus operation of the memory.
They allow simple connection to most micropro-
cessors, often without additional logic.
The memory is offered in PLCC32, TSOP32 (8 x
20mm) packages and it is supplied with all the bits
erased (set to ’1’).
In order to meet environmental requirements, ST
offers the M29F010B in ECOPACK® packages.
ECOPACK packages are Lead-free. The category
of second Level Interconnect is marked on the
package and on the inner box label, in compliance
with JEDEC Standard JESD97.
Table 3. Absolute Maximum Ratings (1)
Note: 1. Except for the rating "Operating Temperature Range", stresses above those listed in the Table "Absolute Maximum Ratings" may
cause permanent damage to the device. These are stress ratings only and operation of the device at these or any other conditions
above those indicated in the Operating sections of this specification is not implied. Exposure to Absolute Maximum Rating condi-
tions for extended periods may affect device reliability. Refer also to the STMicroelectronics SURE Program and other relevant qual-
ity documents.
2. Minimum Voltage may undershoot to –2V during transition and for less than 20ns during transitions.
Symbol
Parameter
Value
Unit
TA
Ambient Operating Temperature (Temperature Range Option 1)
0 to 70
°C
Ambient Operating Temperature (Temperature Range Option 6)
–40 to 85
°C
Ambient Operating Temperature (Temperature Range Option 3)
–40 to 125
°C
TBIAS
Temperature Under Bias
–50 to 125
°C
TSTG
Storage Temperature
–65 to 150
°C
VIO
(2)
Input or Output Voltage
–0.6 to 6
V
VCC
Supply Voltage
–0.6 to 6
V
VID
Identification Voltage
–0.6 to 13.5
V
The maximum ratings related to soldering condi-
tions are also marked on the inner box label. ECO-
PACK
is
an
ST
trademark.
ECOPACK
specifications
are
available
at:
www.st.com.
SIGNAL DESCRIPTIONS
See Figure 1, Logic Diagram, and Table 1, Signal
Names, for a brief overview of the signals connect-
ed to this device.
Address Inputs (A0-A16). The Address Inputs
select the cells in the memory array to access dur-
ing Bus Read operations. During Bus Write opera-
tions they control the commands sent to the
Command Interface of the internal state machine.
Data Inputs/Outputs (DQ0-DQ7). The Data In-
puts/Outputs output the data stored at the selected
address during a Bus Read operation. During Bus
Write operations they represent the commands
sent to the Command Interface of the internal state
machine.
Chip Enable (E). The Chip Enable, E, activates
the memory, allowing Bus Read and Bus Write op-
erations to be performed. When Chip Enable is
High, VIH, all other pins are ignored.
Output Enable (G). The Output Enable, G, con-
trols the Bus Read operation of the memory.
Write Enable (W). The Write Enable, W, controls
the Bus Write operation of the memory’s Com-
mand Interface.
VCC Supply Voltage. The VCC Supply Voltage
supplies the power for all operations (Read, Pro-
gram, Erase etc.).
The Command Interface is disabled when the VCC
Supply Voltage is less than the Lockout Voltage,


Similar Part No. - M29F010B45K1E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F016B STMICROELECTRONICS-M29F016B Datasheet
135Kb / 22P
   16 Mbit 2Mb x8, Uniform Block Single Supply Flash Memory
M29F016B55M1T STMICROELECTRONICS-M29F016B55M1T Datasheet
135Kb / 22P
   16 Mbit 2Mb x8, Uniform Block Single Supply Flash Memory
M29F016B55M3T STMICROELECTRONICS-M29F016B55M3T Datasheet
135Kb / 22P
   16 Mbit 2Mb x8, Uniform Block Single Supply Flash Memory
M29F016B55M6T STMICROELECTRONICS-M29F016B55M6T Datasheet
135Kb / 22P
   16 Mbit 2Mb x8, Uniform Block Single Supply Flash Memory
M29F016B55N1T STMICROELECTRONICS-M29F016B55N1T Datasheet
135Kb / 22P
   16 Mbit 2Mb x8, Uniform Block Single Supply Flash Memory
More results

Similar Description - M29F010B45K1E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W010B STMICROELECTRONICS-M29W010B Datasheet
406Kb / 19P
   1 Mbit 128Kb x8, Uniform Block Low Voltage Single Supply Flash Memory
M29F016B STMICROELECTRONICS-M29F016B Datasheet
135Kb / 22P
   16 Mbit 2Mb x8, Uniform Block Single Supply Flash Memory
M29F040B70N6 STMICROELECTRONICS-M29F040B70N6 Datasheet
178Kb / 21P
   4 Mbit (512Kb x8, Uniform Block) Single Supply Flash Memory
M29F040B STMICROELECTRONICS-M29F040B Datasheet
190Kb / 21P
   4 Mbit (512Kb x8, Uniform Block) Single Supply Flash Memory
M29F040B STMICROELECTRONICS-M29F040B_05 Datasheet
407Kb / 20P
   4 Mbit (512Kb x8, Uniform Block) Single Supply Flash Memory
M29F040 STMICROELECTRONICS-M29F040 Datasheet
232Kb / 31P
   4 Mbit 512Kb x8, Uniform Block Single Supply Flash Memory
M29F080A STMICROELECTRONICS-M29F080A Datasheet
131Kb / 21P
   8 Mbit 1Mb x8, Uniform Block Single Supply Flash Memory
M29F100BT STMICROELECTRONICS-M29F100BT Datasheet
155Kb / 22P
   1 Mbit 128Kb x8 or 64Kb x16, Boot Block Single Supply Flash Memory
M29F100T STMICROELECTRONICS-M29F100T Datasheet
207Kb / 30P
   1 Mbit 128Kb x8 or 64Kb x16, Boot Block Single Supply Flash Memory
M29F016D STMICROELECTRONICS-M29F016D_05 Datasheet
704Kb / 37P
   16 Mbit (2Mb x8, Uniform Block) 5V Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com