Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29W010B70N3T Datasheet(PDF) 1 Page - STMicroelectronics

Part # M29W010B70N3T
Description  1 Mbit 128Kb x8, Uniform Block Low Voltage Single Supply Flash Memory
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W010B70N3T Datasheet(HTML) 1 Page - STMicroelectronics

  M29W010B70N3T Datasheet HTML 1Page - STMicroelectronics M29W010B70N3T Datasheet HTML 2Page - STMicroelectronics M29W010B70N3T Datasheet HTML 3Page - STMicroelectronics M29W010B70N3T Datasheet HTML 4Page - STMicroelectronics M29W010B70N3T Datasheet HTML 5Page - STMicroelectronics M29W010B70N3T Datasheet HTML 6Page - STMicroelectronics M29W010B70N3T Datasheet HTML 7Page - STMicroelectronics M29W010B70N3T Datasheet HTML 8Page - STMicroelectronics M29W010B70N3T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1/19
September 2005
M29W010B
1 Mbit (128Kb x8, Uniform Block)
Low Voltage Single Supply Flash Memory
SINGLE 2.7 to 3.6V SUPPLY VOLTAGE for
PROGRAM, ERASE and READ OPERATIONS
ACCESS TIME: 45ns
PROGRAMMING TIME
– 10µs by Byte typical
8 UNIFORM 16 Kbyte MEMORY BLOCKS
PROGRAM/ERASE CONTROLLER
– Embedded Byte Program algorithm
– Embedded Multi-Block/Chip Erase algorithm
– Status Register Polling and Toggle Bits
ERASE SUSPEND and RESUME MODES
– Read and Program another Block during
Erase Suspend
UNLOCK BYPASS PROGRAM COMMAND
– Faster Production/Batch Programming
LOW POWER CONSUMPTION
– Standby and Automatic Standby
100,000 PROGRAM/ERASE CYCLES per
BLOCK
20 YEARS DATA RETENTION
– Defectivity below 1 ppm/year
ELECTRONIC SIGNATURE
– Manufacturer Code: 20h
– Device Code: 23h
ECOPACK® PACKAGES AVAILABLE
TSOP32 (N)
8 x 20mm
PLCC32 (K)
Figure 1. Logic Diagram
AI02747
17
A0-A16
W
DQ0-DQ7
VCC
M29W010B
E
VSS
8
G


Similar Part No. - M29W010B70N3T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W017D STMICROELECTRONICS-M29W017D Datasheet
251Kb / 36P
   16 Mbit 2Mb x8, Uniform Block 3V Supply Flash Memory
M29W017D70N1T STMICROELECTRONICS-M29W017D70N1T Datasheet
251Kb / 36P
   16 Mbit 2Mb x8, Uniform Block 3V Supply Flash Memory
M29W017D70N6T STMICROELECTRONICS-M29W017D70N6T Datasheet
251Kb / 36P
   16 Mbit 2Mb x8, Uniform Block 3V Supply Flash Memory
M29W017D70ZA1T STMICROELECTRONICS-M29W017D70ZA1T Datasheet
251Kb / 36P
   16 Mbit 2Mb x8, Uniform Block 3V Supply Flash Memory
M29W017D70ZA6T STMICROELECTRONICS-M29W017D70ZA6T Datasheet
251Kb / 36P
   16 Mbit 2Mb x8, Uniform Block 3V Supply Flash Memory
More results

Similar Description - M29W010B70N3T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F010B STMICROELECTRONICS-M29F010B Datasheet
402Kb / 20P
   1 Mbit 128Kb x8, Uniform Block Single Supply Flash Memory
M29W040 STMICROELECTRONICS-M29W040 Datasheet
205Kb / 31P
   4 Mbit 512Kb x8, Uniform Block Low Voltage Single Supply Flash Memory
M29W040B STMICROELECTRONICS-M29W040B Datasheet
434Kb / 20P
   4 Mbit 512Kb x8, Uniform Block Low Voltage Single Supply Flash Memory
M29F016B STMICROELECTRONICS-M29F016B Datasheet
135Kb / 22P
   16 Mbit 2Mb x8, Uniform Block Single Supply Flash Memory
M29F040B70N6 STMICROELECTRONICS-M29F040B70N6 Datasheet
178Kb / 21P
   4 Mbit (512Kb x8, Uniform Block) Single Supply Flash Memory
M29F040B STMICROELECTRONICS-M29F040B Datasheet
190Kb / 21P
   4 Mbit (512Kb x8, Uniform Block) Single Supply Flash Memory
M29F040B STMICROELECTRONICS-M29F040B_05 Datasheet
407Kb / 20P
   4 Mbit (512Kb x8, Uniform Block) Single Supply Flash Memory
M29F040 STMICROELECTRONICS-M29F040 Datasheet
232Kb / 31P
   4 Mbit 512Kb x8, Uniform Block Single Supply Flash Memory
M29F080A STMICROELECTRONICS-M29F080A Datasheet
131Kb / 21P
   8 Mbit 1Mb x8, Uniform Block Single Supply Flash Memory
M29F100BT STMICROELECTRONICS-M29F100BT Datasheet
155Kb / 22P
   1 Mbit 128Kb x8 or 64Kb x16, Boot Block Single Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com