Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1361LEUB Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1361LEUB
Description  4-Channel, 10-Bit, System Monitors with Programmable Trip Window and SMBus Alert Response
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1361LEUB Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1361LEUB Datasheet HTML 5Page - Maxim Integrated Products MAX1361LEUB Datasheet HTML 6Page - Maxim Integrated Products MAX1361LEUB Datasheet HTML 7Page - Maxim Integrated Products MAX1361LEUB Datasheet HTML 8Page - Maxim Integrated Products MAX1361LEUB Datasheet HTML 9Page - Maxim Integrated Products MAX1361LEUB Datasheet HTML 10Page - Maxim Integrated Products MAX1361LEUB Datasheet HTML 11Page - Maxim Integrated Products MAX1361LEUB Datasheet HTML 12Page - Maxim Integrated Products MAX1361LEUB Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Detailed Description
The MAX1361/MAX1362 4-channel ADCs use succes-
sive-approximation conversion techniques and fully dif-
ferential input track/hold (T/H) circuitry to capture and
convert analog signals to a serial 10-bit digital output.
The MAX1361/MAX1362 feature a monitor mode with
programmable trip thresholds and window comparator.
The monitor function asserts an interrupt when any
channel violates the programmed upper or lower
thresholds. SMBus alert response allows the host
microcontroller (µC) to quickly identify which device
caused the interrupt. A programmable delay between
monitoring intervals lowers power consumption at lower
monitor rates.
The MAX1361/MAX1362 integrate an internal voltage
reference and clock. The software configures the ana-
log inputs for unipolar/bipolar and single-ended/fully
differential operation. Integrated first-in/first-out (FIFO)
allows conversion of all channels, or eight conversions
on a selected channel to reduce interface overhead. An
I2C-compatible serial interface complies with standard,
fast, and high-speed (1.7MHz) modes.
4-Channel, 10-Bit, System Monitor with Programmable
Trip Window and SMBus Alert Response
_______________________________________________________________________________________
9
tSU.STA
tSU.DAT
tHIGH
tR
tF
tHD.DAT
tHD.STA
S
Sr
ACK
9
SCL
SDA
tSU.STA
tLOW
tBUF
tSU.STO
PS
tR
tF
Figure 1a. F/S-Mode 2-Wire Serial-Interface Timing
VDD
IOL
IOH
VOUT
400pF
SDA
Figure 2. Load Circuits
tHD.STA
tSU.DAT
tHIGH
tFCL
tHD.DAT
tHD.STA
Sr
Sr
ACK
SCL
SDA
tSU.STA
tLOW
tSU.STO
S
tRCL
tRCL1
HS-MODE
1
9
F/S-MODE
tFDA
tRDA
P
Figure 1b. HS-Mode 2-Wire Serial-Interface Timing


Similar Part No. - MAX1361LEUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1361LEUB MAXIM-MAX1361LEUB Datasheet
384Kb / 24P
   4-Channel, 10-Bit, System Monitors with Programmable Trip Window and SMBus Alert Response
Rev 2; 3/05
More results

Similar Description - MAX1361LEUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1361 MAXIM-MAX1361 Datasheet
384Kb / 24P
   4-Channel, 10-Bit, System Monitors with Programmable Trip Window and SMBus Alert Response
Rev 2; 3/05
MAX1361 MAXIM-MAX1361_V01 Datasheet
371Kb / 24P
   4-Channel, 10-Bit, System Monitors with Programmable Trip Window and SMBus Alert Response
2010
MAX1363 MAXIM-MAX1363 Datasheet
363Kb / 24P
   4-Channel, 12-Bit System Monitors with Programmable Trip Window and SMBus Alert Response
Rev 1; 3/05
MAX1363 MAXIM-MAX1363_V01 Datasheet
273Kb / 25P
   4-Channel, 12-Bit System Monitors with Programmable Trip Window and SMBus Alert Response
2008
logo
ON Semiconductor
ADM1032 ONSEMI-ADM1032_12 Datasheet
237Kb / 18P
   1C Remote and Local System Temperature Monitor Supports SMBus Alert
April, 2012 ??Rev. 12
logo
Maxim Integrated Produc...
MAX1153 MAXIM-MAX1153_10 Datasheet
474Kb / 30P
   Stand-Alone, 10-Channel, 10-Bit System Monitors with Internal Temperature Sensor and VDD Monitor
Rev 1; 6/10
MAX1153 MAXIM-MAX1153 Datasheet
481Kb / 29P
   Stand-Alone, 10-Channel, 10-Bit System Monitors with Internal Temperature Sensor and VDD Monitor
MAX1253 MAXIM-MAX1253 Datasheet
439Kb / 29P
   Stand-Alone, 10-Channel, 12-Bit System Monitors with Internal Temperature Sensor and VDD Monitor
19-2838; Rev 0; 4/03
MAX6650 MAXIM-MAX6650 Datasheet
315Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 2; 12/01
MAX6650 MAXIM-MAX6650_14 Datasheet
260Kb / 25P
   Fan-Speed Regulators and Monitors with SMBus/I2C-Compatible Interface
Rev 5; 12/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com