Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9224ETI+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX9224ETI+
Description  22-Bit, Low-Power, 5MHz to 10MHz Serializer and Deserializer Chipsets
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9224ETI+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX9224ETI+ Datasheet HTML 4Page - Maxim Integrated Products MAX9224ETI+ Datasheet HTML 5Page - Maxim Integrated Products MAX9224ETI+ Datasheet HTML 6Page - Maxim Integrated Products MAX9224ETI+ Datasheet HTML 7Page - Maxim Integrated Products MAX9224ETI+ Datasheet HTML 8Page - Maxim Integrated Products MAX9224ETI+ Datasheet HTML 9Page - Maxim Integrated Products MAX9224ETI+ Datasheet HTML 10Page - Maxim Integrated Products MAX9224ETI+ Datasheet HTML 11Page - Maxim Integrated Products MAX9224ETI+ Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
22-Bit, Low-Power, 5MHz to 10MHz
Serializer and Deserializer Chipset
8
_______________________________________________________________________________________
Pin Description (MAX9223)
PIN
NAME
FUNCTION
1–12, 14, 15,
21–28
DIN13–DIN2,
DIN1, DIN0,
DIN21–DIN14
Single-Ended Parallel Data Inputs. The 22 data bits are loaded into the input latch on the rising
edge of PCLKIN. DIN[9:0] are 1.71V to 3.465V tolerant. Internally pulled down to GND.
13
PCLKIN
Parallel Clock Input. The rising edge of PCLKIN (typically the pixel clock) latches the parallel
data input. Internally pulled down to GND.
16
PWRDN
Power-Down Input. Pull PWRDN low to place the MAX9223 and MAX9224 in power-down mode.
Drive PWRDN high for normal operation. Internally pulled down to GND.
17
SDO-
Inverting LCDS Serial-Data Output
18
SDO+
Noninverting LCDS Serial-Data Output
19
GND
Ground
20
VDD
Core Supply Voltage. Bypass to GND with 0.1µF and 0.01µF capacitors in parallel as close to
the device as possible, with the smallest value capacitor closest to the supply pin.
EP
Exposed Paddle. Connect EP to ground.
Pin Description (MAX9224)
PIN
NAME
FUNCTION
1, 7, 8, 10–28
DOUT21,
DOUT0, DOUT1,
DOUT2–DOUT20
Single-Ended Parallel Data Outputs. DOUT[21:0] are valid on the rising edge of PCLKOUT.
2VDDO
Output Supply Voltage. Bypass to GND with 0.1µF and 0.01µF capacitors in parallel as close to
the device as possible, with the smallest value capacitor closest to the supply pin.
3
GND
Ground
4
SDI+
Noninverting LCDS Serial-Data Input
5
SDI-
Inverting LCDS Serial-Data Input
6VDD
Core Supply Voltage. Bypass to GND with 0.1µF and 0.01µF capacitors in parallel as close to
the device as possible, with the smallest value capacitor closest to the supply pin.
9
PCLKOUT
Parallel Clock Output. Parallel output data are valid on the rising edge of PCLKOUT (typically
the pixel clock).
EP
Exposed Paddle. Connect EP to ground.


Similar Part No. - MAX9224ETI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9224ETI++ MAXIM-MAX9224ETI+ Datasheet
238Kb / 15P
   22-Bit, Low-Power, 5MHz to 10MHz Serializer and Deserializer Chipsets
2007
More results

Similar Description - MAX9224ETI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9223 MAXIM-MAX9223_V01 Datasheet
238Kb / 15P
   22-Bit, Low-Power, 5MHz to 10MHz Serializer and Deserializer Chipsets
2007
MAX9225 MAXIM-MAX9225 Datasheet
167Kb / 15P
   10-Bit, Low-Power, 10MHz-to-20MHz Serializer and Deserializer Chipset
Rev 1; 12/07
logo
Fairchild Semiconductor
FIN24AC FAIRCHILD-FIN24AC_07 Datasheet
389Kb / 25P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC_08 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC_11 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224C FAIRCHILD-FIN224C Datasheet
765Kb / 9P
   24-Bit Low-Power Serializer/Deserializer
FIN224AC_0611 FAIRCHILD-FIN224AC_0611 Datasheet
497Kb / 23P
   uSerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC Datasheet
539Kb / 23P
   USerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN24AC FAIRCHILD-FIN24AC Datasheet
708Kb / 21P
   USerDesTM 22-Bit Bi-Directional Serializer/Deserializer
FIN324C FAIRCHILD-FIN324C_08 Datasheet
930Kb / 19P
   24-Bit Ultra-Low Power Serializer / Deserializer Supporting Single and Dual Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com