Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP803SN308T1 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP803SN308T1
Description  Very Low Supply Current 3-Pin Microprocessor Reset Monitor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP803SN308T1 Datasheet(HTML) 2 Page - ON Semiconductor

  NCP803SN308T1 Datasheet HTML 1Page - ON Semiconductor NCP803SN308T1 Datasheet HTML 2Page - ON Semiconductor NCP803SN308T1 Datasheet HTML 3Page - ON Semiconductor NCP803SN308T1 Datasheet HTML 4Page - ON Semiconductor NCP803SN308T1 Datasheet HTML 5Page - ON Semiconductor NCP803SN308T1 Datasheet HTML 6Page - ON Semiconductor NCP803SN308T1 Datasheet HTML 7Page - ON Semiconductor NCP803SN308T1 Datasheet HTML 8Page - ON Semiconductor NCP803SN308T1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MAX803 Series, NCP803 Series
http://onsemi.com
2
PIN DESCRIPTION
Pin No.
Symbol
Description
1
GND
Ground
2
RESET
RESET output remains low while VCC is below the reset voltage threshold, and for a reset timeout
period after VCC rises above reset threshold.
3
VCC
Supply Voltage: C = 100 nF is recommended as a bypass capacitor between VCC and GND.
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage (VCC to GND)
VCC
-0.3 to 6.0
V
RESET Output Voltage (CMOS)
-0.3 to (VCC + 0.3)
V
Input Current, VCC
20
mA
Output Current, RESET
20
mA
dV/dt (VCC)
100
V/
msec
Thermal Resistance, Junction-to-Air (Note 1)
SOT-23
SC-70
RqJA
301
314
°C/W
Operating Junction Temperature Range
TJ
-40 to +105
°C
Storage Temperature Range
Tstg
-65 to +150
°C
Lead Temperature (Soldering, 10 Seconds)
Tsol
+260
°C
ESD Protection
Human Body Model (HBM): Following Specification JESD22-A114
Machine Model (MM): Following Specification JESD22-A115
2000
200
V
Latchup Current Maximum Rating: Following Specification JESD78 Class II
Positive
Negative
ILatchup
200
200
mA
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. This based on a 35x35x1.6mm FR4 PCB with 10mm2 of 1 oz copper traces under natural convention conditions and a single component
characterization.
2. The maximum package power dissipation limit must not be exceeded.
PD +
TJ(max) * TA
R
qJA
with TJ(max) = 150°C
Vref
1 GND
3
2
VCC
RESET
Figure 2. NCP803, MAX803 Series Open-Drain Active-Low Output
Timeout
Counter
Oscillator


Similar Part No. - NCP803SN308T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP803SN308T1 ONSEMI-NCP803SN308T1 Datasheet
55Kb / 8P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
May, 2003 - Rev. 4
NCP803SN308T1 ONSEMI-NCP803SN308T1 Datasheet
86Kb / 9P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
March, 2006 ??Rev. 0
NCP803SN308T1 ONSEMI-NCP803SN308T1 Datasheet
52Kb / 6P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
April, 2005 ??Rev. 5
NCP803SN308T1G ONSEMI-NCP803SN308T1G Datasheet
86Kb / 9P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
March, 2006 ??Rev. 0
NCP803SN308T1G ONSEMI-NCP803SN308T1G Datasheet
135Kb / 10P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
June, 2013 ??Rev. 7
More results

Similar Description - NCP803SN308T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP803SN293T3G ONSEMI-NCP803SN293T3G Datasheet
52Kb / 6P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
April, 2005 ??Rev. 5
NCP803SN400T1G ONSEMI-NCP803SN400T1G Datasheet
135Kb / 10P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
June, 2013 ??Rev. 7
MAX803 ONSEMI-MAX803_15 Datasheet
97Kb / 10P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
August, 2015 ??Rev. 9
MAX803 ONSEMI-MAX803 Datasheet
86Kb / 9P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
March, 2006 ??Rev. 0
NCP803 ONSEMI-NCP803 Datasheet
55Kb / 8P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
May, 2003 - Rev. 4
NCV809 ONSEMI-NCV809 Datasheet
105Kb / 13P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitors
August, 2014 ??Rev. 24
MAX809 ONSEMI-MAX809_10 Datasheet
177Kb / 13P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitors
April, 2010 ??Rev. 20
MAX809S ONSEMI-MAX809S_16 Datasheet
134Kb / 13P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitors
September, 2016 ??Rev. 26
MAX809 ONSEMI-MAX809_17 Datasheet
105Kb / 13P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitors
November, 2017 ??Rev. 28
MAX809S ONSEMI-MAX809S_07 Datasheet
84Kb / 11P
   Very Low Supply Current 3?뭁in Microprocessor Reset Monitors
February, 2007 ??Rev. 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com