Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EHP-A09-SUG31-PU5-TR Datasheet(PDF) 10 Page - Everlight Electronics Co., Ltd

Part # EHP-A09-SUG31-PU5-TR
Description  High Power LED - 0.5W
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EHP-A09-SUG31-PU5-TR Datasheet(HTML) 10 Page - Everlight Electronics Co., Ltd

Back Button EHP-A09-SUG31-PU5-TR Datasheet HTML 2Page - Everlight Electronics Co., Ltd EHP-A09-SUG31-PU5-TR Datasheet HTML 3Page - Everlight Electronics Co., Ltd EHP-A09-SUG31-PU5-TR Datasheet HTML 4Page - Everlight Electronics Co., Ltd EHP-A09-SUG31-PU5-TR Datasheet HTML 5Page - Everlight Electronics Co., Ltd EHP-A09-SUG31-PU5-TR Datasheet HTML 6Page - Everlight Electronics Co., Ltd EHP-A09-SUG31-PU5-TR Datasheet HTML 7Page - Everlight Electronics Co., Ltd EHP-A09-SUG31-PU5-TR Datasheet HTML 8Page - Everlight Electronics Co., Ltd EHP-A09-SUG31-PU5-TR Datasheet HTML 9Page - Everlight Electronics Co., Ltd EHP-A09-SUG31-PU5-TR Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
EHP-A09/SUG31-PU5/TR
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1.0
Page: 10/10
Device No. : DSE-A09-003
Prepared date: Sept. 06, 2007
Prepared by: Terry Hsu
4. Soldering Condition
4-1. For Reflow process
i. EHP-A09 series are suitable for SMT process.
ii. Lead reflow soldering temperature profile
iii. Reflow soldering should not be done more than two times.
iv. In soldering process, stress on the LEDs during heating should be avoided.
v. After soldering, do not warp the circuit board.


Similar Part No. - EHP-A09-SUG31-PU5-TR

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EHP-A09-SUR31-PU5-TR EVERLIGHT-EHP-A09-SUR31-PU5-TR Datasheet
171Kb / 10P
   High Power LED - 0.5W
More results

Similar Description - EHP-A09-SUG31-PU5-TR

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EHP-A09 EVERLIGHT-EHP-A09 Datasheet
171Kb / 10P
   High Power LED - 0.5W
EHP-A21GT46H-PU5TR EVERLIGHT-EHP-A21GT46H-PU5TR Datasheet
270Kb / 15P
   High Power LED-0.5W
EHP-A21SUG31H-PU5TR EVERLIGHT-EHP-A21SUG31H-PU5TR Datasheet
267Kb / 15P
   High Power LED-0.5W
EHP-A21SUR31A-PU5TR EVERLIGHT-EHP-A21SUR31A-PU5TR Datasheet
266Kb / 15P
   High Power LED-0.5W
EHP-A21LM46H-PU5TR EVERLIGHT-EHP-A21LM46H-PU5TR Datasheet
269Kb / 15P
   High Power LED-0.5W
logo
List of Unclassifed Man...
QBHP686-IWH-WW ETC1-QBHP686-IWH-WW Datasheet
721Kb / 11P
   0.5W High Power LED
QBHP685-IWH ETC-QBHP685-IWH Datasheet
492Kb / 7P
   0.5W High Power LED
logo
Everlight Electronics C...
EHP-A21GT31H-PU5TR EVERLIGHT-EHP-A21GT31H-PU5TR Datasheet
270Kb / 15P
   High Power LED-0.5W
EHP-A09-UY31-PU5-TR EVERLIGHT-EHP-A09-UY31-PU5-TR Datasheet
170Kb / 10P
   High Power LED - 0.5W
EHP-A09-UT31-PU5-TR EVERLIGHT-EHP-A09-UT31-PU5-TR Datasheet
239Kb / 11P
   High Power LED - 0.5W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com