Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EHP-A09-UT31-PU5-TR Datasheet(PDF) 9 Page - Everlight Electronics Co., Ltd

Part # EHP-A09-UT31-PU5-TR
Description  High Power LED - 0.5W
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EHP-A09-UT31-PU5-TR Datasheet(HTML) 9 Page - Everlight Electronics Co., Ltd

Back Button EHP-A09-UT31-PU5-TR Datasheet HTML 3Page - Everlight Electronics Co., Ltd EHP-A09-UT31-PU5-TR Datasheet HTML 4Page - Everlight Electronics Co., Ltd EHP-A09-UT31-PU5-TR Datasheet HTML 5Page - Everlight Electronics Co., Ltd EHP-A09-UT31-PU5-TR Datasheet HTML 6Page - Everlight Electronics Co., Ltd EHP-A09-UT31-PU5-TR Datasheet HTML 7Page - Everlight Electronics Co., Ltd EHP-A09-UT31-PU5-TR Datasheet HTML 8Page - Everlight Electronics Co., Ltd EHP-A09-UT31-PU5-TR Datasheet HTML 9Page - Everlight Electronics Co., Ltd EHP-A09-UT31-PU5-TR Datasheet HTML 10Page - Everlight Electronics Co., Ltd EHP-A09-UT31-PU5-TR Datasheet HTML 11Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
EHP-A09/UT31-PU5/TR
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. Preliminary
Page: 9/11
Device No. :
Prepared date: Aug 02, 2007
Prepared by: Anita Chen
Reliability Test Items
Stress Test
Stress Condition
Stress Duration
Reflow
Tsol=260°C, 10sec, 6min
3 times
DC Operating Life
Ta=25°C , IF=150mA
1000 hours
Thermal Shock
H:+100°C 20min.
'∫ 10sec.
'L:-40°C
20min.
500 Cycles
Temperature Cycle
H:+100°C 30min.
'∫ 5min.
'L:-10°C
30min.
1000 Cycles
High Temperature/Humidity
Reverse Bias
Ta=85°C , RH=85%
1000 hours
High Temperature Storage
Ta=120°C
1000 hours
Low Temperature Storage
Ta=-40°C
1000 hours
Pulse Test
Ta=25℃, IF=1000mA
30mS on/ 2500mS off
30000 times
High Temperature Operation Life
#1
Ta=55°C, IF=150mA
1000 hours
High Temperature Operation Life
#2
Ta=85°C, IF=120mA
1000 hours
High Temperature
/Humidity Operation Life
Ta=85°C, RH=60%, IF=120mA
1000 hours
ESD Human Body Model
2000V, Interval:0.5sec
3 times
ESD Machine Model
200V, Interval:0.5sec
3 times
*lm: Brightness attenuate difference(1000hrs)<50%
*
VF: Forward voltage difference<20%
Notes: All reliability items are tested under superior thermal management with 1.5 x 1.5 cm
2 MCPCB.


Similar Part No. - EHP-A09-UT31-PU5-TR

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EHP-A09-USO31-PU5-TR EVERLIGHT-EHP-A09-USO31-PU5-TR Datasheet
169Kb / 10P
   High Power LED - 0.5W
EHP-A09-UY31-PU5-TR EVERLIGHT-EHP-A09-UY31-PU5-TR Datasheet
170Kb / 10P
   High Power LED - 0.5W
More results

Similar Description - EHP-A09-UT31-PU5-TR

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EHP-A09 EVERLIGHT-EHP-A09 Datasheet
171Kb / 10P
   High Power LED - 0.5W
EHP-A21GT46H-PU5TR EVERLIGHT-EHP-A21GT46H-PU5TR Datasheet
270Kb / 15P
   High Power LED-0.5W
EHP-A21SUG31H-PU5TR EVERLIGHT-EHP-A21SUG31H-PU5TR Datasheet
267Kb / 15P
   High Power LED-0.5W
EHP-A21SUR31A-PU5TR EVERLIGHT-EHP-A21SUR31A-PU5TR Datasheet
266Kb / 15P
   High Power LED-0.5W
EHP-A09-SUG31-PU5-TR EVERLIGHT-EHP-A09-SUG31-PU5-TR Datasheet
230Kb / 10P
   High Power LED - 0.5W
EHP-A21LM46H-PU5TR EVERLIGHT-EHP-A21LM46H-PU5TR Datasheet
269Kb / 15P
   High Power LED-0.5W
logo
List of Unclassifed Man...
QBHP686-IWH-WW ETC1-QBHP686-IWH-WW Datasheet
721Kb / 11P
   0.5W High Power LED
QBHP685-IWH ETC-QBHP685-IWH Datasheet
492Kb / 7P
   0.5W High Power LED
logo
Everlight Electronics C...
EHP-A21GT31H-PU5TR EVERLIGHT-EHP-A21GT31H-PU5TR Datasheet
270Kb / 15P
   High Power LED-0.5W
EHP-A09-UY31-PU5-TR EVERLIGHT-EHP-A09-UY31-PU5-TR Datasheet
170Kb / 10P
   High Power LED - 0.5W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com