Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74CB3Q3257DBQR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74CB3Q3257DBQR
Description  4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74CB3Q3257DBQR Datasheet(HTML) 2 Page - Texas Instruments

  SN74CB3Q3257DBQR Datasheet HTML 1Page - Texas Instruments SN74CB3Q3257DBQR Datasheet HTML 2Page - Texas Instruments SN74CB3Q3257DBQR Datasheet HTML 3Page - Texas Instruments SN74CB3Q3257DBQR Datasheet HTML 4Page - Texas Instruments SN74CB3Q3257DBQR Datasheet HTML 5Page - Texas Instruments SN74CB3Q3257DBQR Datasheet HTML 6Page - Texas Instruments SN74CB3Q3257DBQR Datasheet HTML 7Page - Texas Instruments SN74CB3Q3257DBQR Datasheet HTML 8Page - Texas Instruments SN74CB3Q3257DBQR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
www.ti.com
DESCRIPTION/ORDERING INFORMATION (CONTINUED)
SN74CB3Q3257
4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SCDS135A – SEPTEMBER 2003 – REVISED MARCH 2005
The SN74CB3Q3257 is a high-bandwidth FET bus switch utilizing a charge pump to elevate the gate voltage of
the pass transistor, providing a low and flat ON-state resistance (ron). The low and flat ON-state resistance allows
for minimal propagation delay and supports rail-to-rail switching on the data input/output (I/O) ports. The device
also features low data I/O capacitance to minimize capacitive loading and signal distortion on the data bus.
Specifically designed to support high-bandwidth applications, the SN74CB3Q3257 provides an optimized
interface solution ideally suited for broadband communications, networking, and data-intensive computing
systems.
The SN74CB3Q3257 is a 4-bit 1-of-2 high-speed FET multiplexer/demultiplexer with a single output-enable (OE)
input. The select (S) input controls the data path of the multiplexer/demultiplexer. When OE is low, the
multiplexer/demultiplexer is enabled and the A port is connected to the B port, allowing bidirectional data flow
between ports. When OE is high, the multiplexer/demultiplexer is disabled and a high-impedance state exists
between the A and B ports.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry prevents damaging
current backflow through the device when it is powered down. The device has isolation during power off.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
FUNCTION TABLE
INPUTS
INPUT/OUTPUT
FUNCTION
A
OE
S
L
L
B1
A port = B1 port
L
H
B2
A port = B2 port
H
X
Z
Disconnect
2


Similar Part No. - SN74CB3Q3257DBQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3Q3257DBQR TI-SN74CB3Q3257DBQR Datasheet
336Kb / 13P
[Old version datasheet]   4 BIT 1 OF 2 FET MULTIPLEXER/ DEMULTIPLEXER
SN74CB3Q3257DBQR TI-SN74CB3Q3257DBQR Datasheet
509Kb / 17P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3257DBQR TI1-SN74CB3Q3257DBQR Datasheet
1Mb / 25P
[Old version datasheet]   FET Multiplexer/Demultiplexer
More results

Similar Description - SN74CB3Q3257DBQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CB3Q3257 TI-SN74CB3Q3257_10 Datasheet
509Kb / 17P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3253 TI-SN74CB3Q3253_10 Datasheet
641Kb / 19P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3253 TI-SN74CB3Q3253 Datasheet
699Kb / 20P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3251 TI-SN74CB3Q3251 Datasheet
390Kb / 1P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3251 TI1-SN74CB3Q3251_15 Datasheet
777Kb / 19P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3251 TI-SN74CB3Q3251 Datasheet
329Kb / 12P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE, HIGH-BANDWIDTH BUS SWITCH
logo
Analog Devices
ADG3248 AD-ADG3248_15 Datasheet
493Kb / 12P
   2.5 V/3.3 V, 2 1 Multiplexer/ Demultiplexer Bus Switch
REV. A
ADG3248 AD-ADG3248 Datasheet
172Kb / 12P
   2.5 V/ 3.3 V, 2 :1 Multiplexer/ Demultiplexer Bus Switch
REV. 0
ADG3249 AD-ADG3249_15 Datasheet
226Kb / 12P
   2.5 V/3.3 V, 2 1 Multiplexer/ Demultiplexer Bus Switch
REV. 0
ADG3249 AD-ADG3249 Datasheet
220Kb / 12P
   2.5 V/3.3 V, 2:1 Multiplexer/ Demultiplexer Bus Switch
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com