Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLK2208B Datasheet(PDF) 2 Page - Texas Instruments

Part # TLK2208B
Description  8-PORT GIGABIT ETHERNET TRANCSEIVER
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK2208B Datasheet(HTML) 2 Page - Texas Instruments

  TLK2208B Datasheet HTML 1Page - Texas Instruments TLK2208B Datasheet HTML 2Page - Texas Instruments TLK2208B Datasheet HTML 3Page - Texas Instruments TLK2208B Datasheet HTML 4Page - Texas Instruments TLK2208B Datasheet HTML 5Page - Texas Instruments TLK2208B Datasheet HTML 6Page - Texas Instruments TLK2208B Datasheet HTML 7Page - Texas Instruments TLK2208B Datasheet HTML 8Page - Texas Instruments TLK2208B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
TLK2208B
8PORT GIGABIT ETHERNET TRANSCEIVER
SLLS578D − AUGUST 2003 − REVISED SEPTEMBER 2006
2
WWW.TI.COM
description (continued)
The TLK2208B aligns the recovered data clock frequency to the reference clock on each channel by means
of a clock tolerance compensation circuit and internal FIFO that inserts or drops 20-bit IDLE codes as needed
in the interpacket gap (IPG). In synchronous mode, the received data for all channels is aligned to a single
receive data clock that is a buffered version of the reference clock.
The TLK2208B supports a selectable IEEE 802.3z compliant 8b/10b encoder/decoder in all its modes of
operation.
The TLK2208B automatically locks onto incoming data without the need to pre-lock.
The TLK2208B provides a comprehensive series of built-in tests for self-test purposes including loopback and
PRBS generation and verification. An IEEE 1149.1 JTAG port is also supported to aid in board-manufacturing
testing.
The TLK2208B is housed in a small form-factor 19
×19-mm, 289-terminal BGA with 1,0-mm ball pitch. The ball
out and footprint are compatible with those of the PMC-Sierra PM8352 8-channel transceiver.
The TLK2208B is characterized to support the commercial temperature range of 0
°C to 70°C.
The TLK2208B consumes 1.3 W when operating at nominal conditions.
The TLK2208B is designed to be hot-plug capable. A power-on reset puts the serial side output signal terminals
TX+/TX− in the high-impedance state during power up.
MAC/
Packet
Processor
8
TX+
TX−
RX+
RX−
TDA..H[9:0]
TCLKB
RCLK
8
8
8
RDA..H[9:0]
Electrical
to Optical
Array
Switch Fabric
8
TX+
TX−
RX+
RX−
TDA..H[9:0]
TCLKB
RCLK
8
8
8
RDA..H[9:0]
System
Backplane
Line Card
8
8
RDA..H[9:0]
RCLK
TCLKB
TDA..H[9:0]
8
8
8
8
RX+
RX−
TX+
TX−
TLK2208B
TLK2208B
TLK2208B
Figure 1. TLK2208B System Implementation Diagram
† Functionally compatible with the PM8352 in multiplex channel mode.


Similar Part No. - TLK2208B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK2208BGPV TI1-TLK2208BGPV Datasheet
539Kb / 41P
[Old version datasheet]   8-PORT GIGABIT ETHERNET TRANSCEIVER
More results

Similar Description - TLK2208B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK2208 TI-TLK2208 Datasheet
545Kb / 40P
[Old version datasheet]   8-PORT GIGABIT ETHERNET TRANSCEIVER
logo
Level One
GSW-0809 LVL1-GSW-0809 Datasheet
698Kb / 3P
   8-Port Gigabit Ethernet Switch
logo
Texas Instruments
TLK2208A TI-TLK2208A Datasheet
537Kb / 40P
[Old version datasheet]   8-PORT GIGABIT ETHERNET TRANSCEIVER
TLK2208BGPV TI1-TLK2208BGPV Datasheet
539Kb / 41P
[Old version datasheet]   8-PORT GIGABIT ETHERNET TRANSCEIVER
TLK2208 TI1-TLK2208_08 Datasheet
621Kb / 42P
[Old version datasheet]   8-PORT GIGABIT ETHERNET TRANSCEIVER
TLK2218 TI-TLK2218 Datasheet
744Kb / 39P
[Old version datasheet]   8-PORT GIGABIT ETHERNET TRANSCEIVER
logo
Level One
GEU-0822 LVL1-GEU-0822 Datasheet
530Kb / 3P
   8-Port Gigabit Ethernet Switch
GSW-0807 LVL1-GSW-0807_16 Datasheet
733Kb / 3P
   8-Port Gigabit Ethernet Switch
logo
ATMEL Corporation
AT79C1030 ATMEL-AT79C1030 Datasheet
115Kb / 5P
   8-Port Gigabit Ethernet CoS Switch
logo
ORing Industrial Networ...
TGS-1080-M12 ORING-TGS-1080-M12 Datasheet
3Mb / 4P
   8-port unmanaged Gigabit Ethernet switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com