Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL815 Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # EL815
Description  Photo coupler
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EL815 Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  EL815 Datasheet HTML 1Page - Everlight Electronics Co., Ltd EL815 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EL815 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EL815 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EL815 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EL815 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EL815 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EL815 Datasheet HTML 8Page - Everlight Electronics Co., Ltd EL815 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
EVERLIGHT ELETCRONICS CO., LTD
Technical Data Sheet
Photocoupler
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev 2
Page: 5 of 11
Device No:DPC-815-001
Prepared date:4-18-2005
Prepared by:Boson Huang
EL815 Series
Electro-Optical Characteristics
(Ta=25°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Forward
VF
-
1.2
1.4
V
IF=20mA
Reverse
Current
IR
-
-
10
uA
VR=4V
Input
Terminal
Ct
-
30
250
pF
V=0,f=1kHz
Collector
Dark current
ICEO
-
-
1
uA
VCE=10V
Output
Collector-
Emitter
breakdown
voltage
BVCEO
35
-
-
V
Ic=0.1mA
Current
Transfer
ratio
CTR
600
-
7,500
%
IF=1mA ,VCE=2V
Collector-
Emitter
saturation
voltage
VCE(sat)
-
0.8
1.0
V
IF=20mA ,Ic=5 mA
Isolation
resistance
RISO
5×10
10
10
11
-
Ω
DC500V,40~60%R.H
Floation
capacitance
Cf
-
0.6
1.0
pF
V=0, f=1MHz
Cut-off
frequency
fc
1
6
-
kHz
VCE=5V, IC=2 mA
RL=100Ω, -3dB
Rise time
tr
-
60
300
us
Transfer
Characteristics
Fall time
tf
-
53
250
us
VCE=2V
IC=10mA,RL=100Ω


Similar Part No. - EL815

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EL815 ETC-EL815 Datasheet
373Kb / 11P
   Technical Data Sheet Photocoupler
logo
Everlight Electronics C...
EL815 EVERLIGHT-EL815 Datasheet
676Kb / 13P
   4 PIN DIP PHOTOTRANSISTOR
EL815 EVERLIGHT-EL815 Datasheet
812Kb / 13P
   4 PIN DIP PHOTODARLINGTON PHOTOCOUPLER
logo
List of Unclassifed Man...
EL815B1 ETC-EL815B1 Datasheet
373Kb / 11P
   Technical Data Sheet Photocoupler
logo
Everlight Electronics C...
EL815M(TA)-V EVERLIGHT-EL815M(TA)-V Datasheet
676Kb / 13P
   4 PIN DIP PHOTOTRANSISTOR
More results

Similar Description - EL815

ManufacturerPart #DatasheetDescription
logo
NEC
PS2043 NEC-PS2043 Datasheet
109Kb / 4P
   PHOTO COUPLER
logo
Everlight Electronics C...
EL816 EVERLIGHT-EL816 Datasheet
338Kb / 13P
   Photo coupler
logo
NEC
PS2007B NEC-PS2007B Datasheet
84Kb / 3P
   PHOTO COUPLER
logo
List of Unclassifed Man...
EL816 ETC-EL816 Datasheet
425Kb / 12P
   Photo coupler
logo
Marktech Corporate
MT30610 MARKTECH-MT30610 Datasheet
132Kb / 4P
   PHOTO TRIAC COUPLER???
MT22000 MARKTECH-MT22000 Datasheet
156Kb / 5P
   PHOTO IC COUPLER
logo
AUK corp
SPC815 AUK-SPC815 Datasheet
67Kb / 3P
   DIP Photo Coupler
SPC817 AUK-SPC817 Datasheet
65Kb / 3P
   DIP Photo Coupler
logo
Marktech Corporate
MT30310 MARKTECH-MT30310 Datasheet
131Kb / 4P
   PHOTO TRIAC COUPLER???
logo
AUK corp
SPC717 AUK-SPC717 Datasheet
65Kb / 3P
   DIP Photo Coupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com