Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX13204EALT+ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX13204EALT+
Description  2-/4-/6-/8-Channel, ±30kV ESD Protectors in μDFN
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13204EALT+ Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX13204EALT+ Datasheet HTML 1Page - Maxim Integrated Products MAX13204EALT+ Datasheet HTML 2Page - Maxim Integrated Products MAX13204EALT+ Datasheet HTML 3Page - Maxim Integrated Products MAX13204EALT+ Datasheet HTML 4Page - Maxim Integrated Products MAX13204EALT+ Datasheet HTML 5Page - Maxim Integrated Products MAX13204EALT+ Datasheet HTML 6Page - Maxim Integrated Products MAX13204EALT+ Datasheet HTML 7Page - Maxim Integrated Products MAX13204EALT+ Datasheet HTML 8Page - Maxim Integrated Products MAX13204EALT+ Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
2-/4-/6-/8-Channel, ±30kV ESD Protectors in µDFN
_______________________________________________________________________________________
5
During an ESD event, the current pulse rises from zero
to peak value in nanoseconds (Figure 3). For example,
in a ±15kV IEC-61000-4-2 Air-Gap Discharge ESD
event, the pulse current rises to approximately 45A in
1ns (di/dt = 45 x 109). An inductance of only 10nH adds
an additional 450V to the clamp voltage. An inductance
of 10nH represents approximately 0.5in of board trace.
Regardless of the device’s specified diode clamp volt-
age, a poor layout with parasitic inductance significantly
increases the effective clamp voltage at the protected
signal line.
A low-ESR 0.1µF capacitor must be used between VCC
and GND. This bypass capacitor absorbs the charge
transferred by a +14kV (MAX13204E/MAX13206E/
MAX13208E) and ±12kV (MAX13202E) IEC61000-4-2
Contact Discharge ESD event.
Ideally, the supply rail (VCC) would absorb the charge
caused by a positive ESD strike without changing its
regulated value. In reality, all power supplies have an
effective output impedance on their positive rails. If a
power supply’s effective output impedance is 1
Ω, then
by using V = I
× R, the clamping voltage of VC increas-
es by the equation VC = IESD x ROUT. An ±8kV
IEC 61000-4-2 ESD event generates a current spike of
24A, so the clamping voltage increases by VC = 24A
×
1
Ω, or VC = 24V. Again, a poor layout without proper
bypassing increases the clamping voltage. A ceramic
chip capacitor mounted as close to the MAX13202E/
MAX13204E/MAX13206E/MAX13208E VCC pin is the
best choice for this application. A bypass capacitor
should also be placed as close to the protected device
as possible.
±30kV ESD Protection
ESD protection can be tested in various ways. The
MAX13202E/MAX13204E/MAX13206E/MAX13208E are
characterized for protection to the following limits:
•±15kV using the Human Body Model
•±14kV (MAX13204E/MAX13206E/MAX13208E) and
±12kV (MAX13202E) using the Contact Discharge
method specified in IEC 61000-4-2
•±30kV using the IEC 61000-4-2 Air-Gap Discharge
method
ESD Test Conditions
ESD performance depends on a number of conditions.
Contact Maxim for a reliability report that documents
test setup, methodology, and results.
CHARGE-CURRENT-
LIMIT RESISTOR
DISCHARGE
RESISTANCE
STORAGE
CAPACITOR
Cs
100pF
RC
1M
RD
1.5k
HIGH-
VOLTAGE
DC
SOURCE
DEVICE
UNDER
TEST
Figure 4. Human Body ESD Test Model
IP 100%
90%
36.8%
tRL
TIME
tDL
CURRENT WAVEFORM
PEAK-TO-PEAK RINGING
(NOT DRAWN TO SCALE)
Ir
10%
0
0
AMPERES
Figure 5. Human Body Model Current Waveform
tR = 0.7ns to 1ns
30ns
60ns
t
100%
90%
10%
I
Figure 3. IEC 61000-4-2 ESD Generator Current Waveform


Similar Part No. - MAX13204EALT+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1320 MAXIM-MAX1320 Datasheet
255Kb / 27P
   8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to 5V Analog Input Ranges
Rev 2; 8/04
MAX1320 MAXIM-MAX1320 Datasheet
250Kb / 27P
   8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Rev 4; 10/08
MAX1320ECM MAXIM-MAX1320ECM Datasheet
255Kb / 27P
   8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to 5V Analog Input Ranges
Rev 2; 8/04
MAX1320ECM MAXIM-MAX1320ECM Datasheet
250Kb / 27P
   8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Rev 4; 10/08
More results

Similar Description - MAX13204EALT+

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
SDT23CXXL02 UMW-SDT23CXXL02 Datasheet
373Kb / 5P
   IEC61000-4-2 ESD 30KV Air, 30KV contact compliance
logo
California Micro Device...
CM1210 CALMIRCO-CM1210 Datasheet
561Kb / 13P
   1, 2, 4 and 8-Channel Very Low Capacitance ESD Protectors
CM1213 CALMIRCO-CM1213 Datasheet
448Kb / 14P
   1, 2, 4, 6 and 8-Channel Low Capacitance ESD Protection Arrays
logo
Bourns Electronic Solut...
MLU BOURNS-MLU Datasheet
231Kb / 3P
   ESD Protectors
CG0402MLU-3.3-E BOURNS-CG0402MLU-3.3-E Datasheet
160Kb / 3P
   ESD Protectors
MLC BOURNS-MLC_09 Datasheet
214Kb / 3P
   ESD Protectors
CGA0402MLC-05E BOURNS-CGA0402MLC-05E Datasheet
393Kb / 3P
   ESD Protectors
logo
California Micro Device...
CM1220 CALMIRCO-CM1220 Datasheet
199Kb / 6P
   4 and 8-Channel ESD Protection Arrays in CSP
logo
Nexperia B.V. All right...
PEMIXQFN NEXPERIA-PEMIXQFN Datasheet
1Mb / 30P
   Integrated 1-, 2-, 4-, 6- and 8-channel passive filter network with ESD protection
logo
ON Semiconductor
CM1220 ONSEMI-CM1220 Datasheet
347Kb / 10P
   4 and 8-Channel ESD Protection Arrays in CSP
March 2010 ??Rev.2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com