Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX13206EALA+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX13206EALA+
Description  2-/4-/6-/8-Channel, ±30kV ESD Protectors in μDFN
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13206EALA+ Datasheet(HTML) 8 Page - Maxim Integrated Products

  MAX13206EALA+ Datasheet HTML 1Page - Maxim Integrated Products MAX13206EALA+ Datasheet HTML 2Page - Maxim Integrated Products MAX13206EALA+ Datasheet HTML 3Page - Maxim Integrated Products MAX13206EALA+ Datasheet HTML 4Page - Maxim Integrated Products MAX13206EALA+ Datasheet HTML 5Page - Maxim Integrated Products MAX13206EALA+ Datasheet HTML 6Page - Maxim Integrated Products MAX13206EALA+ Datasheet HTML 7Page - Maxim Integrated Products MAX13206EALA+ Datasheet HTML 8Page - Maxim Integrated Products MAX13206EALA+ Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
2-/4-/6-/8-Channel, ±30kV ESD Protectors in µDFN
8
_______________________________________________________________________________________
Package Information
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information
go to www.maxim-ic.com/packages.)
-DRAWING NOT TO SCALE-
DOCUMENT CONTROL NO.
APPROVAL
TITLE:
REV.
PACKAGE OUTLINE, 6L uDFN, 1.5x1.0x0.8mm
21-0147
2
2
D
2005
2006
2007
2008
2009
2010
2011
2012
2013
2014
Calendar Year
Legend:
Marked with bar
Blank space - no bar required
06-11
Payweek
12-17
18-23
24-29
30-35
36-41
42-47
48-51
52-05
TABLE2
Translation Table for Payweek Binary Coding
TABLE1
Translation Table for Calendar Year Code
Legend:
Marked with bar
Blank space - no bar required


Similar Part No. - MAX13206EALA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1320 MAXIM-MAX1320 Datasheet
255Kb / 27P
   8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to 5V Analog Input Ranges
Rev 2; 8/04
MAX1320 MAXIM-MAX1320 Datasheet
250Kb / 27P
   8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Rev 4; 10/08
MAX1320ECM MAXIM-MAX1320ECM Datasheet
255Kb / 27P
   8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with 10V, 5V, and 0 to 5V Analog Input Ranges
Rev 2; 8/04
MAX1320ECM MAXIM-MAX1320ECM Datasheet
250Kb / 27P
   8-/4-/2-Channel, 14-Bit, Simultaneous-Sampling ADCs with ±10V, ±5V, and 0 to 5V Analog Input Ranges
Rev 4; 10/08
More results

Similar Description - MAX13206EALA+

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
SDT23CXXL02 UMW-SDT23CXXL02 Datasheet
373Kb / 5P
   IEC61000-4-2 ESD 30KV Air, 30KV contact compliance
logo
California Micro Device...
CM1210 CALMIRCO-CM1210 Datasheet
561Kb / 13P
   1, 2, 4 and 8-Channel Very Low Capacitance ESD Protectors
CM1213 CALMIRCO-CM1213 Datasheet
448Kb / 14P
   1, 2, 4, 6 and 8-Channel Low Capacitance ESD Protection Arrays
logo
Bourns Electronic Solut...
MLU BOURNS-MLU Datasheet
231Kb / 3P
   ESD Protectors
CG0402MLU-3.3-E BOURNS-CG0402MLU-3.3-E Datasheet
160Kb / 3P
   ESD Protectors
MLC BOURNS-MLC_09 Datasheet
214Kb / 3P
   ESD Protectors
CGA0402MLC-05E BOURNS-CGA0402MLC-05E Datasheet
393Kb / 3P
   ESD Protectors
logo
California Micro Device...
CM1220 CALMIRCO-CM1220 Datasheet
199Kb / 6P
   4 and 8-Channel ESD Protection Arrays in CSP
logo
Nexperia B.V. All right...
PEMIXQFN NEXPERIA-PEMIXQFN Datasheet
1Mb / 30P
   Integrated 1-, 2-, 4-, 6- and 8-channel passive filter network with ESD protection
logo
ON Semiconductor
CM1220 ONSEMI-CM1220 Datasheet
347Kb / 10P
   4 and 8-Channel ESD Protection Arrays in CSP
March 2010 ??Rev.2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com