Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N4347 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 2N4347
Description  HIGH POWER INDUSTRIAL TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

2N4347 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  2N4347 Datasheet HTML 1Page - List of Unclassifed Manufacturers 2N4347 Datasheet HTML 2Page - List of Unclassifed Manufacturers 2N4347 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
COMSET SEMICONDUCTORS
2/3
2N3442
2N4347
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
2N4347
1.75
RthJC
Thermal Resistance, Junction to Case
2N3442
1.5
°C/W
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min Typ Mx
Unit
2N4347
120
-
-
VCEO(SUS)
Collector-Emitter
Sustaining Voltage (1)
IC=200 mAdc, IB=0
2N3442
140
-
-
Vdc
IC=0.1 Adc
2N4347
130
-
-
VCER(SUS)
RBE=100
Collector-Emitter
Sustaining Voltage
IC=0.2 Adc
2N3442
150
-
-
V
VCE=100 Vdc, IB=0
2N4347
-
-
200
ICEO
Collector-Emitter Current
VCE=140 Vdc, IB=0
2N3442
200
mAdc
VCE=125 Vdc, VEB(off)=1.5 Vdc
--
2.0
VCE=120 Vdc, VEB(off)=1.5 Vdc,
TC = 150°C
2N4347
10
VCE=140 Vdc, VEB(off)=1.5 Vdc
--
5.0
ICEX
Collector Cutoff Current
VCE=140 Vdc, VEB(off)=1.5 Vdc,
TC = 150°C
2N3442
--
30
mAdc
IEBO
Emitter Cutoff Current
VBE=7.0 Vdc, IC=0
2N4347
2N3442
--
5.0
mAdc
IC=2.0 Adc, VCE=4.0 Vdc
15
-
60
IC=5.0 Adc, VCE=4.0 Vdc
2N4347
10
-
-
IC=3.0 Adc, VCE=4.0 Vdc
20
-
70
hFE
DC Current Gain
IC=10 Adc, VCE=4.0 Vdc
2N3442
4.0
-
-
-
IC=2.0 Adc, IB=200 mAdc
--
1.0
IC=5.0 Adc, IB=0.63 Adc
2N4347
--
2.0
IC=3.0 Adc, IB=0.3 Adc
--
1.0
VCE(SAT)
Collector-Emitter
saturation Voltage
IC=10 Adc, IB=0.2 Adc
2N3442
--
5.0
Vdc


Similar Part No. - 2N4347

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N4347 MOSPEC-2N4347 Datasheet
132Kb / 3P
   POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N4347 BOCA-2N4347 Datasheet
141Kb / 3P
   HIGH-POWER INDUSTRIAL TRANSISTORS
logo
List of Unclassifed Man...
2N4347 ETC1-2N4347 Datasheet
40Kb / 1P
   TO-3 Power Package Transistors (NPN)
2N4347 ETC1-2N4347 Datasheet
93Kb / 2P
   COLLECTOR CURRENT = 10 AMPS NPN TYPES
logo
Comset Semiconductor
2N4347 COMSET-2N4347 Datasheet
203Kb / 3P
   HIGH POWER INDUSTRIAL TRANSISTORS
More results

Similar Description - 2N4347

ManufacturerPart #DatasheetDescription
logo
Comset Semiconductor
2N3442 COMSET-2N3442_12 Datasheet
80Kb / 3P
   HIGH POWER INDUSTRIAL TRANSISTORS
2N3442 COMSET-2N3442 Datasheet
203Kb / 3P
   HIGH POWER INDUSTRIAL TRANSISTORS
logo
Boca Semiconductor Corp...
2N3442 BOCA-2N3442 Datasheet
141Kb / 3P
   HIGH-POWER INDUSTRIAL TRANSISTORS
logo
ON Semiconductor
2N3442 ONSEMI-2N3442 Datasheet
65Kb / 4P
   High?뭁ower Industrial Transistors
February, 2006 ??Rev. 11
logo
Unisonic Technologies
TIP35C UTC-TIP35C_15 Datasheet
143Kb / 4P
   HIGH POWER TRANSISTORS
logo
Continental Device Indi...
TIP33 CDIL-TIP33 Datasheet
337Kb / 4P
   HIGH POWER TRANSISTORS
logo
Unisonic Technologies
TIP36C UTC-TIP36C_15 Datasheet
176Kb / 4P
   HIGH POWER TRANSISTORS
TIP36C UTC-TIP36C Datasheet
93Kb / 2P
   HIGH POWER TRANSISTORS
TIP35C UTC-TIP35C Datasheet
93Kb / 2P
   HIGH POWER TRANSISTORS
logo
ams AG
EGA2000-850-W AMSCO-EGA2000-850-W Datasheet
1Mb / 24P
   Industrial High-Power Flood Illuminator
v2-00 2023-Apr-04
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com