Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRM-2738 Datasheet(PDF) 9 Page - Everlight Electronics Co., Ltd

Part # IRM-2738
Description  Infrared Remote-control Receiver Module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

IRM-2738 Datasheet(HTML) 9 Page - Everlight Electronics Co., Ltd

Back Button IRM-2738 Datasheet HTML 2Page - Everlight Electronics Co., Ltd IRM-2738 Datasheet HTML 3Page - Everlight Electronics Co., Ltd IRM-2738 Datasheet HTML 4Page - Everlight Electronics Co., Ltd IRM-2738 Datasheet HTML 5Page - Everlight Electronics Co., Ltd IRM-2738 Datasheet HTML 6Page - Everlight Electronics Co., Ltd IRM-2738 Datasheet HTML 7Page - Everlight Electronics Co., Ltd IRM-2738 Datasheet HTML 8Page - Everlight Electronics Co., Ltd IRM-2738 Datasheet HTML 9Page - Everlight Electronics Co., Ltd IRM-2738 Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 1
Page: 9 of 10
Device No:SZDMO-027-025
Prepared date:5-Apr-2007
Prepared by: Huayan.Peng
IRM-27xx SERIES
Reliability Test Item And Condition
The reliability of products shall be satisfied with items listed below.
Confidence level:90%
LTPD:10%
Test Items
Test Conditions
Failure Judgement
Criteria
Samples(n)
Defective(c)
Temperature cycle
1 cycle -40℃
+100℃
(15min)(5min)(15min)
300 cycle test
n=22,c=0
High temperature test
Temp: +100℃
Vcc:6V
1000hrs
n=22,c=0
Low temperature
storage
Temp: -40℃
1000hrs
n=22,c=0
High temperature
High humidity
Ta: 85℃,RH:85%
1000hrs
n=22,c=0
Solder heat
Temp: 260±5℃ 10sec
4mm From the bottom of the package.
L0≦ L×0.8
L45≦ L×0.8
L: Lower s
pecification limit
n=22,c=0


Similar Part No. - IRM-2738

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IRM-2738 ETC1-IRM-2738 Datasheet
254Kb / 9P
   INfrared Remote-contro Receiver Module
logo
Everlight Electronics C...
IRM-2738-E EVERLIGHT-IRM-2738-E Datasheet
281Kb / 10P
   Infrared Remote-control Receiver Module
IRM-2738A EVERLIGHT-IRM-2738A Datasheet
243Kb / 10P
   Infrared Remote-control Receiver Module
IRM-2738F4 EVERLIGHT-IRM-2738F4 Datasheet
295Kb / 10P
   Infrared Remote-control Receiver Module
IRM-2738S28-P EVERLIGHT-IRM-2738S28-P Datasheet
243Kb / 9P
   Infrared Remote-Control Receiver Module
More results

Similar Description - IRM-2738

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IRM-8885V-P EVERLIGHT-IRM-8885V-P Datasheet
231Kb / 9P
   Infrared Remote-control Receiver Module
IRM-8751-2 EVERLIGHT-IRM-8751-2 Datasheet
251Kb / 9P
   Infrared Remote-control Receiver Module
IRM-2638AF31 EVERLIGHT-IRM-2638AF31 Datasheet
220Kb / 9P
   Infrared Remote-control Receiver Module
IRM-2738F4 EVERLIGHT-IRM-2738F4 Datasheet
295Kb / 10P
   Infrared Remote-control Receiver Module
IRM-8608S-5 EVERLIGHT-IRM-8608S-5 Datasheet
250Kb / 9P
   Infrared Remote-control Receiver Module
logo
List of Unclassifed Man...
IRM-2638V ETC-IRM-2638V Datasheet
197Kb / 9P
   Infrared Remote-control Receiver Module
logo
Everlight Electronics C...
IRM-H6XXT EVERLIGHT-IRM-H6XXT Datasheet
223Kb / 11P
   Infrared Remote-control Receiver Module
IRM-8751-1 EVERLIGHT-IRM-8751-1 Datasheet
251Kb / 9P
   Infrared Remote-control Receiver Module
IRM-3633AF4 EVERLIGHT-IRM-3633AF4 Datasheet
235Kb / 9P
   Infrared Remote-control Receiver Module
IRM-3736 EVERLIGHT-IRM-3736 Datasheet
256Kb / 9P
   Infrared Remote-control Receiver Module
IRM-8608S-2 EVERLIGHT-IRM-8608S-2 Datasheet
250Kb / 9P
   Infrared Remote-control Receiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com