Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1175-HBL Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # A1175-HBL
Description  SPECIFICATION FOR APPROVAL
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A1175-HBL Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  A1175-HBL Datasheet HTML 1Page - List of Unclassifed Manufacturers A1175-HBL Datasheet HTML 2Page - List of Unclassifed Manufacturers A1175-HBL Datasheet HTML 3Page - List of Unclassifed Manufacturers A1175-HBL Datasheet HTML 4Page - List of Unclassifed Manufacturers A1175-HBL Datasheet HTML 5Page - List of Unclassifed Manufacturers A1175-HBL Datasheet HTML 6Page - List of Unclassifed Manufacturers A1175-HBL Datasheet HTML 7Page - List of Unclassifed Manufacturers A1175-HBL Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SUNON
SPECIFICATIONS
MODEL : A2175-HBL
TC.R
1-1. Rated Voltage
: 230 VAC 50/60 HZ
1-2. Operating Voltage Range
: 150-245 VAC
1-3. Starting Voltage
: 150 VAC
1-4. Rated Speed
: 2800/3200 RPM ± 10%
1-5. Air Delivery
: 203/239 CFM
1-6. Static Pressure
: 0.62/0.69 Inch-H2O
1-7. Rated Current
: 0.11/0.11 AMP
1-8. Input Power
: 25/26 WATTS
1-9. Noise Level
: 51/58 dB(A)
1-10. Direction of Rotation
: Counter-clockwise viewed front fan blade
1-11. Motor Protection
: Thermal Protected.
1-12. Operating Temperature
: -10 to +80 Deg.C
1-13. Storage Temperature
: -30 to +80 Deg.C
1-14. Bearing System
: Precise ball bearing system
1-15. Weight
: 908g
1-16. Safety
: UL/CUR/TUV/CE Approvals
1-17. Vibration
: Vibration of acceleration 1.5G and
Frequency 5~50~5Hz is applied in the
3 directions(X,Y,Z) for 30 minutes, each
Direction at the cycle of 1 minute.
1-18. Life Expectancy
: 50,000 Hrs at 25℃
℃.
SPEC. NO.
A170028
REVISE DATE
ISSUE DATE
06. 22. 2001 E D I T I O N
0
建準電機工業股份有限公司
建準電機工業股份有限公司
建準電機工業股份有限公司
建準電機工業股份有限公司
SUNONWEALTH ELECTRIC
MACHINE INDUSTRY CO., LTD.
P A G E
3 OF 7


Similar Part No. - A1175-HBL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A1175 STMICROELECTRONICS-A1175 Datasheet
292Kb / 13P
   LOW-NOISE VERTICAL DEFLECTION SYSTEM
More results

Similar Description - A1175-HBL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KPEG212A ETC2-KPEG212A Datasheet
145Kb / 5P
   SPECIFICATION FOR APPROVAL
logo
XFMRS Inc.
XFEI100505-6N8J XFMRS-XFEI100505-6N8J Datasheet
23Kb / 1P
   SPECIFICATION FOR APPROVAL
logo
Delta Electronics, Inc.
03SB3SM DELTA-03SB3SM Datasheet
136Kb / 2P
   SPECIFICATION FOR APPROVAL
SIG4012-1R0 DELTA-SIG4012-1R0 Datasheet
173Kb / 4P
   SPECIFICATION FOR APPROVAL
SIG3012-R50 DELTA-SIG3012-R50 Datasheet
142Kb / 4P
   SPECIFICATION FOR APPROVAL
logo
XFMRS Inc.
XFEB201209-300-3A XFMRS-XFEB201209-300-3A Datasheet
27Kb / 1P
   SPECIFICATION FOR APPROVAL
XFEB321608-601-4 XFMRS-XFEB321608-601-4 Datasheet
103Kb / 1P
   SPECIFICATION FOR APPROVAL
logo
List of Unclassifed Man...
LA001-002A99DY ETC2-LA001-002A99DY Datasheet
340Kb / 9P
   SPECIFICATION FOR APPROVAL
KPEG110 ETC2-KPEG110 Datasheet
146Kb / 5P
   SPECIFICATION FOR APPROVAL
logo
LUXPIA
LRH1035 LUXPIA-LRH1035 Datasheet
262Kb / 15P
   Specification for Approval
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com