Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A2175-MBL Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # A2175-MBL
Description  SPECIFICATION FOR APPROVAL
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A2175-MBL Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  A2175-MBL Datasheet HTML 1Page - List of Unclassifed Manufacturers A2175-MBL Datasheet HTML 2Page - List of Unclassifed Manufacturers A2175-MBL Datasheet HTML 3Page - List of Unclassifed Manufacturers A2175-MBL Datasheet HTML 4Page - List of Unclassifed Manufacturers A2175-MBL Datasheet HTML 5Page - List of Unclassifed Manufacturers A2175-MBL Datasheet HTML 6Page - List of Unclassifed Manufacturers A2175-MBL Datasheet HTML 7Page - List of Unclassifed Manufacturers A2175-MBL Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SUNON
AXIAL AC FAN
MODEL : A2175-HBL
TC.R
CHARACTERISTICS
1. Motor Design
:
Reliable Alveolate Motor Construction.
2. Insulation Resistance
:
500Megohms minimum at 500 VAC.
3. Dielectric Strength
:
1500 VAC for one minute.
4. Motor Protection
:
Thermal protected & Class B (II)
5. Noise Level
:
Measured in a semi-anechoic chamber
with background noise level below 15
dB(A). The fan is running in free air with
microphone at a distance of one meter
from the fan intake.
6. Air Performance
:
Measured by a double chamber. The value
are recorded when the fan speed is stabilized
at rated voltage.
7.Tolerances
:
±15% on rated power and current.
SPEC. NO.
A170028
REVISE DATE
ISSUE DATE
06. 22. 2001 E D I T I O N
0
建準電機工業股份有限公司
建準電機工業股份有限公司
建準電機工業股份有限公司
建準電機工業股份有限公司
SUNONWEALTH ELECTRIC
MACHINE INDUSTRY CO., LTD.
P A G E
2 OF 7


Similar Part No. - A2175-MBL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A217 ETC1-A217 Datasheet
461Kb / 2P
   Casting Material: Alloy Steel A217 GR WC6
logo
STMicroelectronics
A2170 STMICROELECTRONICS-A2170 Datasheet
182Kb / 7P
   TV VERTICAL DEFLECTION OUTPUT CIRCUIT
logo
MicroPower Direct, LLC
A217EHI MPD-A217EHI Datasheet
190Kb / 2P
   Low Cost, Miniature DIP 2W, Very High Isolation DC/DC Converters
A217EHI MPD-A217EHI Datasheet
223Kb / 2P
   A200EHI SERIES
More results

Similar Description - A2175-MBL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KPEG212A ETC2-KPEG212A Datasheet
145Kb / 5P
   SPECIFICATION FOR APPROVAL
logo
XFMRS Inc.
XFEI100505-6N8J XFMRS-XFEI100505-6N8J Datasheet
23Kb / 1P
   SPECIFICATION FOR APPROVAL
logo
Delta Electronics, Inc.
03SB3SM DELTA-03SB3SM Datasheet
136Kb / 2P
   SPECIFICATION FOR APPROVAL
SIG4012-1R0 DELTA-SIG4012-1R0 Datasheet
173Kb / 4P
   SPECIFICATION FOR APPROVAL
SIG3012-R50 DELTA-SIG3012-R50 Datasheet
142Kb / 4P
   SPECIFICATION FOR APPROVAL
logo
XFMRS Inc.
XFEB201209-300-3A XFMRS-XFEB201209-300-3A Datasheet
27Kb / 1P
   SPECIFICATION FOR APPROVAL
XFEB321608-601-4 XFMRS-XFEB321608-601-4 Datasheet
103Kb / 1P
   SPECIFICATION FOR APPROVAL
logo
List of Unclassifed Man...
LA001-002A99DY ETC2-LA001-002A99DY Datasheet
340Kb / 9P
   SPECIFICATION FOR APPROVAL
KPEG110 ETC2-KPEG110 Datasheet
146Kb / 5P
   SPECIFICATION FOR APPROVAL
logo
LUXPIA
LRH1035 LUXPIA-LRH1035 Datasheet
262Kb / 15P
   Specification for Approval
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com