Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1175-MSL Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # A1175-MSL
Description  SPECIFICATION FOR APPROVAL
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A1175-MSL Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  A1175-MSL Datasheet HTML 1Page - List of Unclassifed Manufacturers A1175-MSL Datasheet HTML 2Page - List of Unclassifed Manufacturers A1175-MSL Datasheet HTML 3Page - List of Unclassifed Manufacturers A1175-MSL Datasheet HTML 4Page - List of Unclassifed Manufacturers A1175-MSL Datasheet HTML 5Page - List of Unclassifed Manufacturers A1175-MSL Datasheet HTML 6Page - List of Unclassifed Manufacturers A1175-MSL Datasheet HTML 7Page - List of Unclassifed Manufacturers A1175-MSL Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
FAN THICKNESS
3 : 38mm
5 : 51mm
Capacitor
SUNON
MODEL NUMBERING SYSTEM
FAN SERIES
A : AC FAN
VOLTAGE
1 : 115VAC
2 : 220~240VAC
FRAME SIZE
17 : 172mm
TERMINAL
T : TERMINAL
L : LEAD WIRE
BEARING SYSTEM
B : BALL
S : SLEEVE
SPEED
H : HIGH
M: MIDDLE
L : LOW
SPEC. NO.
A170028
REVISE DATE
ISSUE DATE
06. 22. 2001 E D I T I O N
0
建準電機工業股份有限公司
建準電機工業股份有限公司
建準電機工業股份有限公司
建準電機工業股份有限公司
SUNONWEALTH ELECTRIC
MACHINE INDUSTRY CO., LTD.
P A G E
1 OF 7
A
L
B
H
5
17
2
T
C
Thermal Cutout
R
Round Frame


Similar Part No. - A1175-MSL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A1175 STMICROELECTRONICS-A1175 Datasheet
292Kb / 13P
   LOW-NOISE VERTICAL DEFLECTION SYSTEM
More results

Similar Description - A1175-MSL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KPEG212A ETC2-KPEG212A Datasheet
145Kb / 5P
   SPECIFICATION FOR APPROVAL
logo
XFMRS Inc.
XFEI100505-6N8J XFMRS-XFEI100505-6N8J Datasheet
23Kb / 1P
   SPECIFICATION FOR APPROVAL
logo
Delta Electronics, Inc.
03SB3SM DELTA-03SB3SM Datasheet
136Kb / 2P
   SPECIFICATION FOR APPROVAL
SIG4012-1R0 DELTA-SIG4012-1R0 Datasheet
173Kb / 4P
   SPECIFICATION FOR APPROVAL
SIG3012-R50 DELTA-SIG3012-R50 Datasheet
142Kb / 4P
   SPECIFICATION FOR APPROVAL
logo
XFMRS Inc.
XFEB201209-300-3A XFMRS-XFEB201209-300-3A Datasheet
27Kb / 1P
   SPECIFICATION FOR APPROVAL
XFEB321608-601-4 XFMRS-XFEB321608-601-4 Datasheet
103Kb / 1P
   SPECIFICATION FOR APPROVAL
logo
List of Unclassifed Man...
LA001-002A99DY ETC2-LA001-002A99DY Datasheet
340Kb / 9P
   SPECIFICATION FOR APPROVAL
KPEG110 ETC2-KPEG110 Datasheet
146Kb / 5P
   SPECIFICATION FOR APPROVAL
logo
LUXPIA
LRH1035 LUXPIA-LRH1035 Datasheet
262Kb / 15P
   Specification for Approval
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com