Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8X8TS Datasheet(PDF) 2 Page - Littelfuse

Part # S8X8TS
Description  EV Series 0.8A Sensitive SCR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

S8X8TS Datasheet(HTML) 2 Page - Littelfuse

  S8X8TS Datasheet HTML 1Page - Littelfuse S8X8TS Datasheet HTML 2Page - Littelfuse S8X8TS Datasheet HTML 3Page - Littelfuse S8X8TS Datasheet HTML 4Page - Littelfuse S8X8TS Datasheet HTML 5Page - Littelfuse S8X8TS Datasheet HTML 6Page - Littelfuse S8X8TS Datasheet HTML 7Page - Littelfuse S8X8TS Datasheet HTML 8Page - Littelfuse S8X8TS Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.littelfuse.com
©2008 Littelfuse
146
Power Thyristor Databook
Teccor® brand Thyristors
Silicon Controlled Rectifiers
SxX8xSx EV Series 0.8A Sensitive SCR
Electrical Characteristics (T
J = 25°C, unless otherwise specified)
Symbol
Description
Test Conditions
Limit
SxX8xxx
Unit
S1
S2
S
I
V
D = 6V
R
L = 100 Ω
MIN.
0.5
1
15
μA
MAX.
5
50
200
μA
V
V
D = 6V
R
L = 100 Ω
MAX.
0.8
V
V
I
= 10μA
MIN.
5
V
I
H
Holding Current
R
= 1 KΩ
MAX.
5
mA
(dv/dt)s
Critical Rate-of-Rise of
Off-State Voltage
T
J = 125°C
V
D = VDRM /VRRM
Exp. Waveform
R
=1 kΩ
MIN.
75
V/μs
t
q
Turn-Off Time
T
J = 25°C @ 600 V
R
=1 kΩ
MAX.
30
25
25
μs
t
gt
Turn-On Time
I =10mA
PW = 15μsec
I
T = 1.6A(pk)
MAX.
2.0
2.0
2.0
μs
Static Characteristics (T
J = 25°C, unless otherwise specified)
Symbol
Description
Test Conditions
Limit
Value
Unit
V
TM
Peak On-State Voltage
I
TM = 1.6A (pk)
MAX.
1.70
V
I
DRM
Off-State Current, Peak Repetitive
T
J = 25°C @ VD = VDRM
R
=1 kΩ
MAX.
3
μA
T
J = 125°C @ VD = VDRM
R
=1 kΩ
MAX.
500
μA
Thermal Resistances
Symbol
Description
Test Conditions
Value
Unit
R
th(j-c)
Junction to case (AC)
I
T = 0.8A (RMS)
1
TO-92
75
°C/ W
SOT-223
30
°C/ W
SOT-89
50
°C/ W
R
th(j-a)
Junction to ambient
I
T = 0.8A (RMS)
1
TO-92
150
°C/ W
SOT-223
60
°C/ W
SOT-89
90
°C/ W
1 60Hz AC resistive load condition, 100% conduction.


Similar Part No. - S8X8TS

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S8X8TS LITTELFUSE-S8X8TS Datasheet
1Mb / 10P
   Teccor짰 brand Thyristors EV Series 0.8 Amp Sensitive SCRs
S8X8TS LITTELFUSE-S8X8TS Datasheet
241Kb / 9P
   SxX8xSx EV Series 0.8A Sensitive SCR
S8X8TS LITTELFUSE-S8X8TS Datasheet
879Kb / 10P
   Teccor짰 brand Thyristors EV Series 0.8 Amp Sensitive SCRs
S8X8TS1 LITTELFUSE-S8X8TS1 Datasheet
1Mb / 10P
   Teccor짰 brand Thyristors EV Series 0.8 Amp Sensitive SCRs
S8X8TS1 LITTELFUSE-S8X8TS1 Datasheet
241Kb / 9P
   SxX8xSx EV Series 0.8A Sensitive SCR
More results

Similar Description - S8X8TS

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S6X8TS2RP LITTELFUSE-S6X8TS2RP Datasheet
241Kb / 9P
   SxX8xSx EV Series 0.8A Sensitive SCR
S4X8BSRP LITTELFUSE-S4X8BSRP Datasheet
241Kb / 9P
   SxX8xSx EV Series 0.8A Sensitive SCR
S4X8ESRP LITTELFUSE-S4X8ESRP Datasheet
241Kb / 9P
   SxX8xSx EV Series 0.8A Sensitive SCR
S8X8TS2RP LITTELFUSE-S8X8TS2RP Datasheet
241Kb / 9P
   SxX8xSx EV Series 0.8A Sensitive SCR
S8X8TS1RP LITTELFUSE-S8X8TS1RP Datasheet
241Kb / 9P
   SxX8xSx EV Series 0.8A Sensitive SCR
logo
Micro Electronics
MCR100 MICRO-ELECTRONICS-MCR100 Datasheet
81Kb / 2P
   0.8A SCR
logo
JIEJIE MICROELECTRONICS...
JX008 JIEJIE-JX008 Datasheet
390Kb / 4P
   0.8A SENSITIVE SCRs
JX007 JIEJIE-JX007 Datasheet
242Kb / 4P
   0.8A Sensitive SCRs
BT169 JIEJIE-BT169 Datasheet
394Kb / 4P
   0.8A SENSITIVE SCRs
MCR100-8 JIEJIE-MCR100-8 Datasheet
386Kb / 4P
   0.8A SENSITIVE SCRs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com