Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EHP-AX08LS-DT01-P01 Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # EHP-AX08LS-DT01-P01
Description  High Power LED - 1W
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EHP-AX08LS-DT01-P01 Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  EHP-AX08LS-DT01-P01 Datasheet HTML 1Page - Everlight Electronics Co., Ltd EHP-AX08LS-DT01-P01 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EHP-AX08LS-DT01-P01 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EHP-AX08LS-DT01-P01 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EHP-AX08LS-DT01-P01 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EHP-AX08LS-DT01-P01 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EHP-AX08LS-DT01-P01 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EHP-AX08LS-DT01-P01 Datasheet HTML 8Page - Everlight Electronics Co., Ltd EHP-AX08LS-DT01-P01 Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
High Power LED – 1W
EHP-AX08LS/DT01-P01
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1.0
Page: 1 of 9
Device No. :
Prepared date: Mar 05, 2008
Prepared by: Jessie Chueh
Features
Feature of the device: small package with high efficiency
Typical color temperature: 6500 K.
Typical view angle: 120°.
Typical light flux output: 50lm @ 350mA.
ESD protection.
Soldering methods: SMT.
Grouping parameter: total luminous flux, color temperature.
Typical optical efficiency: 40 lm/W.
Thermal resistance (junction to lead): 15 K/W.
The product itself will remain within RoHS compliant version
Applications
TFT LCD display backlight
Decorative and entertainment illumination
Signal and symbol luminaries for orientation marker
lights (e.g. steps, exit ways, etc.)
Exterior and interior automotive illumination
Materials
Items
Description
Housing black body
Heat resistant polymer
Encapsulating Resin
Silicone resin
Lens
Silicone
Electrodes
Ag plating copper alloy
Die attach
Silver paste
Chip
InGaN


Similar Part No. - EHP-AX08LS-DT01-P01

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EHP-AX08LS-GT01-P01 EVERLIGHT-EHP-AX08LS-GT01-P01 Datasheet
272Kb / 9P
   High Power LED - 1W
EHP-AX08LS-LM01-P01 EVERLIGHT-EHP-AX08LS-LM01-P01 Datasheet
272Kb / 9P
   High Power LED - 1W
EHP-AX08LS-SUG01-P01 EVERLIGHT-EHP-AX08LS-SUG01-P01 Datasheet
271Kb / 9P
   High Power LED - 1W
EHP-AX08LS-SUR01A-P01 EVERLIGHT-EHP-AX08LS-SUR01A-P01 Datasheet
220Kb / 8P
   High Power LED - 1W
EHP-AX08LS-UB01-P01 EVERLIGHT-EHP-AX08LS-UB01-P01 Datasheet
270Kb / 9P
   High Power LED - 1W
More results

Similar Description - EHP-AX08LS-DT01-P01

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EHP-A08L EVERLIGHT-EHP-A08L Datasheet
301Kb / 11P
   High Power LED - 1W
EHP-AX08B-GT01-P01 EVERLIGHT-EHP-AX08B-GT01-P01 Datasheet
295Kb / 10P
   High Power LED - 1W
EHP-AX08B-LM01-P01 EVERLIGHT-EHP-AX08B-LM01-P01 Datasheet
296Kb / 10P
   High Power LED - 1W
EHP-AX08B-SUR01A-P01 EVERLIGHT-EHP-AX08B-SUR01A-P01 Datasheet
295Kb / 10P
   High Power LED - 1W
EHP-AX08F-SUG01 EVERLIGHT-EHP-AX08F-SUG01 Datasheet
298Kb / 10P
   High Power LED - 1W
EHP-A07-VY01-P01 EVERLIGHT-EHP-A07-VY01-P01 Datasheet
273Kb / 10P
   High Power LED - 1W
EHP-C04 EVERLIGHT-EHP-C04 Datasheet
443Kb / 11P
   High Power LED - 1W
logo
List of Unclassifed Man...
QBHP684UE-PCAU ETC1-QBHP684UE-PCAU Datasheet
1,012Kb / 10P
   1W High Power LED
logo
Everlight Electronics C...
EHP-AX08LS-UB01-P01 EVERLIGHT-EHP-AX08LS-UB01-P01 Datasheet
270Kb / 9P
   High Power LED - 1W
EHP-AX08B-SUG01-P01 EVERLIGHT-EHP-AX08B-SUG01-P01 Datasheet
294Kb / 10P
   High Power LED - 1W
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com