Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48T212A Datasheet(PDF) 9 Page - STMicroelectronics

Part # M48T212A
Description  3.3V TIMEKEEPER CONTROLLER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T212A Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M48T212A Datasheet HTML 5Page - STMicroelectronics M48T212A Datasheet HTML 6Page - STMicroelectronics M48T212A Datasheet HTML 7Page - STMicroelectronics M48T212A Datasheet HTML 8Page - STMicroelectronics M48T212A Datasheet HTML 9Page - STMicroelectronics M48T212A Datasheet HTML 10Page - STMicroelectronics M48T212A Datasheet HTML 11Page - STMicroelectronics M48T212A Datasheet HTML 12Page - STMicroelectronics M48T212A Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9/20
M48T212A
Figure 8. Write Cycle Timing: RTC Control Signals
AI02641
W
DQ0-DQ7
G
DATA IN
VALID
ADDRESS
tAVAV
E
tAVEH
tAVAV
tAVAV
WRITE
WRITE
READ
DATA OUT
VALID
DATA OUT
VALID
tAVWH
tAVQV
tWLWH
tWHDX
tWHAX
tWHQX
tWLQZ
tDVWH
tGLQV
tEHQZ
tDVEH
DATA IN
VALID
tELEH
tEHAX
tAVEL
tEHDX
tAVWL
Figure 7. Read Cycle Timing: RTC Control Signals
AI02640
W
DQ7-DQ0
G
DATA OUT
VALID
ADDRESS
tAVAV
E
tELQV
tAVAV
tAVAV
READ
READ
WRITE
DATA IN
VALID
DATA OUT
VALID
tAVQV
tWHAX
tAVWL
tELQX
tGLQV
tGHQZ
tWLWH
tAXQX
tGLQX


Similar Part No. - M48T212A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T212V STMICROELECTRONICS-M48T212V Datasheet
616Kb / 32P
   5V/3.3V TIMEKEEPER CONTROLLER Supervisor
M48T212V STMICROELECTRONICS-M48T212V Datasheet
312Kb / 35P
   3.3V TIMEKEEPER supervisor
M48T212V-70MH1 STMICROELECTRONICS-M48T212V-70MH1 Datasheet
616Kb / 32P
   5V/3.3V TIMEKEEPER CONTROLLER Supervisor
M48T212V-70MH1E STMICROELECTRONICS-M48T212V-70MH1E Datasheet
616Kb / 32P
   5V/3.3V TIMEKEEPER CONTROLLER Supervisor
M48T212V-70MH1F STMICROELECTRONICS-M48T212V-70MH1F Datasheet
616Kb / 32P
   5V/3.3V TIMEKEEPER CONTROLLER Supervisor
More results

Similar Description - M48T212A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T201Y STMICROELECTRONICS-M48T201Y Datasheet
477Kb / 33P
   3.3V-5V TIMEKEEPER CONTROLLER
M48T212Y STMICROELECTRONICS-M48T212Y Datasheet
616Kb / 32P
   5V/3.3V TIMEKEEPER CONTROLLER Supervisor
M48T212V STMICROELECTRONICS-M48T212V_07 Datasheet
312Kb / 35P
   3.3V TIMEKEEPER supervisor
M48T128Y STMICROELECTRONICS-M48T128Y Datasheet
340Kb / 22P
   3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM
M48T248Y STMICROELECTRONICS-M48T248Y Datasheet
306Kb / 24P
   5.0 or 3.3V, 1024K TIMEKEEPER SRAM with PHANTOM
M48T513Y STMICROELECTRONICS-M48T513Y Datasheet
145Kb / 23P
   3.3V-5V 4 Mbit 512Kb x8 TIMEKEEPER SRAM
M48T129Y STMICROELECTRONICS-M48T129Y Datasheet
140Kb / 22P
   3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM
M48T251Y STMICROELECTRONICS-M48T251Y Datasheet
366Kb / 24P
   5.0 or 3.3V, 4096K TIMEKEEPER SRAM with PHANTOM
M48T37Y STMICROELECTRONICS-M48T37Y Datasheet
511Kb / 29P
   3.3V-5V 256 Kbit 32Kb x8 TIMEKEEPER SRAM
M48T512Y STMICROELECTRONICS-M48T512Y Datasheet
301Kb / 21P
   3.3V-5V 4 Mbit 512Kb x8 TIMEKEEPER SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com