Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48T212Y Datasheet(PDF) 7 Page - STMicroelectronics

Part # M48T212Y
Description  5V/3.3V TIMEKEEPER CONTROLLER Supervisor
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T212Y Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M48T212Y Datasheet HTML 3Page - STMicroelectronics M48T212Y Datasheet HTML 4Page - STMicroelectronics M48T212Y Datasheet HTML 5Page - STMicroelectronics M48T212Y Datasheet HTML 6Page - STMicroelectronics M48T212Y Datasheet HTML 7Page - STMicroelectronics M48T212Y Datasheet HTML 8Page - STMicroelectronics M48T212Y Datasheet HTML 9Page - STMicroelectronics M48T212Y Datasheet HTML 10Page - STMicroelectronics M48T212Y Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
7/32
M48T212Y, M48T212V
Figure 4. Hardware Hookup
Note: 1. See description in Power Supply Decoupling and Undershoot Protection.
2. Traces connecting E1CON and E2CON to external SRAM should be as short as possible.
3. If the second chip enable pin (E2) is unused, it should be tied to VOUT.
AI03046
A0-A3
DQ0-DQ7
A
VCC
W
G
WDI
RSTIN1
RSTIN2
VSS
E
E2
(3)
VCC
A0-Axx
0.1
µF
0.1
µF
5V/3.3V
E2CON
RST
IRQ/FT
M48T212Y/V
CMOS
SRAM
VOUT
E
VCC
CMOS
SRAM
E1CON
Note 2
MOTOROLA
MTD20P06HDL
VCCSW
1N5817
(1)
EX
E
A0-A18
A0-Axx
E2
(3)


Similar Part No. - M48T212Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T212A STMICROELECTRONICS-M48T212A Datasheet
165Kb / 20P
   3.3V TIMEKEEPER CONTROLLER
M48T212A-85MH1 STMICROELECTRONICS-M48T212A-85MH1 Datasheet
165Kb / 20P
   3.3V TIMEKEEPER CONTROLLER
M48T212A-85MH1TR STMICROELECTRONICS-M48T212A-85MH1TR Datasheet
165Kb / 20P
   3.3V TIMEKEEPER CONTROLLER
M48T212A-85MH6 STMICROELECTRONICS-M48T212A-85MH6 Datasheet
165Kb / 20P
   3.3V TIMEKEEPER CONTROLLER
M48T212A-85MH6TR STMICROELECTRONICS-M48T212A-85MH6TR Datasheet
165Kb / 20P
   3.3V TIMEKEEPER CONTROLLER
More results

Similar Description - M48T212Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T201Y STMICROELECTRONICS-M48T201Y Datasheet
477Kb / 33P
   3.3V-5V TIMEKEEPER CONTROLLER
M48T212V STMICROELECTRONICS-M48T212V_07 Datasheet
312Kb / 35P
   3.3V TIMEKEEPER supervisor
M48T212A STMICROELECTRONICS-M48T212A Datasheet
165Kb / 20P
   3.3V TIMEKEEPER CONTROLLER
M48T128Y STMICROELECTRONICS-M48T128Y Datasheet
340Kb / 22P
   3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM
M48T513Y STMICROELECTRONICS-M48T513Y Datasheet
145Kb / 23P
   3.3V-5V 4 Mbit 512Kb x8 TIMEKEEPER SRAM
M48T129Y STMICROELECTRONICS-M48T129Y Datasheet
140Kb / 22P
   3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM
M48T37Y STMICROELECTRONICS-M48T37Y Datasheet
511Kb / 29P
   3.3V-5V 256 Kbit 32Kb x8 TIMEKEEPER SRAM
M48T512Y STMICROELECTRONICS-M48T512Y Datasheet
301Kb / 21P
   3.3V-5V 4 Mbit 512Kb x8 TIMEKEEPER SRAM
STM705 STMICROELECTRONICS-STM705 Datasheet
530Kb / 27P
   5V Supervisor
logo
Advanced Analog Technol...
AAT1011A AAT-AAT1011A Datasheet
84Kb / 7P
   3-CHANNEL PC POWER SUPPLY SUPERVISOR FOR 3.3V, 5V AND 12V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com