Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELSF-405SYGWA Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # ELSF-405SYGWA
Description  0.39 Quadruple Digit SMD Displays
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELSF-405SYGWA Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  ELSF-405SYGWA Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELSF-405SYGWA Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELSF-405SYGWA Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELSF-405SYGWA Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELSF-405SYGWA Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELSF-405SYGWA Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELSF-405SYGWA Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELSF-405SYGWA Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev.
1
Page: 1 of 8
Device No.: CDGF-405-003
Prepared date:
2005/09/20
Prepared by:
Angel Zhang
Technical Data Sheet
0.39" Quadruple Digit SMD Displays
ELSF-405SYGWA/S530-E2
Features
˙Packaged in tape and reel for SMT manufacturing.
˙Design flexibility(common cathode or anode).
˙Categorized for luminous intensity.
˙The thickness is thinness than tradition display.
˙Pb free
˙The product itself will remain within RoHS
compliant version
Descriptions
˙The SMD type is much smaller than tradition
type components, thus enable smaller board
size, higher packing density, reduced storage space
and finally smaller equipment to be obtained.
Applications
˙Suitable for indoor use.
˙Audio system.
˙Set top box.
˙Game machine.
˙Channel indicator of TV.
Device Selection Guide
Chip
Face Color
Material
Emitted Color
A1GaInP
Brilliant Yellow Green
Gray


Similar Part No. - ELSF-405SYGWA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSF-405SURWA EVERLIGHT-ELSF-405SURWA Datasheet
292Kb / 8P
   0.39" Quadruple Digit SMD Displays
More results

Similar Description - ELSF-405SYGWA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSF-405SURWA EVERLIGHT-ELSF-405SURWA Datasheet
292Kb / 8P
   0.39" Quadruple Digit SMD Displays
ELSF-406SYGWA EVERLIGHT-ELSF-406SYGWA Datasheet
219Kb / 8P
   0.39 Quadruple Digit SMD Displays
ELSD-405SYGWA EVERLIGHT-ELSD-405SYGWA Datasheet
188Kb / 8P
   0.39 Single Digit SMD Displays
ELSS-406SYGWA EVERLIGHT-ELSS-406SYGWA Datasheet
168Kb / 8P
   0.39 Single Digit SMD Displays
ELSD-405SURWA EVERLIGHT-ELSD-405SURWA Datasheet
284Kb / 8P
   0.39" Dual Digit SMD Displays
ELST-405SYGWA EVERLIGHT-ELST-405SYGWA Datasheet
204Kb / 8P
   0.39 Triple Digit SMD Displays
ELSS-405SYGWA EVERLIGHT-ELSS-405SYGWA Datasheet
172Kb / 8P
   0.39 Single Digit SMD Displays
ELSD-406SYGWA EVERLIGHT-ELSD-406SYGWA Datasheet
287Kb / 8P
   0.39" Dual Digit SMD Displays
ELST-405SURWA EVERLIGHT-ELST-405SURWA Datasheet
304Kb / 8P
   0.39" Triple Digit SMD Displays
ELST-406SURWA EVERLIGHT-ELST-406SURWA Datasheet
258Kb / 8P
   0.39" Triple Digit SMD Displays
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com