Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELSS-406SYGWA Datasheet(PDF) 8 Page - Everlight Electronics Co., Ltd

Part # ELSS-406SYGWA
Description  0.39 Single Digit SMD Displays
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELSS-406SYGWA Datasheet(HTML) 8 Page - Everlight Electronics Co., Ltd

  ELSS-406SYGWA Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELSS-406SYGWA Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELSS-406SYGWA Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELSS-406SYGWA Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELSS-406SYGWA Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELSS-406SYGWA Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELSS-406SYGWA Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELSS-406SYGWA Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev.
2
Page 8 of 8
Device No:CDGS-406-010
Prepared date:
2006/5/7
Prepared by:
hong zhou
ELSS-406SYGWA/S530-E2
Packing Quantity Specification
1000PCS/Roll,1Roll/Small box, 7Small boxes/Box
Label Form Specification
CPN: Customer’s Production Number
P/N : Production Number
QTY: Packing Quantity
CAT: Ranks
HUE: Peak Wavelength
REF: Reference
LO T N O :
D C :
QT Y :
CA T :
P / N :
CP N :
S S 4 06S Y G W A /S 53 0-E 2
LOT No: Lot Number
DC: Year and weekly
Notes
1. Above specification may be changed without notice. EVERLIGHT will reserve authority on
material change for above specification.
2. When using this product, please observe the absolute maximum ratings and the instructions for
using outlined in these specification sheets. EVERLIGHT assumes no responsibility for any
damage resulting from use of the product which does not comply with the absolute maximum
ratings and the instructions included in these specification sheets.
3. These specification sheets include materials protected under copyright of EVERLIGHT
corporation. Please don’t reproduce or cause anyone to reproduce them without
EVERLIGHT’sconsent.
EVERLIGHT ELECTRONICS CO., LTD.
Tel: 886-2-2267-2000, 2267-9936
Office: No 25, Lane 76, Sec 3, Chung Yang Rd,
Fax: 886-2267-6244, 2267-6189, 2267-6306
Tucheng, Taipei 236, Taiwan, R.O.C
http://www.everlight.com


Similar Part No. - ELSS-406SYGWA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSS-406USRWA EVERLIGHT-ELSS-406USRWA Datasheet
306Kb / 8P
   0.39" Single Digit SMD Display
More results

Similar Description - ELSS-406SYGWA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSD-405SYGWA EVERLIGHT-ELSD-405SYGWA Datasheet
188Kb / 8P
   0.39 Single Digit SMD Displays
ELSS-405SYGWA EVERLIGHT-ELSS-405SYGWA Datasheet
172Kb / 8P
   0.39 Single Digit SMD Displays
logo
List of Unclassifed Man...
ELS-431GWA ETC-ELS-431GWA Datasheet
149Kb / 5P
   0.39 SINGLE DIGIT DISPLAYS
logo
Everlight Electronics C...
ELS-432SURWA EVERLIGHT-ELS-432SURWA Datasheet
125Kb / 7P
   0.39 Single Digit Displays
ELS-432SYGWA EVERLIGHT-ELS-432SYGWA Datasheet
115Kb / 6P
   0.39 Single Digit Displays
ELS-431USOWA EVERLIGHT-ELS-431USOWA Datasheet
120Kb / 6P
   0.39 Single Digit Displays
ELS-432USOWA EVERLIGHT-ELS-432USOWA Datasheet
116Kb / 6P
   0.39 Single Digit Displays
ELSF-405SYGWA EVERLIGHT-ELSF-405SYGWA Datasheet
211Kb / 8P
   0.39 Quadruple Digit SMD Displays
ELSF-405SURWA EVERLIGHT-ELSF-405SURWA Datasheet
292Kb / 8P
   0.39" Quadruple Digit SMD Displays
ELSD-405SURWA EVERLIGHT-ELSD-405SURWA Datasheet
284Kb / 8P
   0.39" Dual Digit SMD Displays
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com