Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ITR8307 Datasheet(PDF) 7 Page - Everlight Electronics Co., Ltd

Part # ITR8307
Description  OPTO INTERRUPTER ITR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ITR8307 Datasheet(HTML) 7 Page - Everlight Electronics Co., Ltd

Back Button ITR8307_06 Datasheet HTML 3Page - Everlight Electronics Co., Ltd ITR8307_06 Datasheet HTML 4Page - Everlight Electronics Co., Ltd ITR8307_06 Datasheet HTML 5Page - Everlight Electronics Co., Ltd ITR8307_06 Datasheet HTML 6Page - Everlight Electronics Co., Ltd ITR8307_06 Datasheet HTML 7Page - Everlight Electronics Co., Ltd ITR8307_06 Datasheet HTML 8Page - Everlight Electronics Co., Ltd ITR8307_06 Datasheet HTML 9Page - Everlight Electronics Co., Ltd ITR8307_06 Datasheet HTML 10Page - Everlight Electronics Co., Ltd ITR8307_06 Datasheet HTML 11Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Technical Data Sheet
OPTO INTERRUPTER ITR
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 4
Page: 7 of 11
Device No:DRX-083-025
Prepared date:2006/12/22
Prepared by: Ming-jing Lee
ITR8307
0
0.2
0.4
1300
0.6
0.8
1.0
1200
0
840
860
1000
Ta=25°C
0
0
5
1
15
10
20
2
23
2
2
2
30
25
2
4
Fig.5 Spectral Sensitivity
Fig.6 Collector Current vs
Collector Current Ic (mA)


Similar Part No. - ITR8307_06

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ITR8307-F43 EVERLIGHT-ITR8307-F43 Datasheet
153Kb / 9P
   Opto Interrupter
ITR8307-F43 EVERLIGHT-ITR8307-F43 Datasheet
229Kb / 9P
   Opto Interrupter
ITR8307-F43 EVERLIGHT-ITR8307-F43_09 Datasheet
229Kb / 9P
   Opto Interrupter
ITR8307-L24 EVERLIGHT-ITR8307-L24 Datasheet
258Kb / 9P
   Opto Interrupter ITR
ITR8307-L24-F43 EVERLIGHT-ITR8307-L24-F43 Datasheet
277Kb / 9P
   Opto Interrupter ITR
More results

Similar Description - ITR8307_06

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ITR20508 EVERLIGHT-ITR20508 Datasheet
190Kb / 8P
   OPTO INTERRUPTER ITR
ITR20507 EVERLIGHT-ITR20507 Datasheet
184Kb / 7P
   OPTO INTERRUPTER ITR
ITR20506 EVERLIGHT-ITR20506 Datasheet
186Kb / 7P
   OPTO INTERRUPTER ITR
ITR20403 EVERLIGHT-ITR20403_06 Datasheet
250Kb / 8P
   OPTO INTERRUPTER ITR
ITR8307-L24 EVERLIGHT-ITR8307-L24 Datasheet
258Kb / 9P
   Opto Interrupter ITR
ITR8307-L24-TR8 EVERLIGHT-ITR8307-L24-TR8 Datasheet
324Kb / 10P
   Opto Interrupter ITR
ITR20004 EVERLIGHT-ITR20004 Datasheet
173Kb / 8P
   Opto Interrupter ITR
ITR9904 EVERLIGHT-ITR9904 Datasheet
560Kb / 8P
   OPTO INTERRUPTER ITR
ITR9907 EVERLIGHT-ITR9907_05 Datasheet
328Kb / 9P
   OPTO INTERRUPTER ITR
ITR20505 EVERLIGHT-ITR20505 Datasheet
251Kb / 8P
   OPTO INTERRUPTER ITR
ITR20402 EVERLIGHT-ITR20402_06 Datasheet
320Kb / 9P
   OPTO INTERRUPTER ITR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com