Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRM-V0XX-TR1 Datasheet(PDF) 9 Page - Everlight Electronics Co., Ltd

Part # IRM-V0XX-TR1
Description  Infrared Remote-control Receiver Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

IRM-V0XX-TR1 Datasheet(HTML) 9 Page - Everlight Electronics Co., Ltd

Back Button IRM-V0XX-TR1 Datasheet HTML 4Page - Everlight Electronics Co., Ltd IRM-V0XX-TR1 Datasheet HTML 5Page - Everlight Electronics Co., Ltd IRM-V0XX-TR1 Datasheet HTML 6Page - Everlight Electronics Co., Ltd IRM-V0XX-TR1 Datasheet HTML 7Page - Everlight Electronics Co., Ltd IRM-V0XX-TR1 Datasheet HTML 8Page - Everlight Electronics Co., Ltd IRM-V0XX-TR1 Datasheet HTML 9Page - Everlight Electronics Co., Ltd IRM-V0XX-TR1 Datasheet HTML 10Page - Everlight Electronics Co., Ltd IRM-V0XX-TR1 Datasheet HTML 11Page - Everlight Electronics Co., Ltd IRM-V0XX-TR1 Datasheet HTML 12Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Page: 9 of 12
Document No
:DMO-038-271
Prepared date
:12-12-2007
Rey
:2
IRM-V0XX/TR1
Recommended method of storage
The following are general recommendations for moisture sensitive level (MSL) 4 storage and use:
Shelf life in sealed bag: 12 months at < 40 °C and < 90% relative humidity (RH)
After bag is opened, devices that will be subjected to reflow solder or other high temperature
process must
a) Mounted within 72 hours of factory conditions < 30 °C/60%RH, or
b) Stored at <20% RH
Devices require bake, before mounting, if:
Humidity Indicator Card is > 20% when read at 23 ± 5 °C
If baking is required, devices may be baked:
a) 192 hours at 40℃,and <5% RH(dry air/nitrogen) or
b) 96 hours at 60℃,and <5% RH for all device containers
c) 24 hours at 125 °C
Soldering Condition
a) Pb-free solder temperature profile
b) Reflow soldering should not be done more than two times.
c) When soldering, do not put stress on the unit during heating.
d) After soldering, do not warp the circuit board.


Similar Part No. - IRM-V0XX-TR1

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IRM-V536-TR1 EVERLIGHT-IRM-V536-TR1 Datasheet
277Kb / 12P
   Infrared Remote-control Receiver Module
IRM-V536/TR1 EVERLIGHT-IRM-V536/TR1 Datasheet
277Kb / 12P
   Infrared Remote-control Receiver Module
IRM-V538-TR1 EVERLIGHT-IRM-V538-TR1 Datasheet
277Kb / 12P
   Infrared Remote-control Receiver Module
IRM-V538/TR1 EVERLIGHT-IRM-V538/TR1 Datasheet
277Kb / 12P
   Infrared Remote-control Receiver Module
IRM-V538N7-TR1 EVERLIGHT-IRM-V538N7-TR1 Datasheet
234Kb / 11P
   Infrared Remote-control Receiver Module
More results

Similar Description - IRM-V0XX-TR1

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IRM-8885V-P EVERLIGHT-IRM-8885V-P Datasheet
231Kb / 9P
   Infrared Remote-control Receiver Module
IRM-8751-2 EVERLIGHT-IRM-8751-2 Datasheet
251Kb / 9P
   Infrared Remote-control Receiver Module
IRM-2638AF31 EVERLIGHT-IRM-2638AF31 Datasheet
220Kb / 9P
   Infrared Remote-control Receiver Module
IRM-2738F4 EVERLIGHT-IRM-2738F4 Datasheet
295Kb / 10P
   Infrared Remote-control Receiver Module
IRM-8608S-5 EVERLIGHT-IRM-8608S-5 Datasheet
250Kb / 9P
   Infrared Remote-control Receiver Module
logo
List of Unclassifed Man...
IRM-2638V ETC-IRM-2638V Datasheet
197Kb / 9P
   Infrared Remote-control Receiver Module
logo
Everlight Electronics C...
IRM-H6XXT EVERLIGHT-IRM-H6XXT Datasheet
223Kb / 11P
   Infrared Remote-control Receiver Module
IRM-8751-1 EVERLIGHT-IRM-8751-1 Datasheet
251Kb / 9P
   Infrared Remote-control Receiver Module
IRM-3633AF4 EVERLIGHT-IRM-3633AF4 Datasheet
235Kb / 9P
   Infrared Remote-control Receiver Module
IRM-3736 EVERLIGHT-IRM-3736 Datasheet
256Kb / 9P
   Infrared Remote-control Receiver Module
IRM-8608S-2 EVERLIGHT-IRM-8608S-2 Datasheet
250Kb / 9P
   Infrared Remote-control Receiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com