Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29W010B55K6E Datasheet(PDF) 6 Page - STMicroelectronics

Part # M29W010B55K6E
Description  1 Mbit 128Kb x8, Uniform Block Low Voltage Single Supply Flash Memory
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W010B55K6E Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M29W010B55K6E Datasheet HTML 2Page - STMicroelectronics M29W010B55K6E Datasheet HTML 3Page - STMicroelectronics M29W010B55K6E Datasheet HTML 4Page - STMicroelectronics M29W010B55K6E Datasheet HTML 5Page - STMicroelectronics M29W010B55K6E Datasheet HTML 6Page - STMicroelectronics M29W010B55K6E Datasheet HTML 7Page - STMicroelectronics M29W010B55K6E Datasheet HTML 8Page - STMicroelectronics M29W010B55K6E Datasheet HTML 9Page - STMicroelectronics M29W010B55K6E Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
M29W010B
6/19
Chip Erase Command. The Chip Erase com-
mand can be used to erase the entire chip. Six Bus
Write operations are required to issue the Chip
Erase Command and start the Program/Erase
Controller.
If any blocks are protected then these are ignored
and all the other blocks are erased. If all of the
blocks are protected the Chip Erase operation ap-
pears to start but will terminate within about 100µs,
leaving the data unchanged. No error condition is
given when protected blocks are ignored.
During the erase operation the memory will ignore
all commands. It is not possible to issue any com-
mand to abort the operation. Typical chip erase
times are given in Table 6. All Bus Read opera-
tions during the Chip Erase operation will output
the Status Register on the Data Inputs/Outputs.
See the section on the Status Register for more
details.
After the Chip Erase operation has completed the
memory will return to the Read Mode, unless an
error has occurred. When an error occurs the
memory will continue to output the Status Regis-
ter. A Read/Reset command must be issued to re-
set the error condition and return to Read Mode.
The Chip Erase Command sets all of the bits in un-
protected blocks of the memory to ’1’. All previous
data is lost.
Table 5. Commands
Note: X Don’t Care, PA Program Address, PD Program Data, BA Any address in the Block.
All values in the table are in hexadecimal.
The Command Interface only uses address bits A0-A10 to verify the commands, the upper address bits are Don’t Care.
Read/Reset. After a Read/Reset command, read the memory as normal until another command is issued.
Auto Select. After an Auto Select command, read Manufacturer ID, Device ID or Block Protection Status.
Program, Unlock Bypass Program, Chip Erase, Block Erase. After these commands read the Status Register until the Program/Erase
Controller completes and the memory returns to Read Mode. Add additional Blocks during Block Erase Command with additional Bus Write
Operations until the Timeout Bit is set.
Unlock Bypass. After the Unlock Bypass command issue Unlock Bypass Program or Unlock Bypass Reset commands.
Unlock Bypass Reset. After the Unlock Bypass Reset command read the memory as normal until another command is issued.
Erase Suspend. After the Erase Suspend command read non-erasing memory blocks as normal, issue Auto Select and Program commands
on non-erasing blocks as normal.
Erase Resume. After the Erase Resume command the suspended Erase operation resumes, read the Status Register until the Program/
Erase Controller completes and the memory returns to Read Mode.
Command
Bus Write Operations
1st
2nd
3rd
4th
5th
6th
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Read/Reset
1X
F0
3555
AA
2AA
55
X
F0
Auto Select
3
555
AA
2AA
55
555
90
Program
4
555
AA
2AA
55
555
A0
PA
PD
Unlock Bypass
3
555
AA
2AA
55
555
20
Unlock Bypass
Program
2
X
A0
PA
PD
Unlock Bypass Reset
2
X
90
X
00
Chip Erase
6
555
AA
2AA
55
555
80
555
AA
2AA
55
555
10
Block Erase
6+
555
AA
2AA
55
555
80
555
AA
2AA
55
BA
30
Erase Suspend
1
X
B0
Erase Resume
1
X
30


Similar Part No. - M29W010B55K6E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W017D STMICROELECTRONICS-M29W017D Datasheet
251Kb / 36P
   16 Mbit 2Mb x8, Uniform Block 3V Supply Flash Memory
M29W017D70N1T STMICROELECTRONICS-M29W017D70N1T Datasheet
251Kb / 36P
   16 Mbit 2Mb x8, Uniform Block 3V Supply Flash Memory
M29W017D70N6T STMICROELECTRONICS-M29W017D70N6T Datasheet
251Kb / 36P
   16 Mbit 2Mb x8, Uniform Block 3V Supply Flash Memory
M29W017D70ZA1T STMICROELECTRONICS-M29W017D70ZA1T Datasheet
251Kb / 36P
   16 Mbit 2Mb x8, Uniform Block 3V Supply Flash Memory
M29W017D70ZA6T STMICROELECTRONICS-M29W017D70ZA6T Datasheet
251Kb / 36P
   16 Mbit 2Mb x8, Uniform Block 3V Supply Flash Memory
More results

Similar Description - M29W010B55K6E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F010B STMICROELECTRONICS-M29F010B Datasheet
402Kb / 20P
   1 Mbit 128Kb x8, Uniform Block Single Supply Flash Memory
M29W040 STMICROELECTRONICS-M29W040 Datasheet
205Kb / 31P
   4 Mbit 512Kb x8, Uniform Block Low Voltage Single Supply Flash Memory
M29W040B STMICROELECTRONICS-M29W040B Datasheet
434Kb / 20P
   4 Mbit 512Kb x8, Uniform Block Low Voltage Single Supply Flash Memory
M29F016B STMICROELECTRONICS-M29F016B Datasheet
135Kb / 22P
   16 Mbit 2Mb x8, Uniform Block Single Supply Flash Memory
M29F040B70N6 STMICROELECTRONICS-M29F040B70N6 Datasheet
178Kb / 21P
   4 Mbit (512Kb x8, Uniform Block) Single Supply Flash Memory
M29F040B STMICROELECTRONICS-M29F040B Datasheet
190Kb / 21P
   4 Mbit (512Kb x8, Uniform Block) Single Supply Flash Memory
M29F040B STMICROELECTRONICS-M29F040B_05 Datasheet
407Kb / 20P
   4 Mbit (512Kb x8, Uniform Block) Single Supply Flash Memory
M29F040 STMICROELECTRONICS-M29F040 Datasheet
232Kb / 31P
   4 Mbit 512Kb x8, Uniform Block Single Supply Flash Memory
M29F080A STMICROELECTRONICS-M29F080A Datasheet
131Kb / 21P
   8 Mbit 1Mb x8, Uniform Block Single Supply Flash Memory
M29F100BT STMICROELECTRONICS-M29F100BT Datasheet
155Kb / 22P
   1 Mbit 128Kb x8 or 64Kb x16, Boot Block Single Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com