Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MR16V226M4X7 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MR16V226M4X7
Description  Ultra - Miniaturized Radial Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MR16V226M4X7 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MR16V226M4X7 Datasheet HTML 1Page - List of Unclassifed Manufacturers MR16V226M4X7 Datasheet HTML 2Page - List of Unclassifed Manufacturers MR16V226M4X7 Datasheet HTML 3Page - List of Unclassifed Manufacturers MR16V226M4X7 Datasheet HTML 4Page - List of Unclassifed Manufacturers MR16V226M4X7 Datasheet HTML 5Page - List of Unclassifed Manufacturers MR16V226M4X7 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MCMR & MCMHR Series
Ultra - Miniaturized Radial Capacitors
Page 1
26/05/05 V1.0
Features:
• Ultra miniature radial electrolytic capacitors.
• Developed short body length to 7mm, for the demand
of smaller and thinner electronic equipment.
• Suitable for high-density electronic equipment,
such as: automatic office machines, pocket calculators,
car stereos and mini-audio sets, VCR, camera, CD-ROM,
notebook, etc.
Specifications
Number
Item
Performance
MCMHR series
MCMR series
1
Operating temperature
-40°C to +105°C
-40°C to +85°C
2
Rated working voltage range
6.3 - 63V dc
10 - 63V dc
3
Nominal capacitance range
0.1 - 330µF
0.1 - 220µF
4
Capacitance tolerance
±20% (at 20°C, 120Hz)
5
Leakage current
I = 0.01CV or 3µA whichever is greater after two minutes
6
Dissipation factor
(tan
δ)(120Hz\+20°C)
7
Characteristics at low
temperature
(stability at 120Hz)
Working
voltage (V)
6.3
16
35
50
63
tan
δ
maximum
0.24 0.16 0.12 0.1 0.08
Working
voltage (V)
10
16
25
35
63
tan
δ
maximum
0.2 0.16 0.14 0.12 0.08
Working
voltage (V)
6.3 16
35
50
63
-25°C/+20°C
4
2
-40°C/+20°C
8
4
3
Working
voltage (V)
10
16
25
35
63
-25°C/+20°C
3
2
-40°C/+20°C
6
4
3


Similar Part No. - MR16V226M4X7

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
MR16 OPTOSUPPLY-MR16 Datasheet
590Kb / 1P
   Spot lighting for display, decorating light, office, school, conference room etc
logo
HB Electronic Component...
MR16-3.5W-W3-E27 HB-MR16-3.5W-W3-E27 Datasheet
200Kb / 1P
   Lens Appearance
MR16-3.5W-W3-GU10 HB-MR16-3.5W-W3-GU10 Datasheet
261Kb / 1P
   Lens Appearance
MR16-3.5W-W3-GU5.3 HB-MR16-3.5W-W3-GU5.3 Datasheet
386Kb / 1P
   Lens Appearance
MR16-3.5W-W6-E27 HB-MR16-3.5W-W6-E27 Datasheet
267Kb / 1P
   Emitted Color Pure White Warm White Lens Appearance
More results

Similar Description - MR16V226M4X7

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
400QXW180MEFC18X40 RUBYCON-400QXW180MEFC18X40 Datasheet
199Kb / 2P
   105??Ultra Miniaturized
logo
Taoglas antenna solutio...
FXP75070045B TAOGLAS-FXP75070045B Datasheet
578Kb / 11P
   Ultra-Miniaturized 2dBi Bluetooth Antenna
logo
Samsung semiconductor
TCSCN1D225KBAR SAMSUNG-TCSCN1D225KBAR Datasheet
215Kb / 6P
   Miniaturized Tantalum Chip Capacitors
TCSCS1A227MDAR SAMSUNG-TCSCS1A227MDAR Datasheet
215Kb / 6P
   Miniaturized Tantalum Chip Capacitors
TCSCS1A106KAAR SAMSUNG-TCSCS1A106KAAR Datasheet
215Kb / 6P
   Miniaturized Tantalum Chip Capacitors
TCSCS1C105MPAR SAMSUNG-TCSCS1C105MPAR Datasheet
215Kb / 6P
   Miniaturized Tantalum Chip Capacitors
logo
List of Unclassifed Man...
DX-5R5V473U ETC2-DX-5R5V473U Datasheet
151Kb / 2P
   5.5V Miniaturized Standard Capacitors
logo
Jianghai Europe GmbH
CD28LQL JIANGHAI-CD28LQL Datasheet
979Kb / 5P
   EC Radial 105째C 4.000 - 10.000h Lifetime Low ESR Miniaturized(Radial)
logo
List of Unclassifed Man...
DXJ-5R5V473U ETC2-DXJ-5R5V473U Datasheet
170Kb / 1P
   5.5V Miniaturized High temperature Capacitors
logo
Jianghai Europe GmbH
CD262QM JIANGHAI-CD262QM Datasheet
898Kb / 4P
   EC 105째C Longest Lifetime 12.000 - 14.000h Miniaturized(Radial)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com