Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MR16V107M6.3X7 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # MR16V107M6.3X7
Description  Ultra - Miniaturized Radial Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MR16V107M6.3X7 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  MR16V107M6.3X7 Datasheet HTML 1Page - List of Unclassifed Manufacturers MR16V107M6.3X7 Datasheet HTML 2Page - List of Unclassifed Manufacturers MR16V107M6.3X7 Datasheet HTML 3Page - List of Unclassifed Manufacturers MR16V107M6.3X7 Datasheet HTML 4Page - List of Unclassifed Manufacturers MR16V107M6.3X7 Datasheet HTML 5Page - List of Unclassifed Manufacturers MR16V107M6.3X7 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MCMR & MCMHR Series
Ultra - Miniaturized Radial Capacitors
Page 5
26/05/05 V1.0
Working
Voltage (V)
Capacitance
(
µµF)
Ripple
Current (A)
Lead
Diameter
Lead Pitch
Part Number
6.3
22
34.0
0.45
1.5
MR6V3226M4X7
33
42.0
2.0
MR6V3336M5X7
47
50.0
MR6V3476M5X7
100
77.0
2.5
MR6V3107M6.3X7
220
130.0
0.50
3.5
MR6V3227M8X7
330
170.0
MHR6V3337M8X7
16
10
29.0
0.45
1.5
MHR16V106M4X7
22
44.0
2.0
MHR16V226M5X7
33
57.0
2.5
MHR16V336M6.3X7
47
68.0
MHR16V476M6.3X7
100
107.0
MHR16V107M6.3X7
35
10
36.0
2.0
MHR35V106M5X7
22
57.0
2.5
MHR35V226M6.3X7
33
72.0
MHR35V336M6.3X7
47
81.0
0.50
3.5
MHR35V476M8X7
50
0.33
3.5
0.45
1.5
MHR50V334M4X7
3.3
24.0
MHR50V335M4X7
10
44.0
2.5
MHR50V106M6.3X7
22
65.0
MHR50V226M6.3X7
63
0.1
2.0
1.5
MHR63V104M4X7
0.33
5.8
MHR6V3334M4X7
01
13.0
MHR63V105M4X7
4.7
32.4
2.0
MHR63V475M5X7
Specification Table MCMHR Series 7mm – 105°C
Dimensions : Millimetres


Similar Part No. - MR16V107M6.3X7

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
MR16 OPTOSUPPLY-MR16 Datasheet
590Kb / 1P
   Spot lighting for display, decorating light, office, school, conference room etc
logo
HB Electronic Component...
MR16-3.5W-W3-E27 HB-MR16-3.5W-W3-E27 Datasheet
200Kb / 1P
   Lens Appearance
MR16-3.5W-W3-GU10 HB-MR16-3.5W-W3-GU10 Datasheet
261Kb / 1P
   Lens Appearance
MR16-3.5W-W3-GU5.3 HB-MR16-3.5W-W3-GU5.3 Datasheet
386Kb / 1P
   Lens Appearance
MR16-3.5W-W6-E27 HB-MR16-3.5W-W6-E27 Datasheet
267Kb / 1P
   Emitted Color Pure White Warm White Lens Appearance
More results

Similar Description - MR16V107M6.3X7

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
400QXW180MEFC18X40 RUBYCON-400QXW180MEFC18X40 Datasheet
199Kb / 2P
   105??Ultra Miniaturized
logo
Taoglas antenna solutio...
FXP75070045B TAOGLAS-FXP75070045B Datasheet
578Kb / 11P
   Ultra-Miniaturized 2dBi Bluetooth Antenna
logo
Samsung semiconductor
TCSCN1D225KBAR SAMSUNG-TCSCN1D225KBAR Datasheet
215Kb / 6P
   Miniaturized Tantalum Chip Capacitors
TCSCS1A227MDAR SAMSUNG-TCSCS1A227MDAR Datasheet
215Kb / 6P
   Miniaturized Tantalum Chip Capacitors
TCSCS1A106KAAR SAMSUNG-TCSCS1A106KAAR Datasheet
215Kb / 6P
   Miniaturized Tantalum Chip Capacitors
TCSCS1C105MPAR SAMSUNG-TCSCS1C105MPAR Datasheet
215Kb / 6P
   Miniaturized Tantalum Chip Capacitors
logo
List of Unclassifed Man...
DX-5R5V473U ETC2-DX-5R5V473U Datasheet
151Kb / 2P
   5.5V Miniaturized Standard Capacitors
logo
Jianghai Europe GmbH
CD28LQL JIANGHAI-CD28LQL Datasheet
979Kb / 5P
   EC Radial 105째C 4.000 - 10.000h Lifetime Low ESR Miniaturized(Radial)
logo
List of Unclassifed Man...
DXJ-5R5V473U ETC2-DXJ-5R5V473U Datasheet
170Kb / 1P
   5.5V Miniaturized High temperature Capacitors
logo
Jianghai Europe GmbH
CD262QM JIANGHAI-CD262QM Datasheet
898Kb / 4P
   EC 105째C Longest Lifetime 12.000 - 14.000h Miniaturized(Radial)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com