Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29W040-200K5R Datasheet(PDF) 8 Page - STMicroelectronics

Part # M29W040-200K5R
Description  4 Mbit 512Kb x8, Uniform Block Low Voltage Single Supply Flash Memory
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W040-200K5R Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M29W040-200K5R Datasheet HTML 4Page - STMicroelectronics M29W040-200K5R Datasheet HTML 5Page - STMicroelectronics M29W040-200K5R Datasheet HTML 6Page - STMicroelectronics M29W040-200K5R Datasheet HTML 7Page - STMicroelectronics M29W040-200K5R Datasheet HTML 8Page - STMicroelectronics M29W040-200K5R Datasheet HTML 9Page - STMicroelectronics M29W040-200K5R Datasheet HTML 10Page - STMicroelectronics M29W040-200K5R Datasheet HTML 11Page - STMicroelectronics M29W040-200K5R Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Instructions and Commands
The Command Interface (C.I.) latches commands
written to the memory. Instructions are made up
from one or more commands to perform Read
Array/Reset, Read Electronic Signature, Power
Down, Block Erase, Chip Erase, Program, Block
Erase Suspend and Erase Resume. Commands
are made of address and data sequences. Ad-
dresses are latched on the falling edge of W or E
and data is latched on the rising of W or E. The
instructions require from 1 to 6 cycles, the first or
first three of which are always write operations
used to initiate the command. They are followed by
either further write cycles to confirm the first com-
mand or execute the command immediately. Com-
mand sequencing must be followed exactly. Any
invalid combination of commands will reset the
device to Read Array. The increased number of
cycles has been chosen to assure maximum data
security. Commands are initialised by two preced-
ing coded cycles which unlock the Command Inter-
face. In addition, for Erase, command confirmation
is again preceeded by the two coded cycles.
P/E.C. status is indicated during command execu-
tion by Data Polling on DQ7, detectionof Toggle on
DQ
Name
Logic Level
Definition
Note
7
Data
Polling
’1’
Erase Complete
Indicates the P/E.C. status, check during
Program or Erase, and on completion
before checking bits DQ5 for Program or
Erase Success.
’0’
Erase on going
DQ
Program Complete
DQ
Program on going
6
Toggle Bit
’-1-0-1-0-1-0-1-’
Erase or Program on going
Successive read output complementary
data on DQ6 while Programming or Erase
operations are going on. DQ6 remain at
constant level when P/E.C. operations are
completed or Erase Suspend is
acknowledged.
’-0-0-0-0-0-0-0-’
Program (’0’ on DQ6)
Complete
’-1-1-1-1-1-1-1-’
Erase or Program
(’1’ on DQ6) Complete
5
Error Bit
’1’
Program or Erase Error
This bit is set to ’1’ if P/E.C. has exceded
the specified time limits.
’0’
Program or Erase on going
4
’1’
’0’
3
Erase
Time Bit
’1’
Erase Timeout Period Expired
P/E.C. Erase operation has started. Only
possible command entry is Erase Suspend
(ES). An additional block to be erased in
parallel can be entered to the P/E.C.
’0’
Erase Timeout Period on
going
2
Reserved
1
Reserved
0
Reserved
Note: Logic level ’1’ is High, ’0’ is Low. -0-1-0-0-0-1-1-1-0- represent bit value in successive Read operations.
Table 8. Status Register
DQ6, or Error on DQ5 and Erase Timer DQ3 bits.
Any read attempt during Program or Erase com-
mand executionwill automaticallyoutput those four
bits. The P/E.C. automatically sets bits DQ3, DQ5,
DQ6 and DQ7. Other bits (DQ0, DQ1, DQ2 and
DQ4) are reserved for future use and should be
masked.
Data Polling bit (DQ7). When Programming op-
erations are in progress, this bit outputs the com-
plement of the bit being programmed on DQ7.
During Erase operation, it outputs a ’0’. After com-
pletion of the operation, DQ7 will output the bit last
programmed or a ’1’ after erasing. Data Polling is
valid only effective during P/E.C. operation, that is
after the fourth W pulse for programming or after
the sixth W pulse for Erase. It must be performed
at the address being programmed or at an address
within the block being erased. If the byte to be
programmed belongs to a protectedblock the com-
mand is ignored. If all the blocks selected for era-
sure are protected, DQ7 will set to ’0’ for about
100
µs, and then return to previous addressed
memory data. See Figure 9 for the Data Polling
flowchart and Figure 10 for the Data Polling wave-
forms.
8/31
M29W040


Similar Part No. - M29W040-200K5R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W040B STMICROELECTRONICS-M29W040B Datasheet
434Kb / 20P
   4 Mbit 512Kb x8, Uniform Block Low Voltage Single Supply Flash Memory
M29W040B120K1 STMICROELECTRONICS-M29W040B120K1 Datasheet
434Kb / 20P
   4 Mbit 512Kb x8, Uniform Block Low Voltage Single Supply Flash Memory
M29W040B120K1E STMICROELECTRONICS-M29W040B120K1E Datasheet
434Kb / 20P
   4 Mbit 512Kb x8, Uniform Block Low Voltage Single Supply Flash Memory
M29W040B120K1F STMICROELECTRONICS-M29W040B120K1F Datasheet
434Kb / 20P
   4 Mbit 512Kb x8, Uniform Block Low Voltage Single Supply Flash Memory
M29W040B120K1T STMICROELECTRONICS-M29W040B120K1T Datasheet
434Kb / 20P
   4 Mbit 512Kb x8, Uniform Block Low Voltage Single Supply Flash Memory
More results

Similar Description - M29W040-200K5R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29W040B STMICROELECTRONICS-M29W040B Datasheet
434Kb / 20P
   4 Mbit 512Kb x8, Uniform Block Low Voltage Single Supply Flash Memory
M29F040B70N6 STMICROELECTRONICS-M29F040B70N6 Datasheet
178Kb / 21P
   4 Mbit (512Kb x8, Uniform Block) Single Supply Flash Memory
M29F040B STMICROELECTRONICS-M29F040B Datasheet
190Kb / 21P
   4 Mbit (512Kb x8, Uniform Block) Single Supply Flash Memory
M29F040B STMICROELECTRONICS-M29F040B_05 Datasheet
407Kb / 20P
   4 Mbit (512Kb x8, Uniform Block) Single Supply Flash Memory
M29F040 STMICROELECTRONICS-M29F040 Datasheet
232Kb / 31P
   4 Mbit 512Kb x8, Uniform Block Single Supply Flash Memory
M29W004BT STMICROELECTRONICS-M29W004BT Datasheet
157Kb / 20P
   4 Mbit 512Kb x8, Boot Block Low Voltage Single Supply Flash Memory
M29W004T STMICROELECTRONICS-M29W004T Datasheet
222Kb / 30P
   4 Mbit 512Kb x8, Boot Block Low Voltage Single Supply Flash Memory
M50LPW041 STMICROELECTRONICS-M50LPW041 Datasheet
268Kb / 37P
   4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
September 2002
M50FW040 STMICROELECTRONICS-M50FW040 Datasheet
249Kb / 41P
   4 Mbit 512Kb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
M50LPW040 STMICROELECTRONICS-M50LPW040 Datasheet
272Kb / 36P
   4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
March 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com