Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBL5R047F Datasheet(PDF) 1 Page - Tyco Electronics

Part # SBL5R047F
Description  Low Ohmic - Current Sense Resistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SBL5R047F Datasheet(HTML) 1 Page - Tyco Electronics

  SBL5R047F Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Low Ohmic - Current Sense Resistors
Type SBL Series
Literature No. 1773279
Issued: 04-05
Dimensions are shown for
reference purposes only.
Dimensions are in millimetres
unless otherwise specified.
Specifications subject to
change.
www.tycoelectronics.com
passives.tycoelectronics.com
Key Features
I 4 Watts & 5 Watts Versions
I Solid Metal Element
I Non-Inductive
I Low Temperature Coefficient
I High Reliability
I Custom Design
(Subject to Volume)
I 4 Watt Device Available
in Distribution
Type SBL Series
The SBL Series is a low ohmic
non-inductive resistor with a low
temperature coefficient in a fully
insulated
ceramic
housing.
It
is
ideal for applications in power supply
regulation,
motor
control
current
monitoring, feedback control loops,
overload sensors and radio frequency
applications. The solid metal element
has welded copper terminals and is
encapsulated in a ceramic housing,
filled with compressed silica sand.
Temperature Rise
Dimensions
Characteristics -
Electrical
Characteristics -
Mechanical
Climatic Category:
-55 / 250 / 56
Temperature Range:
-55°C to +250°C
Derating:
Linear from 70°C to 250°C
Resistance Values (4 Watt):
R005, R01, R015, R018, R022, R033, R047, R051
Resistance Values (5 Watt):
R01, R015, R018, R022, R033, R047, R051
Resistance Tolerance:
±5%
Rated Dissipation (4 Watt):
4 Watts at 70°C
Rated Dissipation (5 Watt):
5 Watts at 70°C
Dielectric Strength:
2000 Volts
Insulation Resistance:
< 10000 Mohms
Maximum Continuous Working Voltage:
√Power x Resistance AC RMS
Characteristics -
Environmental
Resistance to Solder Heat:
260°C (
∆R ± 0.2% typical)
Terminal Strength:
3lb pull test
Solderability:
Meets MIL Std 202
Marking:
Black ink on ceramic body - Manufacturer,
Resistance Value and Tolerance
SBL
4
R051
J
Common Part
4 - 4 Watts
5 - 5 Watts
Power Dissipation
R005, R01, R015, R018,
R022, R033, R047, R051
(5 Watt Version only
R01 - R051)
Resistance Value
Tolerance
SBL - Standard
J ±5%
F ±1%
How to Order
0
20
40
60
80
100
120
(%)
(K)
200
150
100
50
0
Power Rating


Similar Part No. - SBL5R047F

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
SBL5100 BILIN-SBL5100 Datasheet
227Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Luguang Electr...
SBL5100 LUGUANG-SBL5100 Datasheet
209Kb / 2P
   Schottky Barrier Rectifiers
logo
Sangdest Microelectroni...
SBL5100 SMC-SBL5100 Datasheet
148Kb / 5P
   Guard Ring Die Construction for Transient Protection
logo
SMC Diode Solutions Co....
SBL5100 SMCDIODE-SBL5100 Datasheet
274Kb / 4P
   SBL5100 SCHOTTKY RECTIFIER
Rev. C
logo
Infineon Technologies A...
SBL51214G INFINEON-SBL51214G Datasheet
278Kb / 11P
   Low Power BIDI Optical Standard Module 1310 nm Emitting, 1310 nm Receiving
2002-05-01
More results

Similar Description - SBL5R047F

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1625827-5 MACOM-1625827-5 Datasheet
115Kb / 1P
   SMD Low Ohmic - Current Sense Resistors
logo
List of Unclassifed Man...
TLR3A20DR005FTDG ETC-TLR3A20DR005FTDG Datasheet
116Kb / 3P
   SMD Low Ohmic - Current Sense Resistors
logo
TE Connectivity Ltd
1773269 TEC-1773269 Datasheet
738Kb / 8P
   SMD Low Ohmic ??Current Sense Resistors
1773449-3 TEC-1773449-3 Datasheet
382Kb / 8P
   SMD Low Ohmic ??Current Sense Resistors
logo
Tyco Electronics
TL2BR068F MACOM-TL2BR068F Datasheet
115Kb / 1P
   SMD Low Ohmic - Current Sense Resistors
2-1622825-2 MACOM-2-1622825-2 Datasheet
177Kb / 5P
   SMD Low Ohmic - Current Sense Resistors
logo
Rohm
PMR50 ROHM-PMR50 Datasheet
98Kb / 3P
   Ultra low ohmic resistors for current detection
PMR10 ROHM-PMR10_10 Datasheet
167Kb / 5P
   Ultra-Low Ohmic Resistors for Current Detection
logo
American Accurate Compo...
CSRMS1R005DM AAC-CSRMS1R005DM Datasheet
107Kb / 2P
   CURRENT SENSE - Molded Current Sense Resistors
logo
Rohm
PMR03 ROHM-PMR03_11 Datasheet
937Kb / 4P
   Ultra low ohmic resistors for current detection
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com