Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REG710 Datasheet(PDF) 7 Page - Texas Instruments

Part # REG710
Description  60mA, 5.0V, Buck/Boost Charge Pump in ThinSOT-23 and ThinQFN
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REG710 Datasheet(HTML) 7 Page - Texas Instruments

Back Button REG710_08 Datasheet HTML 3Page - Texas Instruments REG710_08 Datasheet HTML 4Page - Texas Instruments REG710_08 Datasheet HTML 5Page - Texas Instruments REG710_08 Datasheet HTML 6Page - Texas Instruments REG710_08 Datasheet HTML 7Page - Texas Instruments REG710_08 Datasheet HTML 8Page - Texas Instruments REG710_08 Datasheet HTML 9Page - Texas Instruments REG710_08 Datasheet HTML 10Page - Texas Instruments REG710_08 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
20mV/div
C
OUT
=2.2mF
C
=10 F,C
m
OUT
PUMP
=1 F
m
20mV/div
Time(5ms/div)
BW=20MHz
REG710-3.3V
V
=2.4V
IN
R
L
=332W
V
(V)
IN
250
225
200
175
150
125
100
75
50
25
0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
1.5
100mA/div
I
IN
V
OUT
2V/div
Time(50 s/div)
m
BW=20MHz
REG710-3.3V
V
=3.0V
IN
I
=30mA
O
V
(V)
IN
90
80
70
60
50
40
30
20
10
0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
1.0
REG710-2.7
C
=2.2 F
m
OUT
REG710-2.7
C
=10 F
m
OUT
REG710-3.3
C
=2.2 F
m
OUT
REG710-3.3
C
=10 F
m
OUT
V
(V)
IN
90
80
70
60
50
40
30
20
10
0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
1.0
REG710-3
C
=2.2 F
m
OUT
REG710-5
REG71050
C
=10 F
m
OUT
REG710-5
REG71050
C
=2.2 F
m
OUT
REG710-3
C
=10 F
m
OUT
REG710-2.5
C
=2.2 F
m
OUT
REG710-2.5,C
=10 F
m
OUT
REG710
www.ti.com............................................................................................................................................... SBAS221F – DECEMBER 2001 – REVISED MARCH 2008
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VIN = VOUT/2 + 0.75V, IOUT = 5mA, CIN = COUT = 2.2µF, CPUMP = 0.22µF, and VENABLE = 1.3V, unless otherwise
noted.
OUTPUT RIPPLE VOLTAGE
SHORT-CIRCUIT LOAD CURRENT vs VIN
Figure 13.
Figure 14.
OUTPUT RIPPLE VOLTAGE vs VIN
(REG710-2.7V, 3.3V)
INPUT CURRENT AT TURN-ON
Figure 15.
Figure 16.
OUTPUT RIPPLE VOLTAGE vs VIN
(REG710-2.5V, 3V, 5V)
Figure 17.
Copyright © 2001–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): REG710


Similar Part No. - REG710_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REG71050 TI1-REG71050 Datasheet
1Mb / 32P
[Old version datasheet]   Buck-Boost Charge Pump
REG71050DDCR TI-REG71050DDCR Datasheet
378Kb / 15P
[Old version datasheet]   60MA SWITCHED CAP BUCK/BOOST CONVERTER
logo
Burr-Brown (TI)
REG71050DDCR BURR-BROWN-REG71050DDCR Datasheet
433Kb / 18P
   60mA Switched-Cap BUCK/BOOST CONVERTER
logo
Texas Instruments
REG71050DDCR TI-REG71050DDCR Datasheet
777Kb / 22P
[Old version datasheet]   60mA, 5.0V, Buck/Boost Charge Pump in ThinSOT-23 and ThinQFN
REG71050DDCR TI1-REG71050DDCR Datasheet
1,022Kb / 26P
[Old version datasheet]   60mA, 5.0V, Buck/Boost Charge Pump in ThinSOT-23 and ThinQFN
More results

Similar Description - REG710_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REG710-25 TI1-REG710-25 Datasheet
1,022Kb / 26P
[Old version datasheet]   60mA, 5.0V, Buck/Boost Charge Pump in ThinSOT-23 and ThinQFN
REG710 TI-REG710_1 Datasheet
777Kb / 22P
[Old version datasheet]   60mA, 5.0V, Buck/Boost Charge Pump in ThinSOT-23 and ThinQFN
REG71050 TI1-REG71050 Datasheet
1Mb / 32P
[Old version datasheet]   Buck-Boost Charge Pump
logo
Maxim Integrated Produc...
MAX1759 MAXIM-MAX1759 Datasheet
191Kb / 12P
   Buck/Boost Regulating Charge Pump in uMAX
Rev 0; 1/00
logo
Linear Technology
LTC1983-3 LINER-LTC1983-3_15 Datasheet
170Kb / 12P
   100mA Regulated Charge-Pump Inverters in ThinSOT
LTC1983-3 LINER-LTC1983-3 Datasheet
185Kb / 12P
   100mA REGULATED CHARGE-PUMP INVERTERS IN THINSOT
LTC1983-5 LINER-LTC1983-5_15 Datasheet
170Kb / 12P
   100mA Regulated Charge-Pump Inverters in ThinSOT
logo
Sipex Corporation
SP6686 SIPEX-SP6686 Datasheet
261Kb / 13P
   400mA Buck/Boost Charge Pump LED Driver
SP7685 SIPEX-SP7685 Datasheet
259Kb / 12P
   1.2A Buck/Boost Charge Pump LED Driver
logo
Exar Corporation
SP7685ER-L-TR EXAR-SP7685ER-L-TR Datasheet
266Kb / 13P
   1.2A Buck/Boost Charge Pump LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com