Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELST-405SYGWA Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # ELST-405SYGWA
Description  0.39 Triple Digit SMD Displays
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELST-405SYGWA Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  ELST-405SYGWA Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELST-405SYGWA Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELST-405SYGWA Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELST-405SYGWA Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELST-405SYGWA Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELST-405SYGWA Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELST-405SYGWA Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELST-405SYGWA Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev.
2
Page: 3 of 8
Device No.: CDGT-405-003
Prepared date: 2007/5/7
Prepared by: Li Jing jing
ELST-405SYGWA/S530-E2
Electro-Optical Characteristics (Ta=25℃)
Parameter
Symbol
Min.
Typ.
Max.
Units
Condition
Forward Voltage
VF
--
2.0
2.4
V
IF=20mA
Reverse Current
IR
--
--
10
μA
VR=5V
Per segment
4.0
9.0
--
Luminous
Intensity
Per decimal
point
IV
2.0
3.7
--
mcd
IF=10mA
Peak Wavelenght
λp
--
575
--
nm
IF=20mA
Dominant Wavelenght
λd
--
573
--
nm
IF=20mA
Spectrum Radiation
Bandwidth
△λ
--
20
--
nm
IF=20mA
Chromaticity Coordinates Specifications for Bin Grading (Unit: mcd)
Rank
Min.
Max.
Rank
Min.
Max.
N
4.0
6.4
T
21.0
34.0
P
5.6
8.9
U
30.0
48.0
Q
7.8
12.5
V
42.0
67.0
R
11.0
17.6
W
59.0
94.0
S
15.0
24.0
---
---
---


Similar Part No. - ELST-405SYGWA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELST-405SURWA EVERLIGHT-ELST-405SURWA Datasheet
304Kb / 8P
   0.39" Triple Digit SMD Displays
More results

Similar Description - ELST-405SYGWA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELST-405SURWA EVERLIGHT-ELST-405SURWA Datasheet
304Kb / 8P
   0.39" Triple Digit SMD Displays
ELST-406SURWA EVERLIGHT-ELST-406SURWA Datasheet
258Kb / 8P
   0.39" Triple Digit SMD Displays
ELST-406SYGWA EVERLIGHT-ELST-406SYGWA Datasheet
215Kb / 8P
   0.39" Triple Digit SMD Displays
ELSD-405SYGWA EVERLIGHT-ELSD-405SYGWA Datasheet
188Kb / 8P
   0.39 Single Digit SMD Displays
ELSF-405SYGWA EVERLIGHT-ELSF-405SYGWA Datasheet
211Kb / 8P
   0.39 Quadruple Digit SMD Displays
ELSS-406SYGWA EVERLIGHT-ELSS-406SYGWA Datasheet
168Kb / 8P
   0.39 Single Digit SMD Displays
ELSF-405SURWA EVERLIGHT-ELSF-405SURWA Datasheet
292Kb / 8P
   0.39" Quadruple Digit SMD Displays
ELSD-405SURWA EVERLIGHT-ELSD-405SURWA Datasheet
284Kb / 8P
   0.39" Dual Digit SMD Displays
ELSS-405SYGWA EVERLIGHT-ELSS-405SYGWA Datasheet
172Kb / 8P
   0.39 Single Digit SMD Displays
ELSD-406SYGWA EVERLIGHT-ELSD-406SYGWA Datasheet
287Kb / 8P
   0.39" Dual Digit SMD Displays
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com