Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48T513Y Datasheet(PDF) 2 Page - STMicroelectronics

Part # M48T513Y
Description  3.3V-5V 4 Mbit 512Kb x8 TIMEKEEPER SRAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T513Y Datasheet(HTML) 2 Page - STMicroelectronics

  M48T513Y Datasheet HTML 1Page - STMicroelectronics M48T513Y Datasheet HTML 2Page - STMicroelectronics M48T513Y Datasheet HTML 3Page - STMicroelectronics M48T513Y Datasheet HTML 4Page - STMicroelectronics M48T513Y Datasheet HTML 5Page - STMicroelectronics M48T513Y Datasheet HTML 6Page - STMicroelectronics M48T513Y Datasheet HTML 7Page - STMicroelectronics M48T513Y Datasheet HTML 8Page - STMicroelectronics M48T513Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
M48T513Y, M48T513V
2/23
Figure 2. DIP Connections
VSS
VCC
AI02307
M48T513Y
M48T513V
10
1
2
5
6
7
8
9
11
12
13
16
17
18
30
29
26
25
24
23
22
21
20
19
3
4
28
27
32
31
14
15
34
33
36
35
A1
A0
DQ0
A7
A4
A3
A2
A6
A5
A13
A10
A8
A9
DQ7
A15
A11
G
E
DQ5
DQ1
DQ2
DQ3
DQ4
DQ6
A16
A18
A12
A14
W
A17
RSTIN
RST
IRQ/FT
WDI
Table 2. Absolute Maximum Ratings (1)
Note: 1. Stresses greater than those listed under ”Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other conditions above those indicated in the operational section
of this specification is not implied. Exposure to the absolute maximum rating conditions for extended periods of time may affect
reliability.
2. Soldering temperature not to exceed 260
°C for 10 seconds (total thermal budget not to exceed 150°C for longer than 30 seconds).
CAUTION: Negative undershoots below –0.3V are not allowed on any pin while in the Battery Back-up mode.
Symbol
Parameter
Value
Unit
TA
Ambient Operating Temperature
0 to 70
°C
TSTG
Storage Temperature (VCC Off, Oscillator Off)
–40 to 85
°C
VIO
Input or Output Voltages
–0.3 to VCC +0.3
V
VCC
Supply Voltage
M48T513Y
–0.3 to 7.0
V
M48T513V
–0.3 to 4.6
V
IO
Output Current
20
mA
PD
Power Dissipation
1
W
DESCRIPTION
The M48T513Y/V TIMEKEEPER RAM is a 512Kb
x 8 non-volatile static RAM and real time clock,
with programmable alarms and a watchdog timer.
The special DIP package provides a fully integrat-
ed battery back-up memory and real time clock so-
lution. The M48T513Y/V directly replaces industry
standard 512Kb x 8 SRAM. It also provides the
non-volatility of Flash without any requirement for
special write timing or limitations on the number of
writes that can be performed.
Table 1. Signal Names
A0-A18
Address Inputs
DQ0-DQ7
Data Inputs / Outputs
E
Chip Enable Input
G
Output Enable Input
W
Write Enable Input
WDI
Watchdog input
RST
Reset Output (open drain)
RSTIN
Reset Input
IRQ/FT
Interrupt / Frequency Test
Output (open drain)
VCC
Supply Voltage
VSS
Ground
For surface mount environments ST provides a
Chip Set solution consisting of a 44 pin 330mil
SOIC TIMEKEEPER Supervisor (M48T201V/Y)
and a 32 pin TSOP Type II (10 x 20mm) LPSRAM
(M68Z512/W) packages.
The 44 pin 330mil SOIC provides sockets with
gold plated contacts at both ends for direct con-
nection to a separate SNAPHAT housing contain-
ing the battery.


Similar Part No. - M48T513Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T512V STMICROELECTRONICS-M48T512V Datasheet
301Kb / 21P
   3.3V-5V 4 Mbit 512Kb x8 TIMEKEEPER SRAM
M48T512V STMICROELECTRONICS-M48T512V Datasheet
376Kb / 23P
   5.0 or 3.3 V, 4 Mbit (512 Kbit x 8) TIMEKEEPER짰 SRAM
M48T512V-70PM1 STMICROELECTRONICS-M48T512V-70PM1 Datasheet
301Kb / 21P
   3.3V-5V 4 Mbit 512Kb x8 TIMEKEEPER SRAM
M48T512V-70PM1 STMICROELECTRONICS-M48T512V-70PM1 Datasheet
376Kb / 23P
   5.0 or 3.3 V, 4 Mbit (512 Kbit x 8) TIMEKEEPER짰 SRAM
M48T512V-85PM1 STMICROELECTRONICS-M48T512V-85PM1 Datasheet
301Kb / 21P
   3.3V-5V 4 Mbit 512Kb x8 TIMEKEEPER SRAM
More results

Similar Description - M48T513Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T512Y STMICROELECTRONICS-M48T512Y Datasheet
301Kb / 21P
   3.3V-5V 4 Mbit 512Kb x8 TIMEKEEPER SRAM
M48T128Y STMICROELECTRONICS-M48T128Y Datasheet
340Kb / 22P
   3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM
M48T129Y STMICROELECTRONICS-M48T129Y Datasheet
140Kb / 22P
   3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM
M48Z512A STMICROELECTRONICS-M48Z512A Datasheet
101Kb / 17P
   4 Mbit 512Kb x8 ZEROPOWER SRAM
March 2000
M48T37Y STMICROELECTRONICS-M48T37Y Datasheet
511Kb / 29P
   3.3V-5V 256 Kbit 32Kb x8 TIMEKEEPER SRAM
M48Z129Y STMICROELECTRONICS-M48Z129Y Datasheet
94Kb / 13P
   3.3V/5V 1 Mbit 128Kb x8 ZEROPOWER SRAM
M68AF511AL STMICROELECTRONICS-M68AF511AL Datasheet
93Kb / 18P
   4 Mbit (512K x8), 5V Asynchronous SRAM
M68AF511A STMICROELECTRONICS-M68AF511A Datasheet
129Kb / 18P
   4 Mbit (512K x8), 5V Asynchronous SRAM
M68Z512 STMICROELECTRONICS-M68Z512 Datasheet
92Kb / 12P
   4 Mbit 512Kb x8 Low Power SRAM with Output Enable
logo
Alliance Semiconductor ...
AS7C4096 ALSC-AS7C4096 Datasheet
246Kb / 9P
   5V/3.3V 512K X8 CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com