Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ITR20510-TR8 Datasheet(PDF) 7 Page - Everlight Electronics Co., Ltd

Part # ITR20510-TR8
Description  Opto Interrupter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ITR20510-TR8 Datasheet(HTML) 7 Page - Everlight Electronics Co., Ltd

Back Button ITR20510-TR8 Datasheet HTML 2Page - Everlight Electronics Co., Ltd ITR20510-TR8 Datasheet HTML 3Page - Everlight Electronics Co., Ltd ITR20510-TR8 Datasheet HTML 4Page - Everlight Electronics Co., Ltd ITR20510-TR8 Datasheet HTML 5Page - Everlight Electronics Co., Ltd ITR20510-TR8 Datasheet HTML 6Page - Everlight Electronics Co., Ltd ITR20510-TR8 Datasheet HTML 7Page - Everlight Electronics Co., Ltd ITR20510-TR8 Datasheet HTML 8Page - Everlight Electronics Co., Ltd ITR20510-TR8 Datasheet HTML 9Page - Everlight Electronics Co., Ltd ITR20510-TR8 Datasheet HTML 10Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Technical Data Sheet
Opto Interrupter
ITR20510/TR8
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 1
Page: 7 of 10
Device No:DRX-205-139
Prepared date:2006/04/06
Prepared by: Carryll Hsu
Reliability Test Item And Condition
The reliability of products shall be satisfied with items listed below.
Confidence level:90%
LTPD:10%
NO. Item
Test Conditions
Test Hours/
Cycles
Sample
Sizes
Failure
Judgement
Criteria
Ac/Re
1
Solder Heat
TEMP.:260℃±5℃
10secs
22pcs
0/1
2
Temperature Cycle H : +85℃
30mins
5mins
L : -30℃
30mins
50Cycles
22pcs
0/1
3
Thermal Shock
H :+85℃
5mins
10secs
L :-10℃
5mins
50Cycles
22pcs
0/1
4
High Temperature
Storage
TEMP.:+90℃
1000hrs
22pcs
0/1
5
Low Temperature
Storage
TEMP.:-30℃
1000hrs
22pcs
0/1
6
DC Operating Life
IF=20mA
1000hrs
22pcs
0/1
7
High Temperature/
High Humidity
85℃ / 85% R.H
1000hrs
22pcs
IR≧U×2
Ee≦L×0.8
VF≧U×1.2
U:Upper
Specification
Limit
L:Lower
Specification
Limit
0/1


Similar Part No. - ITR20510-TR8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ITR20501 EVERLIGHT-ITR20501 Datasheet
532Kb / 7P
   Opto Interrupter
ITR20505 EVERLIGHT-ITR20505 Datasheet
251Kb / 8P
   OPTO INTERRUPTER ITR
ITR20506 EVERLIGHT-ITR20506 Datasheet
186Kb / 7P
   OPTO INTERRUPTER ITR
ITR20507 EVERLIGHT-ITR20507 Datasheet
184Kb / 7P
   OPTO INTERRUPTER ITR
ITR20508 EVERLIGHT-ITR20508 Datasheet
190Kb / 8P
   OPTO INTERRUPTER ITR
More results

Similar Description - ITR20510-TR8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ITR9909 EVERLIGHT-ITR9909 Datasheet
246Kb / 7P
   Opto Interrupter
ITR9809-F EVERLIGHT-ITR9809-F Datasheet
305Kb / 7P
   Opto Interrupter
ITR9813 EVERLIGHT-ITR9813 Datasheet
235Kb / 8P
   Opto Interrupter
EAITRBA2 EVERLIGHT-EAITRBA2 Datasheet
383Kb / 9P
   Opto Interrupter
EAITRCA1 EVERLIGHT-EAITRCA1 Datasheet
471Kb / 9P
   Opto Interrupter
EAITRDA3 EVERLIGHT-EAITRDA3 Datasheet
512Kb / 9P
   Opto Interrupter
EAITRDA8 EVERLIGHT-EAITRDA8 Datasheet
371Kb / 9P
   Opto Interrupter
ITR9803 EVERLIGHT-ITR9803 Datasheet
332Kb / 7P
   Opto Interrupter
ITR8307-F43 EVERLIGHT-ITR8307-F43_09 Datasheet
229Kb / 9P
   Opto Interrupter
ITR8104 EVERLIGHT-ITR8104 Datasheet
651Kb / 8P
   Opto Interrupter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com