Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM-2882SURWA Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # ELM-2882SURWA
Description  2.3 inch 8*8 Dot Matrix Displays
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELM-2882SURWA Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  ELM-2882SURWA Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELM-2882SURWA Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELM-2882SURWA Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELM-2882SURWA Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELM-2882SURWA Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELM-2882SURWA Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELM-2882SURWA Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
2.3" 8*8 Dot Matrix Displays
ELM-2882SURWA/S530-A3
█ Absolute maximum ratings at Ta = 25℃:
Parameter
Symbol
Rating
Unit
Reverse Voltage
VR
5V
Forward Current
IF
25
mA
Operating Temperature
Topr
-40 to +85
Storage Temperature
Tstg
-40 to +100
Soldering Temperature *
Tsol
260 ± 5
Electrostatic Discharge
ESD
2000
V
Power Dissipation
Pd
60
mW
Peak Forward Current(Duty 1/10
@ 1KHZ)
IF(Peak)
160
mA
Note: *Soldering time ≦ 5 seconds.
█ Electronic optical characteristics :
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Luminous
----
4.0
----
mcd
IF=2mA
Intensity
7.8
21.0
----
mcd
IF=10mA
Peak Wavelength
λp
----
632
----
nm
IF=20mA
Dominant Wavelength
λd
----
624
----
nm
IF=20mA
△λ
----
20
----
nm
IF=20mA
Forward Voltage
VF
----
2.0
2.4
V
IF=20mA
Reverse Current
IR
----
----
100
μA
VR=5V
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev. : 2
Page: 3 of 6
Device Number :CDDM-288-025
Prepared date:2004/06/30
Prepared by: YanLi Zhong
Iv
Spectrum Radiation
Bandwidth
Per segment


Similar Part No. - ELM-2882SURWA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELM-2882SYGWA EVERLIGHT-ELM-2882SYGWA Datasheet
202Kb / 6P
   2.3 inch 8*8 Dot Matrix Displays
ELM-2882SYGWA-S530-E2 EVERLIGHT-ELM-2882SYGWA-S530-E2 Datasheet
202Kb / 6P
   2.3 inch 8*8 Dot Matrix Displays
ELM-2882SYGWA/S530-E2 EVERLIGHT-ELM-2882SYGWA/S530-E2 Datasheet
202Kb / 6P
   2.3 inch 8*8 Dot Matrix Displays
ELM-2882SYGWAS530-E2 EVERLIGHT-ELM-2882SYGWAS530-E2 Datasheet
231Kb / 7P
   2.3" 8*8 Dot Matrix Displays
More results

Similar Description - ELM-2882SURWA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELM-2881SURWA EVERLIGHT-ELM-2881SURWA Datasheet
215Kb / 7P
   2.3 inch 8*8 Dot Matrix Displays
ELM-2882SYGWA EVERLIGHT-ELM-2882SYGWA Datasheet
202Kb / 6P
   2.3 inch 8*8 Dot Matrix Displays
ELM-2881SYGWA EVERLIGHT-ELM-2881SYGWA Datasheet
203Kb / 6P
   2.3 inch 8*8 Dot Matrix Displays
ELM-2082SURWA EVERLIGHT-ELM-2082SURWA Datasheet
198Kb / 7P
   2.3 inch 5*8 Dot Matrix Displays
ELM-2081SURWA EVERLIGHT-ELM-2081SURWA Datasheet
195Kb / 7P
   2.3 inch 5*8 Dot Matrix Displays
ELM-2882SYGWAS530-E2 EVERLIGHT-ELM-2882SYGWAS530-E2 Datasheet
231Kb / 7P
   2.3" 8*8 Dot Matrix Displays
ELM-2881UYWA-S530-A3 EVERLIGHT-ELM-2881UYWA-S530-A3 Datasheet
238Kb / 5P
   2.3" 8*8 Dot Matrix Displays
logo
Fairchild Semiconductor
GMA2888C FAIRCHILD-GMA2888C Datasheet
620Kb / 8P
   2.3 8 X 8 DOT MATRIX DISPLAYS
GMA2885C FAIRCHILD-GMA2885C Datasheet
602Kb / 8P
   2.3 5 X 8 DOT MATRIX DISPLAYS
logo
List of Unclassifed Man...
C-5880H ETC1-C-5880H Datasheet
119Kb / 1P
   2.3 INCH, 8 X 8 DOT MATRIX DISPLAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com