Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF10NM65N Datasheet(PDF) 2 Page - STMicroelectronics

Part # STF10NM65N
Description  N-channel 650 V - 0.43 廓 - 9 A - TO-220 - TO-220FP- IPAK - DPAK second generation MDmesh??Power MOSFET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF10NM65N Datasheet(HTML) 2 Page - STMicroelectronics

  STF10NM65N Datasheet HTML 1Page - STMicroelectronics STF10NM65N Datasheet HTML 2Page - STMicroelectronics STF10NM65N Datasheet HTML 3Page - STMicroelectronics STF10NM65N Datasheet HTML 4Page - STMicroelectronics STF10NM65N Datasheet HTML 5Page - STMicroelectronics STF10NM65N Datasheet HTML 6Page - STMicroelectronics STF10NM65N Datasheet HTML 7Page - STMicroelectronics STF10NM65N Datasheet HTML 8Page - STMicroelectronics STF10NM65N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Contents
STD10NM65N - STF10NM65N - STP10NM65N - STU10NM65N
2/17
Contents
1
Electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
2
Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2.1
Electrical characteristics (curves)
. . . . . . . . . . . . . . . . . . . . . . . . . . . 7
3
Test circuit
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
4
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
5
Package mechanical data
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
6
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17


Similar Part No. - STF10NM65N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF10NM65N STMICROELECTRONICS-STF10NM65N Datasheet
527Kb / 17P
   N-channel 650 V, 0.43 廓, 9 A MDmesh??II Power MOSFET TO-220, TO-220FP, IPAK, DPAK
logo
Inchange Semiconductor ...
STF10NM65N ISC-STF10NM65N Datasheet
314Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

Similar Description - STF10NM65N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD10NM65N STMICROELECTRONICS-STD10NM65N_08 Datasheet
527Kb / 17P
   N-channel 650 V, 0.43 廓, 9 A MDmesh??II Power MOSFET TO-220, TO-220FP, IPAK, DPAK
STD8NM60N STMICROELECTRONICS-STD8NM60N Datasheet
492Kb / 17P
   N-channel 600 V - 0.56 廓 - 7 A - TO-220 - TO-220FP - IPAK - DPAK second generation MDmesh??Power MOSFET
STD9NM50N STMICROELECTRONICS-STD9NM50N Datasheet
491Kb / 17P
   N-channel 500V - 0.47廓 - 7.5A - TO-220 - TO-220FP - IPAK - DPAK Second generation MDmesh??Power MOSFET
STD6NM60N STMICROELECTRONICS-STD6NM60N Datasheet
619Kb / 17P
   N-channel 600V - 0.85廓 - 4.6A - TO-220 - TO-220FP - IPAK - DPAK Second generation MDmesh??Power MOSFET
STD7NM50N STMICROELECTRONICS-STD7NM50N Datasheet
421Kb / 17P
   N-channel 500V - 0.70廓 - 5A - TO-220 - TO-220FP - IPAK - DPAK Second generation MDmesh??Power MOSFET
STF11N65M5 STMICROELECTRONICS-STF11N65M5 Datasheet
1Mb / 25P
   N-channel 650 V, 0.43 廓 typ., 9 A MDmesh??V Power MOSFET in D2PAK, DPAK, TO-220FP, TO-220 and IPAK packages
December 2012 Rev 2
STF20NM65N STMICROELECTRONICS-STF20NM65N Datasheet
864Kb / 16P
   N-channel 650 V, 0.250 廓, 15 A TO-220, TO-220FP second generation MDmesh??Power MOSFET
May 2011 Rev 2
STD11N65M5 STMICROELECTRONICS-STD11N65M5 Datasheet
1Mb / 25P
   N-channel 650 V, 0.43 typ., 9 A MDmesh V Power MOSFET in D2PAK, DPAK, TO-220FP, TO-220 and IPAK packages
STD11NM60N-1 STMICROELECTRONICS-STD11NM60N-1_08 Datasheet
623Kb / 21P
   N-channel 600 V - 0.37 廓 - 10 A - TO-220 - TO-220FP- I2PAK - IPAK DPAK - D2PAK second generation MDmesh??Power MOSFET
STD11NM60N STMICROELECTRONICS-STD11NM60N Datasheet
470Kb / 17P
   N-channel 600V-0.37ohm-10A-TO-220-TO-220FP- IPAK-DPAK Second generation MDmesh Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com