Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR1254-R8 Datasheet(PDF) 7 Page - Everlight Electronics Co., Ltd

Part # IR1254-R8
Description  OPTO INTERRUPTER ITR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

IR1254-R8 Datasheet(HTML) 7 Page - Everlight Electronics Co., Ltd

  IR1254-R8 Datasheet HTML 1Page - Everlight Electronics Co., Ltd IR1254-R8 Datasheet HTML 2Page - Everlight Electronics Co., Ltd IR1254-R8 Datasheet HTML 3Page - Everlight Electronics Co., Ltd IR1254-R8 Datasheet HTML 4Page - Everlight Electronics Co., Ltd IR1254-R8 Datasheet HTML 5Page - Everlight Electronics Co., Ltd IR1254-R8 Datasheet HTML 6Page - Everlight Electronics Co., Ltd IR1254-R8 Datasheet HTML 7Page - Everlight Electronics Co., Ltd IR1254-R8 Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
EVERLIGHT ELECTRONICS CO., LTD.
Technical Data Sheet
OPTO INTERRUPTER ITR
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 2
Page: 7 of 8
Device No:CDRX-990-007
Prepared date:2007/4/8
Prepared by:zhouhong
ITR9904
█ Reliability Test Item And Condition
The reliability of products shall be satisfied with items listed below.
Confidence level:90%
LTPD:10%
NO.
Item
Test
Conditions
Test
Hours/
Cycle
Sample
Size
Failure
Judgement
Criteria
Ac/Re
1
Solder Heat
TEMP : 260℃ ± 5 ℃
10 sec
22 PCs
0/1
H : +100℃
15 min
Ic(on)≦L×0.8
2
Temperature Cycle
5 min
300 cycle
22 PCs
L :Lower
specification
limit
L : -40℃
15 min
0/1
H : +100℃
5 min
3
Thermal Shock
10 sec
300 cycle
22 PCs
L : -10℃
5 min
0/1
4
High Temperature
Storage
TEMP. : +100℃
1000 hrs
22 PCs
0/1
5
Low Temperature
Storage
TEMP. : -40℃
1000 hrs
22 PCs
0/1
6
DC Operating Life VCE=5V IF=20mA
1000 hrs
22 PCs
0/1
7
High Temperature /
High Humidity
85℃ / 85% R.H.
1000 hrs
22 PCs
0/1


Similar Part No. - IR1254-R8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IR12-21C-TR8 EVERLIGHT-IR12-21C-TR8 Datasheet
202Kb / 10P
   Chip Infrared LED With Right Angle Lens
IR12-21C-TR8 EVERLIGHT-IR12-21C-TR8_15 Datasheet
220Kb / 9P
   Chip Infrared LED With Right Angle Lens
logo
XP Power Limited
IR1205S XPPOWER-IR1205S Datasheet
72Kb / 1P
   Single & Dual Output
IR1205SA XPPOWER-IR1205SA Datasheet
72Kb / 1P
   Single & Dual Output
IR1209S XPPOWER-IR1209S Datasheet
72Kb / 1P
   Single & Dual Output
More results

Similar Description - IR1254-R8

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ITR20508 EVERLIGHT-ITR20508 Datasheet
190Kb / 8P
   OPTO INTERRUPTER ITR
ITR20507 EVERLIGHT-ITR20507 Datasheet
184Kb / 7P
   OPTO INTERRUPTER ITR
ITR20506 EVERLIGHT-ITR20506 Datasheet
186Kb / 7P
   OPTO INTERRUPTER ITR
ITR20403 EVERLIGHT-ITR20403_06 Datasheet
250Kb / 8P
   OPTO INTERRUPTER ITR
ITR8307-L24 EVERLIGHT-ITR8307-L24 Datasheet
258Kb / 9P
   Opto Interrupter ITR
ITR8307-L24-TR8 EVERLIGHT-ITR8307-L24-TR8 Datasheet
324Kb / 10P
   Opto Interrupter ITR
ITR20004 EVERLIGHT-ITR20004 Datasheet
173Kb / 8P
   Opto Interrupter ITR
ITR9907 EVERLIGHT-ITR9907_05 Datasheet
328Kb / 9P
   OPTO INTERRUPTER ITR
ITR20505 EVERLIGHT-ITR20505 Datasheet
251Kb / 8P
   OPTO INTERRUPTER ITR
ITR20402 EVERLIGHT-ITR20402_06 Datasheet
320Kb / 9P
   OPTO INTERRUPTER ITR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com