Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ITR9809-T Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # ITR9809-T
Description  Opto Interrupter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ITR9809-T Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  ITR9809-T Datasheet HTML 1Page - Everlight Electronics Co., Ltd ITR9809-T Datasheet HTML 2Page - Everlight Electronics Co., Ltd ITR9809-T Datasheet HTML 3Page - Everlight Electronics Co., Ltd ITR9809-T Datasheet HTML 4Page - Everlight Electronics Co., Ltd ITR9809-T Datasheet HTML 5Page - Everlight Electronics Co., Ltd ITR9809-T Datasheet HTML 6Page - Everlight Electronics Co., Ltd ITR9809-T Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 1
Page: 4 of 7
Device No:CDRX-980-003
Prepared date:2006/12/28
Prepared by:Kunjiang Xie
ITR9809-F/T
█ Typical Electrical/Optical/Characteristics Curves for IR
25
1000
100
-40
1
10
60
0
20
40
80
100
120
140
50
75
100
120
2
10
10
01
10
10
3
10
4
0.8
0.7
0.4
0.6
0.2
1.0
0.9
-20
-10
40
-20
20
080
60
100
40
0
20
100
60
80
60
0.6
0.4
00.2
80
70
10
020
50
40
30
IF=20mA
Ta=25°C
1
25
50
1.3
1.2
1.1
120
100
75


Similar Part No. - ITR9809-T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ITR9803 EVERLIGHT-ITR9803 Datasheet
332Kb / 7P
   Opto Interrupter
ITR9807 EVERLIGHT-ITR9807 Datasheet
242Kb / 6P
   OPTO INTERRUPTER ITR
More results

Similar Description - ITR9809-T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ITR9909 EVERLIGHT-ITR9909 Datasheet
246Kb / 7P
   Opto Interrupter
ITR9813 EVERLIGHT-ITR9813 Datasheet
235Kb / 8P
   Opto Interrupter
EAITRBA2 EVERLIGHT-EAITRBA2 Datasheet
383Kb / 9P
   Opto Interrupter
EAITRCA1 EVERLIGHT-EAITRCA1 Datasheet
471Kb / 9P
   Opto Interrupter
EAITRDA3 EVERLIGHT-EAITRDA3 Datasheet
512Kb / 9P
   Opto Interrupter
EAITRDA8 EVERLIGHT-EAITRDA8 Datasheet
371Kb / 9P
   Opto Interrupter
ITR9803 EVERLIGHT-ITR9803 Datasheet
332Kb / 7P
   Opto Interrupter
ITR8307-F43 EVERLIGHT-ITR8307-F43_09 Datasheet
229Kb / 9P
   Opto Interrupter
ITR20510-TR8 EVERLIGHT-ITR20510-TR8 Datasheet
259Kb / 10P
   Opto Interrupter
ITR8104 EVERLIGHT-ITR8104 Datasheet
651Kb / 8P
   Opto Interrupter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com