Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TXS0108E Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TXS0108E
Description  8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TXS0108E Datasheet(HTML) 8 Page - Texas Instruments

Back Button TXS0108E Datasheet HTML 4Page - Texas Instruments TXS0108E Datasheet HTML 5Page - Texas Instruments TXS0108E Datasheet HTML 6Page - Texas Instruments TXS0108E Datasheet HTML 7Page - Texas Instruments TXS0108E Datasheet HTML 8Page - Texas Instruments TXS0108E Datasheet HTML 9Page - Texas Instruments TXS0108E Datasheet HTML 10Page - Texas Instruments TXS0108E Datasheet HTML 11Page - Texas Instruments TXS0108E Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
www.ti.com
SWITCHING CHARACTERISTICS
TXS0108E
8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR
FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
SCES642 – DECEMBER 2007
over recommended operating free-air temperature range, VCCA = 1.5 V ± 0.1 V (unless otherwise noted)
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 5 V
FROM
TO
TEST
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
PARAMETER
(INPUT
UNIT
(OUTPUT)
CONDITIONS
)
MIN
MAX
MIN
MAX
MIN
MAX
MIN MAX
Push-pull driving
11
9.2
8.6
8.6
tPHL
Open-drain driving
4
14.4
3.6
12.8
3.5
12.2
3.5
12
A
B
ns
Push-pull driving
12
10
9.8
9.7
tPLH
Open-drain driving
182
720
143
554
114
473
81
384
Push-pull driving
12.7
11.1
11
12
tPHL
Open-drain driving
3.4
13.2
3.1
9.6
2.8
8.5
2.5
7.5
B
A
ns
Push-pull driving
9.5
6.2
5.1
1.6
tPLH
Open-drain driving
186
745
147
603
118
519
84
407
ten
OE
A or B
200
200
200
200
ns
Push-pull driving
tdis
OE
A or B
28.1
22
20.1
19.6
ns
Push-pull driving
3.5
13.1
3
9.8
3.1
9
3.2
8.3
trA
A-port rise time
ns
Open-drain driving
147
982
115
716
92
592
66
481
Push-pull driving
2.9
11.4
1.9
7.4
0.9
4.7
0.7
2.6
trB
B-port rise time
ns
Open-drain driving
135
1020
91
756
58
653
20
370
Push-pull driving
2.3
9.9
1.7
7.7
1.6
6.8
1.7
6
tfA
A-port fall time
Open-drain driving
2.4
10
2.1
7.9
1.7
7
1.5
6.2
ns
Push-pull driving
2
8.7
1.3
5.5
0.9
3.8
0.8
3.1
tfB
B-port fall time
Open-drain driving
1.2
11.5
1.3
8.6
1
9.6
0.5
7.7
Channel-to-channel
1
1
1
1.1
1
tSK(O)
Push-pull driving
ns
skew
Push-pull driving
40
60
60
50
Mbp
Max data rate
A or B
s
Open-drain driving
1
1
1
1
1
8
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TXS0108E


Similar Part No. - TXS0108E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0108E TI-TXS0108E Datasheet
764Kb / 23P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0108E TI-TXS0108E Datasheet
677Kb / 23P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0108E TI1-TXS0108E Datasheet
1Mb / 28P
[Old version datasheet]   8-Bit Bi-directional, Level-Shifting, Voltage Translator
TXS0108E TI1-TXS0108E Datasheet
2Mb / 36P
[Old version datasheet]   TXS0108E 8-Bit Bi-directional, Level-Shifting, Voltage Translator for Open-Drain and Push-Pull Applications
TXS0108E-Q1 TI1-TXS0108E-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   8-Bit Bi-directional, Level-Shifting, Voltage Translator
More results

Similar Description - TXS0108E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0108E TI-TXS0108E_10 Datasheet
764Kb / 23P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0108E_101 TI-TXS0108E_101 Datasheet
677Kb / 23P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
logo
Union Semiconductor, In...
UM2002 UNIONSEMI-UM2002 Datasheet
279Kb / 12P
   Bidirectional voltage level translator for open-drain and push-pull applications
logo
NXP Semiconductors
NVT2001 NXP-NVT2001_V01 Datasheet
542Kb / 32P
   Bidirectional voltage level translator for open-drain and push-pull applications
Rev. 4.4 - 22 May 2023
NVT2006BS PHILIPS-NVT2006BS Datasheet
493Kb / 33P
   Bidirectional voltage-level translator for open-drain and push-pull applications
Rev. 5-19 February 2014
logo
Union Semiconductor, In...
UM3211P UNIONSEMI-UM3211P Datasheet
275Kb / 10P
   Bidirectional voltage level translator for open-drain and push-pull applications
logo
NXP Semiconductors
NVT2008PW NXP-NVT2008PW Datasheet
439Kb / 33P
   Bidirectional voltage-level translator for open-drain and push-pull applications
Rev. 3-27 January 2014
NVT2001 PHILIPS-NVT2001 Datasheet
217Kb / 23P
   Bidirectional voltage level translator for open-drain and push-pull applications
Rev. 2-26 October 2011
logo
Union Semiconductor, In...
UM2002 UNIONSEMI-UM2002_15 Datasheet
280Kb / 12P
   Bidirectional Voltage Level Translator for Open-Drain and Push-Pull Applications
UM2001P UNIONSEMI-UM2001P Datasheet
245Kb / 10P
   Bidirectional Voltage Level Translator for Open-Drain and Push-Pull Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com