Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W27LE520W-70 Datasheet(PDF) 6 Page - Winbond

Part # W27LE520W-70
Description  64K X 8 ELECTRICALLY ERASABLE EPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W27LE520W-70 Datasheet(HTML) 6 Page - Winbond

Back Button W27LE520W-70 Datasheet HTML 2Page - Winbond W27LE520W-70 Datasheet HTML 3Page - Winbond W27LE520W-70 Datasheet HTML 4Page - Winbond W27LE520W-70 Datasheet HTML 5Page - Winbond W27LE520W-70 Datasheet HTML 6Page - Winbond W27LE520W-70 Datasheet HTML 7Page - Winbond W27LE520W-70 Datasheet HTML 8Page - Winbond W27LE520W-70 Datasheet HTML 9Page - Winbond W27LE520W-70 Datasheet HTML 10Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Advance Information W27LE520
- 6 -
READ OPERATION DC CHARACTERISTICS
(VDD = 3.0V to 3.6V or 4.5V to 5.5V, TA = 0 to 70
° C)
PARAMETER
SYM.
CONDITIONS
LIMITS
UNIT
MIN.
TYP.
MAX
.
Input Load Current
ILI
VIN = 0V to VDD
-5
-
5
µA
Output Leakage Current
ILO
VOUT = 0V to VDD
-5
-
5
µA
VDD = 3.0V to
3.6V
-
-
20
Standby VDD Current
(CMOS input)
ISB
VDD = 4.5V to
5.5V
ALE = VDD
±0.3V,
OE/VPP = VDD
±0.3V
All others inputs
= GND/ VDD
±0.3V
-
100
µA
VDD = 3.0V to
3.6V
-
-
8
VDD Operating Current
IDD
VDD = 4.5V to
5.5V
ALE = VIL, IOUT = 0
mA
f = 5 MHz
-
-
20
mA
Input Low Voltage
VIL
-
-0.6
-
0.8
V
Input High Voltage
VIH
-
2.0
-
VDD
+0.3
V
Output Low Voltage
VOL
IOL = 2.1 mA
-
-
0.4
V
Output High Voltage
VOH
IOH = -0.4 mA
2.4
-
-
V
READ OPERATION AC CHARACTERISTICS
(VDD = 3.0V to 3.6V or 4.5V to 5.5V, TA = 0 to 70
° C)
PARAMETER
SYM.
W27LE520-70
W27LE520-90
UNIT
MIN.
MAX.
MIN.
MAX
.
Address Latch Enable Access Time
TCE
-
70
-
90
nS
Address Latch Enable Width
TALE
45
-
45
-
nS
Address Access Time
TACC
-
70
-
90
nS
Address Setup Time
TAS
15
-
15
-
nS
Address Hold Time
TAH
15
-
15
-
nS
Output Enable Access Time
TOE
-
35
-
35
nS
OE
/VPP High to High-Z Output
TDF
-
25
-
25
nS
Output Hold from Address Change
TOH
0
-
0
-
nS
Note: VDD must be applied simultaneously or before VPP and removed simultaneously or after VPP.


Similar Part No. - W27LE520W-70

ManufacturerPart #DatasheetDescription
logo
Winbond
W27L01 WINBOND-W27L01 Datasheet
244Kb / 15P
   128K X 8 ELECTRICALLY ERASABLE EPROM
W27L010 WINBOND-W27L010 Datasheet
121Kb / 14P
   128K 쨈 8 ELECTRICALLY ERASABLE EPROM
W27L010-12 WINBOND-W27L010-12 Datasheet
121Kb / 14P
   128K 쨈 8 ELECTRICALLY ERASABLE EPROM
W27L010-90 WINBOND-W27L010-90 Datasheet
121Kb / 14P
   128K 쨈 8 ELECTRICALLY ERASABLE EPROM
W27L010P-12 WINBOND-W27L010P-12 Datasheet
121Kb / 14P
   128K 쨈 8 ELECTRICALLY ERASABLE EPROM
More results

Similar Description - W27LE520W-70

ManufacturerPart #DatasheetDescription
logo
Winbond
W27E512 WINBOND-W27E512 Datasheet
191Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27C512 WINBOND-W27C512 Datasheet
161Kb / 15P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27C520 WINBOND-W27C520 Datasheet
239Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27E520 WINBOND-W27E520 Datasheet
234Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27L520 WINBOND-W27L520 Datasheet
105Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27E040 WINBOND-W27E040 Datasheet
174Kb / 15P
   512K X 8 ELECTRICALLY ERASABLE EPROM
W27C010 WINBOND-W27C010 Datasheet
169Kb / 15P
   128K X 8 ELECTRICALLY ERASABLE EPROM
W27C020M WINBOND-W27C020M Datasheet
160Kb / 14P
   256K X 8 ELECTRICALLY ERASABLE EPROM
W27E010 WINBOND-W27E010 Datasheet
194Kb / 15P
   128K X 8 ELECTRICALLY ERASABLE EPROM
W27E020 WINBOND-W27E020 Datasheet
160Kb / 14P
   256K X 8 ELECTRICALLY ERASABLE EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com