Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W27LE520S-90 Datasheet(PDF) 3 Page - Winbond

Part # W27LE520S-90
Description  64K X 8 ELECTRICALLY ERASABLE EPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W27LE520S-90 Datasheet(HTML) 3 Page - Winbond

  W27LE520S-90 Datasheet HTML 1Page - Winbond W27LE520S-90 Datasheet HTML 2Page - Winbond W27LE520S-90 Datasheet HTML 3Page - Winbond W27LE520S-90 Datasheet HTML 4Page - Winbond W27LE520S-90 Datasheet HTML 5Page - Winbond W27LE520S-90 Datasheet HTML 6Page - Winbond W27LE520S-90 Datasheet HTML 7Page - Winbond W27LE520S-90 Datasheet HTML 8Page - Winbond W27LE520S-90 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Advance Information W27LE520
Publication Release Date: 4/26/2000
- 3 -
Revision A1
An EPROM's power switching characteristics require careful device decoupling. System designers are
interested in three supply current issues: standby current levels (ISB), active current levels (IDD), and
transient current peaks produced by the falling and rising edges of ALE Transient current magnitudes
depend on the device output's capacitive and inductive loading. Proper decoupling capacitor selection
will suppress transient voltage peaks. Each device should have a
0.1
µF ceramic capacitor connected between its VDD and GND. This high frequency, low inherent-
inductance capacitor should be placed as close as possible to the device. Additionally, for every eight
devices, a 4.7
µF electrolytic capacitor should be placed at the array's power supply connection
between VDD and GND. The bulk capacitor will overcome voltage slumps caused by PC board trace
inductances.
TABLE OF OPERATING MODES
(VPP = 13V, VPE = 13V, VHH = 12V, VDP = 6.5V, VDE = 6.5V, VDD = 3.3V or 5.0V, VDI = 5.0V, X = VIH or VIL)
MODE
PIN
ALE
OE /VPP
OTHER ADDRESS
VDD
AD[7:0]
Address Latch Enable
VIH
VIH
X
VDD
A[7:0]
Read
VIL
VIL
AIN
VDD
DOUT
Output Disable
VIL
VIH
X
VDD
High Z
Standby
VIH
VIH
AIN
VDD
A[7:0]
Program
VIH
VPP
AIN
VDP
DIN
Erase 1
VIH
VPE
A8&A11 = VIL, A9 = VPE,
A10 = VIH, Others = X
VDE
X
Erase 2
VIH
VPE
First command:
Addr. = 5555 (hex)
VDE
AA(hex)
Secon command:
Addr. = 2AAA (hex)
VDE
10(hex)
Product Identifier-
manufacturer
VIL
VIL
A8 = VIL, A9 = VHH, Others = X
VDI
DA(Hex)
Product Identifier-device
VIL
VIL
A8 = VIH, A9 = VHH, Others = X
VDI
1F(Hex)


Similar Part No. - W27LE520S-90

ManufacturerPart #DatasheetDescription
logo
Winbond
W27L01 WINBOND-W27L01 Datasheet
244Kb / 15P
   128K X 8 ELECTRICALLY ERASABLE EPROM
W27L010 WINBOND-W27L010 Datasheet
121Kb / 14P
   128K 쨈 8 ELECTRICALLY ERASABLE EPROM
W27L010-12 WINBOND-W27L010-12 Datasheet
121Kb / 14P
   128K 쨈 8 ELECTRICALLY ERASABLE EPROM
W27L010-90 WINBOND-W27L010-90 Datasheet
121Kb / 14P
   128K 쨈 8 ELECTRICALLY ERASABLE EPROM
W27L010P-12 WINBOND-W27L010P-12 Datasheet
121Kb / 14P
   128K 쨈 8 ELECTRICALLY ERASABLE EPROM
More results

Similar Description - W27LE520S-90

ManufacturerPart #DatasheetDescription
logo
Winbond
W27E512 WINBOND-W27E512 Datasheet
191Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27C512 WINBOND-W27C512 Datasheet
161Kb / 15P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27C520 WINBOND-W27C520 Datasheet
239Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27E520 WINBOND-W27E520 Datasheet
234Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27L520 WINBOND-W27L520 Datasheet
105Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27E040 WINBOND-W27E040 Datasheet
174Kb / 15P
   512K X 8 ELECTRICALLY ERASABLE EPROM
W27C010 WINBOND-W27C010 Datasheet
169Kb / 15P
   128K X 8 ELECTRICALLY ERASABLE EPROM
W27C020M WINBOND-W27C020M Datasheet
160Kb / 14P
   256K X 8 ELECTRICALLY ERASABLE EPROM
W27E010 WINBOND-W27E010 Datasheet
194Kb / 15P
   128K X 8 ELECTRICALLY ERASABLE EPROM
W27E020 WINBOND-W27E020 Datasheet
160Kb / 14P
   256K X 8 ELECTRICALLY ERASABLE EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com